Part Number Hot Search : 
4840N HPR211C CRCW1210 01900 CA11172 A0201 CLC3605 32DW6
Product Description
Full Text Search
 

To Download 74AHCT2G32GD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74ahc2g32; 74ahct2g32 is a high-speed si-gate cmos device. the 74ahc2g32; 74ahct2g32 provides two 2-input or gates. 2. features n symmetrical output impedance n high noise immunity n esd protection: u hbm jesd22-a114e exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101c exceeds 1000 v n low power dissipation n balanced propagation delays n multiple package options n speci?ed from - 40 cto+85 c and from - 40 c to +125 c 3. ordering information 74ahc2g32; 74ahct2g32 dual 2-input or gate rev. 02 20 january 2009 product data sheet table 1. ordering information type number package temperature range name description version 74ahc2g32dp - 40 c to +125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 74ahct2g32dp 74ahc2g32dc - 40 c to +125 c vssop8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 74ahct2g32dc 74ahc2g32gd - 40 c to +125 c xson8u plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 2 0.5 mm sot996-2 74AHCT2G32GD
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 2 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 4. marking 5. functional diagram 6. pinning information 6.1 pinning table 2. marking type number marking code 74ahc2g32dp a32 74ahct2g32dp c32 74ahc2g32dc a32 74ahct2g32dc c32 74ahc2g32gd a32 74AHCT2G32GD c32 fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram (one gate) mna733 1a 1b 1y 2 1 7 2a 2b 2y 6 5 3 mna734 7 3 1 3 1 2 1 3 6 5 mna166 b a y fig 4. pin con?guration sot505-2 (tssop8) and sot765-1 (vssop8) fig 5. pin con?guration sot996-2 (xson8u) 74ahc2g32 74ahct2g32 1a v cc 1b 1y 2y 2b gnd 2a 001aaj504 1 2 3 4 6 5 8 7 001aaj505 74ahc2g32 74ahct2g32 transparent top view 8 7 6 5 1 2 3 4 1a 1b 2y gnd v cc 1y 2b 2a
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 3 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for tssop8 package: above 55 c the value of p tot derates linearly with 2.5 mw/k. for vssop8 package: above 110 c the value of p tot derates linearly with 8 mw/k. for xson8u package: above 45 c the value of p tot derates linearly with 2.4 mw/k. table 3. pin description symbol pin description 1a, 2a 1, 5 data input 1b, 2b 2, 6 data input gnd 4 ground (0 v) 1y, 2y 7, 3 data output v cc 8 supply voltage table 4. function table [1] input output na nb ny ll l lh h hl h hh h table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage - 0.5 +7.0 v i ik input clamping current v i < - 0.5 v [1] - 20 - ma i ok output clamping current v o < - 0.5 v or v o >v cc + 0.5 v [1] - 20 ma i o output current - 0.5 v < v o 74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 4 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 9. recommended operating conditions 10. static characteristics table 6. recommended operating conditions voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 74ahc2g32 74ahct2g32 unit min typ max min typ max v cc supply voltage 2.0 5.0 5.5 4.5 5.0 5.5 v v i input voltage 0 - 5.5 0 - 5.5 v v o output voltage 0 - v cc 0-v cc v t amb ambient temperature - 40 +25 +125 - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 3.3 v 0.3 v - - 100 - - - ns/v v cc = 5.0 v 0.5 v - - 20 - - 20 ns/v table 7. static characteristics voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max 74ahc2g32 v ih high-level input voltage v cc = 2.0 v 1.5 - - 1.5 - 1.5 - v v cc = 3.0 v 2.1 - - 2.1 - 2.1 - v v cc = 5.5 v 3.85 - - 3.85 - 3.85 - v v il low-level input voltage v cc = 2.0 v - - 0.5 - 0.5 - 0.5 v v cc = 3.0 v - - 0.9 - 0.9 - 0.9 v v cc = 5.5 v - - 1.65 - 1.65 - 1.65 v v oh high-level output voltage v i = v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = - 50 m a; v cc = 3.0 v 2.9 3.0 - 2.9 - 2.9 - v i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = - 4.0 ma; v cc = 3.0 v 2.58 - - 2.48 - 2.40 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - 3.8 - 3.70 - v v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 3.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.36 - 0.44 - 0.55 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 1.0 - 10 - 40 m a c i input capacitance - 1.5 10 - 10 - 10 pf
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 5 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 11. dynamic characteristics 74ahct2g32 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i = v ih or v il ; v cc = 4.5 v i o = - 50 m a 4.4 4.5 - 4.4 - 4.4 - v i o = - 8.0 ma 3.94 - - 3.8 - 3.70 - v v ol low-level output voltage v i = v ih or v il ; v cc = 4.5 v i o = 50 m a - 0 0.1 - 0.1 - 0.1 v i o = 8.0 ma - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 1.0 - 10 - 40 m a d i cc additional supply current per input pin; v i = 3.4 v; other inputs at v cc or gnd; i o = 0 a; v cc = 5.5 v - - 1.35 - 1.5 - 1.5 ma c i input capacitance - 1.5 10 - 10 - 10 pf table 7. static characteristics continued voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max table 8. dynamic characteristics gnd = 0 v; for test circuit see figure 7 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max 74ahc2g32 t pd propagation delay na, nb to ny; see figure 6 [1] v cc = 3.0 v to 3.6 v [2] c l = 15 pf - 4.4 7.9 1.0 9.5 1.0 10.0 ns c l = 50 pf - 6.3 11.4 1.0 13.0 1.0 14.5 ns v cc = 4.5 v to 5.5 v [3] c l = 15 pf - 3.2 5.5 1.0 6.5 1.0 7.0 ns c l = 50 pf - 4.6 7.5 1.0 8.5 1.0 9.5 ns c pd power dissipation capacitance per buffer; c l = 50 pf; f i = 1 mhz; v i = gnd to v cc [4] -16- - - - - pf
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 6 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate [1] t pd is the same as t plh and t phl . [2] typical values are measured at v cc = 3.3 v. [3] typical values are measured at v cc = 5.0 v. [4] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of the outputs. 12. waveforms 74ahct2g32 t pd propagation delay na, nb to ny; see figure 6 [1] v cc = 4.5 v to 5.5 v [3] c l = 15 pf - 3.3 6.9 1.0 8.0 1.0 9.0 ns c l = 50 pf - 4.8 7.9 1.0 9.0 1.0 10.0 ns c pd power dissipation capacitance per buffer; c l = 50 pf; f i = 1 mhz; v i = gnd to v cc [4] -17- - - - - pf table 8. dynamic characteristics continued gnd = 0 v; for test circuit see figure 7 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max fig 6. the input (na and nb) to output (ny) propagation delays. mna224 na, nb input ny output t plh t phl gnd v i v m v m v oh v ol table 9. measurement points type input output v m v m 74ahc2g32 0.5v cc 0.5v cc 74ahct2g32 1.5 v 0.5v cc
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 7 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate test data is given in t ab le 10 . de?nitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 7. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 10. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74ahc2g32 v cc 3 ns 15 pf, 50 pf 1 k w open gnd v cc 74ahct2g32 3 v 3 ns 15 pf, 50 pf 1 k w open gnd v cc
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 8 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 13. package outline fig 8. package outline sot505-2 (tssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) q references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 0 0.13 0.1 0.2 0.5 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 sot505-2 - - - 02-01-16 w m b p d z e 0.25 14 8 5 q a 2 a 1 l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale tssop8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 1.1 pin 1 index
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 9 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate fig 9. package outline sot765-1 (vssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (2) z (1) q references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 0 0.13 0.1 0.2 0.4 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 q 0.21 0.19 sot765-1 mo-187 02-06-07 w m b p d z e 0.12 14 8 5 q a 2 a 1 q l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale vssop8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 1 pin 1 index
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 10 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate fig 10. package outline sot996-2 (xson8u) references outline version european projection issue date iec jedec jeita sot996-2 - - - - - - sot996-2 07-12-18 07-12-21 unit a max mm 0.5 0.05 0.00 0.35 0.15 3.1 2.9 0.5 1.5 0.5 0.3 0.6 0.4 0.1 0.05 a 1 dimensions (mm are the original dimensions) xson8u: plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 x 2 x 0.5 mm 0 1 2 mm scale b d 2.1 1.9 e e e 1 l l 1 0.15 0.05 l 2 v w 0.05 y y 1 0.1 c y c y 1 x b 14 85 e 1 e a c b v m c w m l 2 l 1 l terminal 1 index area b a d e detail x a a 1
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 11 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 14. abbreviations 15. revision history table 11. abbreviations acronym description cdm charged device model cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 12. revision history document id release date data sheet status change notice supersedes 74ahc_ahct2g32_2 20090120 product data sheet - 74ahc_ahct2g32_1 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? added type number 74ahc2g32gd and 74AHCT2G32GD (xson8u package). 74ahc_ahct2g32_1 20040223 product speci?cation - -
74ahc_ahct2g32_2 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 02 20 january 2009 12 of 13 nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74ahc2g32; 74ahct2g32 dual 2-input or gate ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 20 january 2009 document identifier: 74ahc_ahct2g32_2 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 17 contact information. . . . . . . . . . . . . . . . . . . . . 12 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


▲Up To Search▲   

 
Price & Availability of 74AHCT2G32GD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X