Part Number Hot Search : 
NE5517D G5512 PJ1084L P0080SB PJ1084L C847B BDS16 C1512
Product Description
Full Text Search
 

To Download 68783-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0687830001 status: active overview: displayport description: displayport*-to-displayport* cable assembly with latches, 3.0m (9.84' ) length documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-68783-001 (pdf) general product family cable assemblies series 68783 connector to connector displayport* both ends overview displayport product name displayport* physical cable length 3.0m (9.84' ) circuits (loaded) 20 color - resin black gender male-male lock to mating part yes material - metal brass, stainless steel material - plating mating gold material - plating termination tin material - resin abs alloy, high temperature thermoplastic packaging type bag pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 32 plating min: mating (m) 0.8 plating min: termination (in) 80 plating min: termination (m) 2 single ended no termination interface: style surface mount waterproof / dustproof no wire insulation diameter n/a wire size awg 30 wire/cable type round electrical current - maximum per contact 0.5a impedance 100 ohms shield type full shield shielded yes voltage - maximum 40v material info reference - drawing numbers packaging specification pk-68783-001 product specification ps-68783-001 sales drawing sd-68783-001 *displayport is a trademark of vesa series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 68783 series mates with 47272 displayport* receptacle
this document was generated on 05/27/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 68783-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X