Part Number Hot Search : 
STV0672 Z840006 24AVR RUSBF160 TFMCJ16A 1N5244B ISO7840 B2567
Product Description
Full Text Search
 

To Download 1047370000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lxxx 15.00/03/90f 4.5sn bk bx view with tabs | list view general ordering data order no. 1047300000 part designation lxxx 15.00/03/90f 4.5sn bk bx version pcb terminal, clamping yo ke connection, solder connection, clamping range, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 3, 90, box gtin (ean) 4032248783854 qty. 10 pc(s). packaging box system parameters product family system lxxx conductor connection system clamping yoke connection fitted to pcb solder connection outgoing direction of conductor 90 pitch in mm 15 mm pitch in inch 0.591 inch no. of poles 3 fitted by customer no no. of rows 1 solder pin length 4.5 mm diameter of solder eyelet 1.6 mm tolerance of the diameter of the solder eyelet + 0,1 mm number of solder pins per pole 4 5 1047300000 lxxx 15.00/03/90f 4.5sn bk bx | weidmller product catalo g ue [p] [en] 2/1/2011 htt p ://catalo g .weidmueller.com/ p rocat/productprintpa g e. j s p ; j sessionid=e3fc4b5c1c141e ...
screwdriver blade 1.2 x 6.5 screwdriver blade standard din 5264 tightening torque, min. 2.5 nm tightening torque, max. 4 nm clamping screw m 6 stripping length 18 mm l1 in mm 30 mm l1 in inch 1.181 inch material data insulating material wemid (pa) colour black flammability class ul 94 v-0 cti 600 contact material copper alloy contact surface tinned contact base material copper alloy connectable conductors clamping range, min. 0.5 mm2 clamping range, max. 50 mm2 conductor connection cr oss-section awg, min. awg 20 conductor connection cr oss-section awg, max. awg 1 solid, min. h05(07) v-u 0.5 mm2 solid, max. h05(07) v-u 16 mm2 stranded, max. h07v-r 50 mm2 stranded, min. h07v-r 6 mm2 flexible, min. h05(07) v-k 0.5 mm2 flexible, max. h05(07) v-k 35 mm2 w. wire end ferrule, din 46228 pt 1, min 0.5 mm2 with wire end ferrule, din 46228 pt 1, max. 35 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.5 mm2 with plastic collar ferrule, din 46228 pt 4, max. 35 mm2 5 1047300000 lxxx 15.00/03/90f 4.5sn bk bx | weidmller product catalo g ue [p] [en] 2/1/2011 htt p ://catalo g .weidmueller.com/ p rocat/productprintpa g e. j s p ; j sessionid=e3fc4b5c1c141e ...
din iec rating data rated current, min. no. of poles (tu=20c) 150 a rated current, no. of poles (tu=40c), min. 150 a rated voltage for overvoltage class/pollution severity ii/2 1,000 v rated voltage for overvoltage class/pollution severity iii/2 1,000 v rated voltage at overvoltage category/pollution degree iii/3 1,000 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 8 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 8 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 8 kv csa rating data rated voltage (use group b) 600 v rated current (use group b) 127 a rated voltage (use group c) 600 v rated current (use group c) 127 a rated voltage (use group d) 600 v rated current (use group d) 5 a wire cross-section, awg, min. awg 20 wire cross-section, awg, max. awg 1 ul 1059 rating data rated voltage (use group b) 600 v rated current (use group b) 127 a rated voltage (use group c) 600 v rated current (use group c) 127 a rated voltage (use group d) 600 v 5 1047300000 lxxx 15.00/03/90f 4.5sn bk bx | weidmller product catalo g ue [p] [en] 2/1/2011 htt p ://catalo g .weidmueller.com/ p rocat/productprintpa g e. j s p ; j sessionid=e3fc4b5c1c141e ...
rated current (use group d) 5 a wire cross-section, awg, min. awg 20 wire cross-section, awg, max. awg 1 approvals approvals institutes classifications eclass 6.0 27-26-11-01 notes notes ? additional colours on request ? rated current related to rated cross-section and min. no. of poles. ? wire end ferrule without plastic collar to din 46228 pt 1 ? wire end ferrule with plastic collar to din 46228 pt 4 ? p on drg. = pitch ? rated data refer only to the component itself. clearance and creepage distances to other components are to be designed in accordance with the relevant application standards. ? ip 20 from 16 mm2 to 50 mm2 similar products colour no. of poles solder pin length order no. part designation version 6 6 pebble grey 1 4.5 mm 1047360000 lxxx 15.00/01/90f 4.5sn gy bx pcb terminal, clamping yoke connection, solder connection, clamping range, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 1, 90, box add to inquiry list pdf datasheet 5 1047300000 lxxx 15.00/03/90f 4.5sn bk bx | weidmller product catalo g ue [p] [en] 2/1/2011 htt p ://catalo g .weidmueller.com/ p rocat/productprintpa g e. j s p ; j sessionid=e3fc4b5c1c141e ...
colour no. of poles solder pin length order no. part designation version 6 6 pebble grey 2 4.5 mm 1047370000 lxxx 15.00/02/90f 4.5sn gy bx pcb terminal, clamping yoke connection, solder connection, clamping range, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 2, 90, box add to inquiry list pdf datasheet pebble grey 3 4.5 mm 1047380000 lxxx 15.00/03/90f 4.5sn gy bx pcb terminal, clamping yoke connection, solder connection, clamping range, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 3, 90, box add to inquiry list pdf datasheet pebble grey 4 4.5 mm 1047390000 lxxx 15.00/04/90f 4.5sn gy bx pcb terminal, clamping yoke connection, solder connection, clamping range, max.: 50 mm2, pitch in mm: 15.00 mm, no. of poles: 4, 90, box add to inquiry list pdf datasheet 5 1047300000 lxxx 15.00/03/90f 4.5sn bk bx | weidmller product catalo g ue [p] [en] 2/1/2011 htt p ://catalo g .weidmueller.com/ p rocat/productprintpa g e. j s p ; j sessionid=e3fc4b5c1c141e ...


▲Up To Search▲   

 
Price & Availability of 1047370000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X