Part Number Hot Search : 
2SC5004 USFF1206 AC03D 0A015 20N03L 0FB100K 3266Y105 SBM37PT
Product Description
Full Text Search
 

To Download VSB3200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 89144 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 27-sep-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 high-voltage trench mos barrier schottky rectifier VSB3200 vishay general semiconductor new product features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? solder dip 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to ie c 61249-2-21 definition typical applications for use in high frequency rect ifier of switching mode power supplies, freewheeling diod es, dc-to-dc converters or polarity protection application. mechanical data case: do-201ad molding compound meets ul 94 v-0 flammabi lity rating base p/n-m3 - halogen-fr ee and rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes the cathode end note (1) units mounted on pcb with 2 mm x 2 mm copper pa d areas 0.375" (9.5 mm) lead length, free air primary characteristics i f(av) 3.0 a v rrm 200 v i fsm 90 a v f at i f = 3.0 a 0.63 v t j max. 150 c do-201ad tmbs ? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol VSB3200 unit maximum repetitive pe ak reverse voltage v rrm 200 v maximum average forward rectified current (fig. 1) (1) i f(av) 3.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 90 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 40 to + 150 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 89144 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 27-sep-10 VSB3200 vishay general semiconductor new product notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms note (1) units mounted on pcb with 2 mm x 2 mm copper pa d areas 0.375" (9.5 mm) lead length, free air ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fig. 2 - forward power loss characteristics electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit breakdown voltage i r = 1.0 ma t a = 25 c v br 200 (minimum) - v instantaneous forward voltage (1) i f = 3.0 a t a = 25 c v f 0.86 1.20 t a = 125 c 0.63 0.71 reverse current per diode (2) v r = 200 v t a = 25 c i r 1.6 60 a t a = 125 c 1.2 9 ma typical juntion capacitance 4.0 v, 1 mhz c j 175 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol VSB3200 unit typical thermal resistance (1) r ja 62 c/w r jl 9 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode VSB3200-m3/54 1.08 54 1400 13" di ameter paper tape and reel VSB3200-m3/73 1.08 73 1000 ammo pack packaging 0 0 50 75 25 100 125 150 175 3.5 average forward rectified current (a) lead temperature (c) 3.0 2.5 2.0 1.5 0.5 1.0 resistive or inductive load 0.375" (9.5 mm) lead length 0 2.4 03.5 average forward current (a) average power loss (w) d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0 2.0 1.6 1.2 0.8 0.4 3.0 2.5 2.0 1.5 0.5 d = t p /t t p t 1.0
document number: 89144 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 27-sep-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 VSB3200 vishay general semiconductor new product fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) 10 0.01 0 0.4 0.2 0.8 0.6 1.2 1.0 t a = 150 c t a = 125 c t a = 25 c instantaneous forward voltage (v) instantaneous forward current (a) 1 0.1 t a = 100 c instantaneous reverse current (ma) 10 30 20 100 40 60 80 percent of rated peak reverse voltage (%) 50 70 90 1 0.1 0.01 0.001 0.0001 t a = 100 c t a = 125 c t a = 150 c t a = 25 c junction capacitance (pf) 10 1 100 100 1000 10 0.1 reverse voltage (v) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.01 10 1 100 100 1 0.1 10 t - pulse duration (s) transient thermal impedance (c/w) junction to lead do-201ad 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VSB3200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X