Part Number Hot Search : 
GRM319 FDY101PZ SM7512F SW425 SMC20C MUR5020 15020 H8S2318R
Product Description
Full Text Search
 

To Download UUX2A681MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u 1 u 2 x 3 1 4 a 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 d l 8 6.2 8 10 cl 6.3 7.7 cl nl 10 10 nl configuration package code size code capacitance tolerance (?20%) rated capacitance (100 f) rated voltage (10v) series name type code (mm) a b c e l h 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 ~ 0.8 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 ~ 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1 d l aluminum electrolytic capacitors ux series chip type, higher capacitance range chip type, higher capacitance in larger case sizes .. designed for surface mounting on high density pc board. applicable to automatic mounting machine using carrier tape. adapted to the rohs directive (2002/95/ec). chip type ( 6.3, 8 6.2) ( 8 10, 10 10) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item ? 55 ~ +105c 6.3 ~ 100v 4.7 ~ 1000f 20% at 120hz, 20c after 1 minute's application of rated voltage, leakage current is not more than 0.03cv (a). black print on the case top. measurement frequency : 120hz after 2000 hours' application of rated voltage at 105c, capacitors meet the characteristic requirements listed at right. after storing the capacitors under no load at 105c for 1000 hours, and after performing voltage treatment based on jis c 5101- 4 clause 4.1 at 20c, they will meet the specified value for endurance characteristics listed above. z? 55c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 100 4 63 3 50 2 35 3 25 3 16 3 10 4 6.3 4 ux type numbering system (example : 10v 100 f) the capacitors shall be kept on the hot plate maintained at 250c for 30 seconds. after removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. rated ripple (marms) at 105c 120hz dimensions frequency coefficient of rated ripple current cap.(f) 00 ~ 47 0 100 ~ 1000 50 hz 120 hz 300 hz 1 khz 10 khz~ 0.80 1.00 1.15 1.40 1.67 0.85 1.00 1.08 1.20 1.30 frequency rated voltage (v) tan (max.) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.10 100 0.08 measurement frequency : 120hz, temperature : 20c capacitance change leakage current tan within 10% of initial value initial specified value or less initial specified value or less capacitance change leakage current tan within 20% of initial value initial specified value or less 200% or less of intial specified value uj extended range size 6.3 7.7 is available for capacitors marked. " " / size 8 10 is available for capacitors marked. " " in this case, 6 will be put at 12th digit of type numbering system. 4.7 10 22 33 47 100 220 330 470 680 1000 4r7 100 220 330 470 101 221 331 471 681 102 8 10 8 10 10 10 10 10 10 10 161 ( 121 ) 288 340 ( 316 ) 408 495 90 173 318 ( 296 ) 351 ( 326 ) 392 8 6.2 8 10 10 10 10 10 10 10 148 ( 111 ) 330 ( 307 ) 441 ( 410 ) 489 8 10 10 10 10 10 10 10 79 ( 78 ) 181 351 ( 283 ) 372 8 6.2 8 10 10 10 10 10 76 ( 75 ) 124 304 ( 283 ) 450 8 6.2 8 10 10 10 10 10 67 ( 64 ) 133 180 ( 167 ) 310 8 6.2 8 10 10 10 10 10 35 1v 50 1h 51 108 185 (179) 220 320 8 6.2 8 10 10 10 10 10 10 10 63 1j 42 75 150 (121) 180 230 8 6.2 8 10 10 10 10 10 10 10 100 2a 25 1e 16 1c 10 1a 6.3 0j cap. ( m f ) v code case size f d l (mm) rated ripple 2voltage capacitance 105 c marking lot no. plastic platform 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e h h positive negative 2 voltage mark for 6.3v is 6v . plastic platform pressure relief vent 0.3max. d 0.5 b 0.2 a 0.2 a 0.2 c 0.2 0.5max. e positive negative l 0.3 l 0.5 2 voltage capacitance lot no. trade mark trade mark 105 c marking n2p 100 16v n2p 100 10v 1 1 size 8 6.2 only ub taping specifications are given in page 24. recommended land size, soldering by reflow are given in page 25, 26. please select uj(p.76) series if high c/v products are reqired. please refer to page 3 for the minimum order quantity. cat.8100v high temperature


▲Up To Search▲   

 
Price & Availability of UUX2A681MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X