Part Number Hot Search : 
40031AIL MS3152 0SMCJ70A MB5342 6XS28D TMC261 0SMCJ70A 390MC
Product Description
Full Text Search
 

To Download STC62WV1024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STC62WV1024 revision 2.1 jan. 2004 1 power dissipation speed (ns) standby (i ccsb1 , max) (i cc , max) product family operating temperature vcc range pkg type STC62WV1024 sc sop-32 STC62WV1024 tc tsop-32 STC62WV1024 stc stsop-32 stc62w v1024pc pdip-32 STC62WV1024 jc soj-32 STC62WV1024 dc +0 o c to +70 o c 2.4v ~ 5.5v 55/70 8.0ua 14ma dice STC62WV1024 si sop-32 STC62WV1024 ti tsop-32 STC62WV1024 sti stsop-32 STC62WV1024 pi pdip-32 STC62WV1024 ji soj-32 STC62WV1024 di -40 o c to +85 o c2.4v ~ 5.5v 55/70 20ua 15ma dice very low power/voltage cmos sram 128k x 8 bit ? wide vcc operation voltage : 2.4v ~ 5.5v ? very low power consumption : vcc = 3.0v c-grade : 17ma (@55ns) operating current i- grade : 18ma (@55ns) operating current c-grade : 14ma (@70ns) operating current i- grade : 15ma (@70ns) operating current 0.1ua (typ.) cmos standby current vcc = 5.0v c-grade : 46ma (55ns) operating current i- grade : 47ma (55ns) operating current c-grade : 38ma (70ns) operating current i- grade : 39ma (70ns) operating current 0.6ua (typ.) cmos standby current ? high speed access time : -55 55ns -70 70ns ? automatic power down when chip is deselected the STC62WV1024 is a high performance, very low power cmos static random access memory organized as 131,072 words by 8 bits and operates from a wide range of 2.4v to 5.5v supply voltage. advanced cmos technology and circuit techniques provide both high speed and low power features with a typical cmos standby current of 0.1ua at 3v/25 o c and maximum access time of 55ns at 3v/85 o c. easy memory expansion is provided by an active low chip enable (ce1), an active high chip enable (ce2), and active low output enable (oe) and three-state output drivers. t he STC62WV1024 h as a n au t omatic pow er dow n feature, reducing the power consumption significantly when chip is deselected. the STC62WV1024 is available in dice form , jedec standard 32 pin 450mil plastic sop, 300mil plastic soj, 600mil plastic dip,8mm x13.4 mm stsop and 8mmx20mm tsop. ? description ? features ? block diagram ? product family ? pin configurations stc international limited . reserves the right to modi fy document contents without notice. STC62WV1024 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 nc a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 dq0 dq1 dq2 gnd vcc a15 ce2 we a13 a8 a9 a11 oe a10 ce1 dq7 dq6 dq5 dq4 dq3 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 ? 62wv1024sc 62wv1024si 62wv1024pc 62wv1024pi 62wv1024jc 62wv1024ji a7 address input buffer row decoder memory array 1024 x 1024 column i/o write driver sense amp column decoder data buffer output address input buffer a3 a2 a1 a0 a10 data buffer input control gnd vdd oe we ce1 dq7 dq6 dq5 dq4 dq3 dq2 dq1 dq0 a14 a9 a11 a8 a13 a12 a6 8 8 8 8 14 128 1024 1024 20 a16 a15 a4 a5 ce2 stc oe a10 ce1 dq7 dq6 dq5 dq4 dq3 gnd dq2 dq1 dq0 a0 a1 a2 a3 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 a11 a9 a8 a13 we ce2 a15 vcc nc a16 a14 a12 a7 a6 a5 a4 ? 62wv1024tc 62wv1024tc 62wv1024ti 62wv1024sti ? easy expansion with ce2, ce1, and oe options ? three state outputs and ttl compatible ? fully static operation ? data retention supply voltage as low as 1.5v vcc=5.0v vcc=3.0v 70ns 1.3ua 2.5ua 38ma 39ma 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 55ns : 3.0~5.5v 70ns : 2.7~5.5v operating 70ns vcc=3v vcc=5v .com .com .com
STC62WV1024 revision 2.1 jan. 2004 2 stc STC62WV1024 symbol parameter conditions max. unit c in input capacitance v in =0v 6 pf c dq input/output capacitance v i/o =0v 8 pf ? absolute maximum ratings (1) ? operating range ? capacitance (1) (ta = 25 o c, f = 1.0 mhz) 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 1. this parameter is guaranteed and not 100% tested. symbol parameter rating units v term terminal voltage with respect to gnd -0.5 to vcc+0.5 v t bias temperature under bias -40 to +85 o c t stg storage temperature -60 to +150 o c p t power dissipation 1.0 w i out dc output current 20 ma range ambient temperature vcc commercial 0 o c to +70 o c2.4v ~ 5.5v industrial -40 o c to +85 o c2.4v ~ 5.5v ? truth table ? pin descriptions name function a0-a16 address input these 17 address inputs select one of the 131,072 x 8-bit words in the ram ce1 chip enable 1 input ce2 chip enable 2 input ce1 is active low and ce2 is active high. both chip enables must be active when data read from or write to the device. if either chip enable is not active, the device is deselected and is in a standby power mode. the dq pins will be in the high impedance state when the device is deselected. we write enable input the write enable input is active low and controls read and write operations. with the chip selected, when we is high and oe is low, output data will be present on the dq pins; when we is low, the data present on the dq pins will be written into the selected memory location. oe output enable input the output enable input is active low. if the output enable is active while the chip is selected and the write enable is inactive, data will be present on the dq pins and they will be enabled. the dq pins will be in the high impedance state when oe is inactive. dq0-dq7 data input/output ports these 8 bi-directional ports are used to read data from or write data into the ram. vcc power supply gnd ground mode we ce1 ce2 oe i/o operation vcc current xhxx not selected (power down) xxlx high z i ccsb , i ccsb1 output disabled h l h h high z i cc read h l h l d out i cc write l l h x d in i cc .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 3 stc STC62WV1024 1. typical characteristics are at ta = 25 o c. 2. these are absolute values with respect to device ground and all overshoots due to system or tester notice are included. 3. fmax = 1/t rc . 4. icc sb1_max. is 1.3ua/8.0ua at vcc=3.0v/5.0v and t a =70 o c. 5. icc _max. is 18ma(@3v)/ 47ma(@5v) under 55ns operation. ? data retention characteristics ( ta = -40 o c to + 85 o c ) 1. vcc = 1.5v, t a = + 25 o c 2. t rc = read cycle time 3. i cc dr_max. is 0.2ua at t a =70 o c. ? dc electrical characteristics ( ta = -40 o c to + 85 o c ) ? low v cc data retention waveform (1) ( ce1 controlled ) ce1 data retention mode vcc t cdr vcc t r v ih v ih vcc v dr 1.5v ce1 vcc - 0.2v ? low v cc data retention waveform (2) ( ce2 controlled ) symbol parameter test conditions min. typ. (1) max. units v dr vcc for data retention ce1 R vcc - 0.2v or ce2 Q 0.2v, v in R vcc - 0.2v or v in Q 0.2v 1.5 -- -- v i ccdr (3) data retention current ce1 R vcc - 0.2v or ce2 Q 0.2v, v in R vcc - 0.2v or v in Q 0.2v -- 0.05 0.3 ua t cdr chip deselect to data retention time 0 -- -- ns t r operation recovery time see retention waveform t rc (2) -- -- ns ce2 data retention mode vcc t cdr vcc t r v il v il vcc v dr R 1.5v ce2 Q 0.2v parameter name parameter test conditions min. typ. (1) max. units vcc=3.0v v il guaranteed input low voltage (2) vcc=5.0v -0.5 -- 0.8 v vcc=3.0v 2.0 v ih guaranteed input high voltage (2) vcc=5.0v 2.2 -- vcc+0.3 v i il input leakage current vcc = max, v in = 0v to vcc -- -- 1 ua i lo output leakage current vcc = max, ce1= v ih , ce2= v il, or oe = v ih , v i/o = 0v to vcc -- -- 1 ua vcc=3.0v v ol output low voltage vcc = max, i ol = 2.0ma vcc=5.0v -- -- 0.4 v vcc=3.0v v oh output high voltage vcc = min, i oh = -1.0ma vcc=5.0v 2.4 -- -- v vcc=3.0v -- -- 15 i cc (5) operating power supply current ce1 = v il , or ce2 = v ih , i dq = 0ma, f = fmax (3) 70ns vcc=5.0v -- -- 39 ma vcc=3.0v -- -- 0.5 i ccsb standby current-ttl ce1 = v ih , or ce2 = v il , i dq = 0ma vcc=5.0v -- -- 1.0 ma vcc=3.0v -- 0.1 2.5 i ccsb1 (4) standby current-cmos ce1 R vcc-0.2v or ce2 Q 0.2v, v in R vcc-0.2v or v in Q 0.2v vcc=5.0v -- 0.6 20 ua .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 4 ? key to switching waveforms waveform inputs outputs must be steady may change from h to l don t care: any change permitted does not apply must be steady will be change from h to l change : state unknown center line is high impedance ?off ?state may change from l to h will be change from l to h , stc STC62WV1024 ? ac test conditions (test load and input/output reference) input pulse levels vcc / 0v input rise and fall times 1v/ns input and output timing reference level 0.5vcc output load c l = 30pf+1ttl c l = 100pf+1ttl ? ac electrical characteristics ( ta = -40 o c to + 85 o c ) read cycle jedec parameter name name description unit t avax t rc read cycle time 55 -- -- 70 -- -- ns t avqv t aa address access time -- -- 55 -- -- 70 ns t e1lqv t acs1 chip select access time (ce1) -- -- 55 -- -- 70 ns t e2hov t acs2 chip select access time (ce2) -- -- 55 -- -- 70 ns t glqv t oe output enable to output valid -- -- 30 -- -- 40 ns t e1lqx t clz1 chip select to output low z (ce1) 10 -- -- 10 -- -- ns t e2hox t clz2 chip select to output low z (ce2) 10 -- -- 10 -- -- ns t glqx t olz output enable to output in low z 10 -- -- 10 -- -- ns t e1hqz t chz1 chip deselect to output in high z (ce1) -- -- 35 -- -- 40 ns t e2hqz t chz2 chip deselect to output in high z (ce2) -- -- 35 -- -- 40 ns t ghqz t ohz output disable to output in high z -- -- 30 -- -- 35 ns t axox t oh data hold from address change 10 -- -- 10 -- -- ns parameter cycle time : 55ns min. typ. max. (vcc = 3.0~5.5v) min. typ. max. (vcc = 2.7~5.5v) cycle time : 70ns .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 5 stc STC62WV1024 read cycle3 (1,4) read cycle2 (1,3,4) notes: 1. we is high in read cycle. 2. device is continuously selected when ce1 = v il and ce2= v ih. 3. address valid prior to or coincident with ce1 transition low and/or ce2 transition high. 4. oe = v il . 5. the parameter is guaranteed but not 100% tested. t clz (5) d out ce2 ce1 (5) t acs2 t acs1 t oh t rc t oe t clz2 t chz2 (2,5) d out ce2 ce1 oe address (5) t clz1 (5) t acs1 t acs2 t chz1 (1,5) t ohz (5) t olz t aa t chz1, t chz2 ? switching waveforms (read cycle) read cycle1 (1,2,4) t rc t oh t aa d out address t oh .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 6 stc STC62WV1024 write cycle1 (1) t wr1 t wc (3) t cw (11) (11) t cw (2) t wp t aw t ohz (4,10) t as t wr2 (3) t dh t dw d in d out we ce2 ce1 oe address (5) (5) ? ac electrical characteristics ( ta = -40 o c to + 85 o c ) write cycle jedec parameter name parameter name description unit t avax t wc write cycle time 55 -- -- 70 -- -- ns t e1lwh t cw chip select to end of write 55 -- -- 70 -- -- ns t avwl t as address set up time 0 -- -- 0 -- -- ns t avwh t aw address valid to end of write 55 -- -- 70 -- -- ns t wlwh t wp write pulse width 35 -- -- 50 -- -- ns t whax t wr1 write recovery time (ce1 , we) 0 -- -- 0 -- -- ns t e2lax t wr2 write recovery time (ce2) 0 -- -- 0 -- -- ns t wloz t whz write to output in high z -- -- 25 -- -- 30 ns t dvwh t dw data to write time overlap 25 -- -- 30 -- -- ns t whdx t dh data hold from write time 0 -- -- 0 -- -- ns t ghoz t ohz output disable to output in high z -- -- 25 -- -- 30 ns t whqx t ow end of write to output active 5 -- -- 5 -- -- ns cycle time : 55ns min. typ. max. min. typ. max. (vcc = 3.0~5.5v) (vcc = 2.7~5.5v) ? switching waveforms (write cycle) cycle time : 70ns .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 7 stc STC62WV1024 notes: 1. we must be high during address transitions. 2. the internal write time of the memory is defined by the overlap of ce1 and ce2 active and we low. all signals must be active to initiate a write and any one signal can terminate a write by going inactive. the data input setup and hold timing should be referenced to the second transition edge of the signal that terminates the write. 3. t wr is measured from the earlier of ce1 or we going high or ce2 going low at the end of write cycle. 4. during this period, dq pins are in the output state so that the input signals of opposite phase to the outputs must not be applied. 5. if the ce1 low transition or the ce2 high transition occurs simultaneously with the we low transitions or after the we transition, output remain in a high impedance state. 6. oe is continuously low (oe = v il ). 7. d out is the same phase of write data of this write cycle. 8. d out is the read data of next address. 9. if ce1 is low and ce2 is high during this period, dq pins are in the output state. then the data input signals of opposite phase to the outputs must not be applied to them. 10. the parameter is guaranteed but not 100% tested. 11. t cw is measured from the later of ce1 going low or ce2 going high to the end of write. write cycle2 (1,6) t wc t cw (11) (11) t cw (2) t wp t aw t whz (4,10) t as t wr2 (3) t dh t dw d in d out we ce2 ce1 address (5) (5) t ow (7) (8) (8,9) .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 8 ? ordering information stc ? package dimensions STC62WV1024 base metal with plating c c1 section a-a b1 b sop -32 note: stc ( stc international limited.) assumes no responsibili ty for t he application or use o f a ny product or circuit described herei n. stc does n ot a uthorize its products for use as cr itical components in any application in which the failu re of the stc product may be expected to result in significant injury or death, including life-support systems and critical medical instruments. package j: soj s: sop p: pdip t: tsop (8mm x 20mm) st: small tsop (8mm x 13.4mm) d: dice 62wv1024 x x z y y grade c: +0 o c ~ +70 o c i: -40 o c ~ +85 o c speed 55: 55ns 70: 70ns pkg material -: normal g: green p: pb free .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 9 stc STC62WV1024 ? package dimensions (continued) tsop - 32 stsop - 32 .com .com .com .com
STC62WV1024 revision 2.1 jan. 2004 10 stc STC62WV1024 ? package dimensions (continued) pdip - 32 soj - 32 .com .com .com


▲Up To Search▲   

 
Price & Availability of STC62WV1024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X