Part Number Hot Search : 
M3202 N6075 IR215 STA206 L9639 0505S SMCJ120C AUIPS711
Product Description
Full Text Search
 

To Download SS320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? for surface mounted application ? easy pick and place ? metal to sillicon rectifier, majority carrier conduction ? low power loss, high efficiency ? epitaxial construction ss3x = specific device code g = green compound y = year m = work month maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol ss 32 ss 33 ss 34 ss 35 ss 36 ss 39 ss 310 ss 315 ss 320 unit v rrm 20 30 40 50 60 90 100 150 200 v v rms 14 21 28 35 42 63 70 105 140 v v dc 20 30 40 50 60 90 100 150 200 v i f(av) a t j o c t stg o c - 55 to + 125 - 55 to + 150 - - 10 5 ? packaging: 16mm tape per eia std rs-481 note 1: pluse test with pw=300 usec, 1% duty cycle 0.1 operating temperature range storage temperature range - 55 to + 150 ma version:e11 0.5 ss32 - SS320 3.0amps surface mount schottky barrier rectifiers marking diagram smc/do-214ab dimensions in inches and (millimeters) features ? high surge current capability ? weight: 0.21 gram type number maximum average forward rectified current peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) ? high current capability, low vf o c/w a maximum instantaneous forward voltage (note 1) @ 3.0a t a =25 t a =100 v f 0.5 0.4 0.75 0.65 0.85 0.70 typical thermal resistance i r 0.5 v 70 maximum reverse current @ rated vr t a =25 t a =100 t a =125 ? plastic material used carriers underwriters laboratory classification 94v-0 ? high temperature soldering: 260 /10 seconds at terminals 0.95 0.80 ? green compound with suffix "g" on packing code & prefix "g" on datecode i fsm 100 ? polarity: indicated by cathode band r jl r ja 17 55 mechanical data maximum repetitive peak reverse voltage ? terminals: pure tin plated, lead free maximum rms voltage maximum dc blocking voltage 3.0 ? case: jedec do-214ab molded plastic pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (ss32 thru SS320) fig.1 forward current derating curve 0 0.5 1 1.5 2 2.5 3 3.5 50 60 70 80 90 100 110 120 130 140 150 lead temperature ( o c) average forward a current (a) resistive or inductiveload ss35-SS320 ss32-ss34 fig. 2 maximum non-repetitive forward surge current 0 20 40 60 80 100 1 10 100 number of cycles at 60 hz peak forward surge a current (a) at rated tl 8.3ms single half sine wave jedec method ss32-ss34 ss35-SS320 fig. 4 typical reverse characteristics 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse a current (ma) ta=25 ta=75 ta=125 ss32-ss34 ss35-SS320 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) capacitance (pf) ss32-ss34 ss35-ss36 ss39-SS320 ta=25 f=1.0mhz vsig=50mvp-p fig. 3 typical forward characterisrics 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 forward voltage (v) instantaneous forward a current (a) ss32-ss34 ss35-ss36 ss39-ss310 pulse width=300us 1% duty cycle ss315-SS320 fig. 6 typical transient thermal impedance 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance a ( /w)


▲Up To Search▲   

 
Price & Availability of SS320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X