Part Number Hot Search : 
AN238 Y7C14 PM0027A TK65427 NTE2502 MAX893L CS5102A 74HC366
Product Description
Full Text Search
 

To Download PMB-562LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PMB-562LF ul pentium m mini- itx motherboard w / vga / audio / 2lan no. 24, lane 365, yang guang st., nei hu district, taipei 114, taiwan, r.o.c. tel: +886-2-8751-1111 fax: +886-2-8751-1199 email: sales@protech.com.tw http://www.protech.com.tw support onboard lv pentium m / ulv celeron m cpu up to 1.4ghz equipped with intel 855gme chipset with fsb 400mhz memory supports ddr 333 sdram up to 1gb expansion slots for pci, mini-pci support compact flash features : r r r compliant
PMB-562LF intel pentium m / celeron m processor lv 1.4ghz / ulv 1.0ghz intel 855gme + ich4 (fsb : 400mhz) 2 x 200-pin ddr dimm, support ddr333 sdram up to 2gb phoenix-award pnp bios, with vga bios 1~255 secs watchdog timer selectable w / reset / nmi supports at / atx power +5v, +12v 170mm x 170mm (6.69" x 6.69") specifications r r r lan audio display graphic lcd interface environment operationtemp. storage tmp. humidity ordering information PMB-562LF PMB-562LF-c10 certificate: ce, fcc class a lan audio display graphic lcd interface environment operationtemp. storage tmp. humidity ordering information PMB-562LF PMB-562LF-c10 certificate: ce, fcc class a lan 1 : realtek 8100c (10/100mbps) lan 2 : realtek 8100c (10/100mbps) support wake-on-lan wtih atx power ac '97 codec, realtek alc202a with line-in / line-out / mic 0~60c(32~140f) -40~85c(-40~185f) operation humidity 20~90%, storage humidity 20~95% 1 x 40-pin ide (udma 33/66/100) 1 x 44-pin ide (udma 33/66/100) 1 x compact flash slot (ide) 1 1 x pci slots, mini pci 4 x com ports, com1/3/4 for rs232, com2 for rs232/422/485 (for 16550 compatible type of uart) 1 x parallel (spp / epp / ecp) 1 (sir) mini din connector mini din connector 4 x usb 2.0 built-in intel 855gme, share system memory, supports crt, lvds 18/36-bit lvds mini-itx w p-m lv 1.4ghz / vga / audio / lan x 2 (10/100mbps) (rohs version) mini-itx w c-m ulv 1.0ghz / vga / audio / lan (10/100mbps) r system cpu type cpu frequency chipset dram bios watchdog power supply power requirement dimension i/o chipset ide interface cf fdd interface bus interface serial port parallel port irda keyboard mouse usb system cpu type cpu frequency chipset dram bios watchdog power supply power requirement dimension i/o chipset ide interface cf fdd interface bus interface serial port parallel port irda keyboard mouse usb r ul pentium m mini-itx motherboard w / vga / audio / 2lan e may. 2006.


▲Up To Search▲   

 
Price & Availability of PMB-562LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X