Part Number Hot Search : 
C74HC2 HC230 2SC4591 TLMG3100 RJP63F3 SC1601G L475D N5401
Product Description
Full Text Search
 

To Download P6KA36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p6ka6.8 thru p6ka43a vishay general semiconductor document number: 88368 revision: 09-feb-11 for technical questions within your r egion, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com www.vishay.com 1 par ? transient voltage suppressors high temperature st ability and high relia bility conditions typical applications use in sensitive electronics protection against voltage transients induced by indu ctive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automotive, and telecommunication. features ? junction passivation optimized design passivated anisotropic rectifier technology ?t j = 185 c capability suitable for high reliability and automo tive requirement ? available in uni-directional polarity only ? 600 w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec mechanical data case: do-204ac, molded epoxy over passivated junction molding compound meets ul 94 v-0 flammability rating base p/nhe3 - rohs comp liant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end notes (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured on 8.3 ms single half sine-wave or equival ent square wave, duty cycle = 4 per minute maximum primary characteristics v br 6.8 v to 43 v p ppm 600 w p d 5.0 w i fsm 75 a t j max. 185 c do-204ac (do-15) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power diss ipation with a 10/1000 s (1) (fig. 1) p ppm 600 w pulse pulse current with a 10/1000 s waveform (1) (fig. 3) i ppm see next table a power dissipation on infi nite heatsink at t l = 75 c (fig. 5) p d 5.0 w peak forward surge current, 8.3 ms single half sine-wave (2) i fsm 75 a maximum instantaneous forward voltage at 50 a (2) v f 3.5 v operating junction and storage temperature range t j , t stg - 65 to + 185 c
p6ka6.8 thru p6ka43a vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com document number: 88368 revision: 09-feb-11 2 notes (1) pulse test: t p ? 50 ms (2) surge current waveform per fig. 3 and derate per fig. 2 (3) all terms and symbols are consistent with ansi/ieee c62.35 electrical characteristics (t a = 25 c unless otherwise noted) device type breakdown voltage v br (1) at i t (v) test current i t (a) stand- off voltage v wm (v) maximum reverse leakage at v wm i d (a) t j = 150 c maximum reverse leakage at v wm i d (a) peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temp. coefficient of v br (%/c) min. max. p6ka6.8 6.12 7.48 10 5.50 500 1000 55.6 10.8 0.057 p6ka6.8a 6.45 7.14 10 5.80 500 1000 57.1 10.5 0.057 p6ka7.5 6.75 8.25 10 6.05 250 500 51.3 11.7 0.061 p6ka7.5a 7.13 7.88 10 6.40 250 500 53.1 11.3 0.061 p6ka8.2 7.38 9.02 10 6.63 100 200 48.0 12.5 0.065 p6ka8.2a 7.79 8.61 10 7.02 100 200 49.6 12.1 0.065 p6ka9.1 8.19 10.0 1.0 7.37 25 50 43.5 13.8 0.068 p6ka9.1a 8.65 9.55 1.0 7.78 25 50 44.8 13.4 0.068 p6ka10 9.00 11.0 1.0 8.10 10 20 40.0 15.0 0.073 p6ka10a 9.50 10.5 1.0 8.55 10 20 41.4 14.5 0.073 p6ka11 9.90 12.1 1.0 8.92 5.0 5.0 37.0 16.2 0.075 p6ka11a 10.5 11.6 1.0 9.40 5.0 5.0 38.5 15.6 0.076 p6ka12 10.8 13.2 1.0 9.72 2.0 5.0 34.7 17.3 0.076 p6ka12a 11.4 12.6 1.0 10.2 2.0 5.0 35.9 16.7 0.078 p6ka13 11.7 14.3 1.0 10.5 2.0 5.0 31.6 19.0 0.081 p6ka13a 12.4 13.7 1.0 11.1 2.0 5.0 33.0 18.2 0.081 p6ka15 13.5 16.3 1.0 12.1 1.0 5.0 27.3 22.0 0.084 p6ka15a 14.3 15.8 1.0 12.8 1.0 5.0 28.3 21.2 0.084 p6ka16 14.4 17.6 1.0 12.9 1.0 5.0 25.5 23.5 0.086 p6ka16a 15.2 16.8 1.0 13.6 1.0 5.0 26.7 22.5 0.080 p6ka18 16.2 19.8 1.0 14.5 1.0 5.0 22.6 26.5 0.088 p6ka18a 17.1 18.9 1.0 15.3 1.0 5.0 23.8 25.2 0.088 p6ka20 18.0 22.0 1.0 16.2 1.0 5.0 20.6 29.1 0.090 p6ka20a 19.0 21.0 1.0 17.1 1.0 5.0 21.7 27.7 0.090 p6ka22 19.8 24.2 1.0 17.8 1.0 5.0 18.8 31.9 0.092 p6ka22a 20.9 23.1 1.0 18.8 1.0 5.0 19.6 30.6 0.092 p6ka24 21.6 26.4 1.0 19.4 1.0 5.0 17.3 34.7 0.094 p6ka24a 22.8 25.2 1.0 20.5 1.0 5.0 18.1 33.6 0.094 p6ka27 24.3 29.7 1.0 21.8 1.0 5.0 15.3 39.1 0.096 p6ka27a 25.7 28.4 1.0 23.1 1.0 5.0 16.0 37.5 0.096 p6ka30 27.0 33.0 1.0 24.3 1.0 5.0 13.8 43.5 0.097 p6ka30a 28.5 31.5 1.0 25.6 1.0 5.0 14.5 41.4 0.097 p6ka33 29.7 36.3 1.0 26.8 1.0 5.0 12.6 47.7 0.098 p6ka33a 31.4 34.7 1.0 28.2 1.0 5.0 13.1 45.7 0.098 p6ka36 32.4 39.6 1.0 29.1 1.0 5.0 11.5 52.0 0.099 P6KA36A 34.2 37.8 1.0 30.8 1.0 5.0 12.0 49.9 0.099 p6ka39 35.1 42.9 1.0 31.6 1.0 5.0 10.6 56.4 0.100 p6ka39a 37.1 41.0 1.0 33.3 1.0 5.0 11.1 53.9 0.100 p6ka43 38.7 47.3 1.0 34.8 1.0 5.0 9.7 61.9 0.101 p6ka43a 40.9 45.2 1.0 36.8 1.0 5.0 10.1 59.3 0.101
p6ka6.8 thru p6ka43a vishay general semiconductor document number: 88368 revision: 09-feb-11 for technical questions within your r egion, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com www.vishay.com 3 note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode p6ka6.8ahe3/54 (1) 0.415 54 4000 13" diameter paper tape and reel figure 1. peak pulse power rating curve figure 2. pulse power or current vs. initial junction temperature 100 10 1 0.1 p ppm - peak p u lse p o w er (k w ) t d - p u lse w idth (s) 1.0 ms 10 ms 10 s 100 s 0.1 s 1.0 s n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c 100 75 50 25 0 0 25 50 75 100 125 150 175 200 t j - initial temperat u re (c) peak p u lse p o w er (p pp ) or c u rrent (i pp ) derating in percentage, % figure 3. pulse waveform figure 4. typical junction capacitance 0 50 100 150 t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d 10/1000 s w a v eform as defined b y r.e.a. 0 1.0 2.0 3.0 4.0 t - time (ms) i ppm - peak p u lse c u rrent, % i rsm t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 6000 1000 100 10 c j - j u nction capacitance (pf) v br - breakdo w n v oltage ( v ) 10 1.0 100 200 meas u red at zero bias meas u red at stand-off v oltage, v w m t j = 25 c f = 1.0 mhz v sig = 50 m v p-p
p6ka6.8 thru p6ka43a vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com document number: 88368 revision: 09-feb-11 4 package outline dimensions in inches (millimeters) figure 5. power derating curve l = 0.375" (9.5 mm) lead lengths p d - po w er dissipation ( w ) t l - lead temperat u re (c) 60 hz resisti v e or ind u cti v e load 6 5 4 3 2 1 0 0 25 50 75 100 125 150 175 200 figure 6. maximum non-repetitive forward surge current p pp - peak for w ard s u rge c u r rent (a) nu m b er of cycles at 60 h z 10 100 10 100 200 1 t l = 75 c 8 .3 ms single half sine- w a v e do-204ac (do-15) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 1.0 (25.4) min. 0.300 (7.6) 0.230 (5.8) 1.0 (25.4) min.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of P6KA36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X