Part Number Hot Search : 
CSN105B BR0540 C1206 XC6108 SR40150P IFD08845 BU402 A8423KL
Product Description
Full Text Search
 

To Download MMFTN170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMFTN170 MMFTN170 n n-channel enhancement mode field effect transistor n-kanal feldeffekt transistor C anreicherungstyp n version 2011-01-28 dimensions - ma?e [mm] 1 = g 2 = s 3 = d power dissipation C verlustleistung 300 mw plastic case kunststoffgeh?use sot-23 (to-236) weight approx. C gewicht ca. 0.01 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings (t a = 25c) grenzwerte (t a = 25c) MMFTN170 drain-source-voltage C drain-source-spannung g short v dss 60 v drain-gate-voltage C drain-gate-spannung r gs < 1 m v dgr 60 v gate-source-voltage continuos gate-source-spannung dauernd v gss 20 v power dissipation C verlustleistung p tot 300 mw drain current continuos C drainstrom (dc) i d 500 ma peak drain current C drain-spitzenstrom i dm 800 ma junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s 150c -55+150c ? diotec semiconductor ag http://www.diotec.com/ 1 2 . 5 m a x 1 . 3 0 . 1 1.1 0.4 2.9 0.1 1 2 3 type code 1.9
MMFTN170 characteristics (t j = 25c) kennwerte (t j = 25c) min. typ. max. drain-source breakdown voltage C drain-source-durchbruchspannung i d = 100 a v (br)dss 60 v drain-source leakage current C drain-source leckstrom g short v ds = 25 v i dss 0.5 a gate-body leakage current C gate-substrat leckstrom v gs = 15 v i gss 10 na gate-source threshold voltage C gate-source schwellspannung v gs = v ds , i d = 1 ma v gs(th) 0.8 v 3 v drain-source on-state resistance C drain-source einschaltwiderstand v gs = 10 v , i d = 200 ma r ds(on) 5 forward transconductance C bertragungssteilheit v ds > 2 v ds(on) , i d = 200 ma g fs 320 ms input capacitance C eingangskapazit?t v ds = 10 v, f = 1 mhz c iss 40 pf output capacitance C ausgangskapazit?t v ds = 10 v, f = 1 mhz c oss 30 pf reverse transfer capacitance C rckwirkungskapazit?t v ds = 10 v, f = 1 mhz c rss 10 pf turn-on time C einschaltzeit v dd = 25 v, i d = 500 ma, v gs = 10 v, r g = 50 t d(on) 10 ns turn-off delay time C ausschaltverz?gerung v dd = 25 v, i d = 500 ma, v gs = 10 v, r g = 50 t d(off) 10 ns 2 http://www.diotec.com/ ? diotec semiconductor ag


▲Up To Search▲   

 
Price & Availability of MMFTN170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X