Part Number Hot Search : 
2N533902 ON2170 2700290 SP7656EN 23RGB 4N35FVM 23RGB SY10E
Product Description
Full Text Search
 

To Download MJE13009F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn power transistor MJE13009F description collector?emitter sustaining voltage : v ceo(sus) = 400v(min.) collector saturation voltage : v ce(sat) = 1.5 (max) @ i c = 8.0a switching time : t f = 0.7 s(max.)@ i c = 8.0a applications designed for use in high-voltage, high-speed, power swit- ching in inductive circuit, they are particularly suited for 115 and 220v switchmode applications such as switching regulators,inverters,motor cont rols,solenoid/relay drivers and deflection circuits. absolute maximum ratings(t a =25 ) symbol parameter value unit v cev collector-emitter voltage 700 v v ceo collector-emitter voltage 400 v v ebo emitter-base voltage 9 v i c collector current-continuous 12 a i cm collector current-peak 24 a i b b base current 6 a i bm base current-peak 12 a p c collector power dissipation t c =25 50 w t i junction temperature 150 t stg storage temperature range -65~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance,junction to case 2.5 /w r th j-a thermal resistance,junction to ambient 62.5 /w isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn power transistor MJE13009F electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c = 10ma; i b = 0 400 v v ce (sat)-1 collector-emitter saturation voltage i c = 5a ;i b = 1a 1.0 v v ce (sat)-2 collector-emitter saturation voltage i c = 8a ;i b = 1.6a 1.5 v v ce (sat)-3 collector-emitter saturation voltage i c = 12a ;i b = 3a 3.0 v v be (sat)-1 base-emitter saturation voltage i c = 5a ;i b = 1a 1.2 v v be (sat)-2 base-emitter saturation voltage i c = 8a ;i b = 1.6a 1.6 v i cev collector cutoff current v cev = 700v ; v be(off) = 1.5v t c = 100 1 5 ma i ebo emitter cutoff current v eb = 9v; i c = 0 1 ma h fe-1 dc current gain i c = 5a; v ce = 5v 8 40 h fe-2 dc current gain i c = 8a; v ce = 5v 6 30 f t current-gain?bandwidth product i c = 0.5 a; v ce = 10v; 4 mhz c ob output capacitance i e = 0; v cb = 10v; f test = 0.1mhz 180 pf switching times; resistive load t on storage time 1.1 s t s storage time 3.0 s t f fall time i c = 8a; v cc = 125v; i b1 = i b2 = 1.6a; t p = 25 s; duty cycle 1% 0.7 s isc website www.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJE13009F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X