Part Number Hot Search : 
SU110 ST2408 23Z356SM T331004 R2155 AT40K05 BAS16W 1SMB17CA
Product Description
Full Text Search
 

To Download MC74F37D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4-23 fast and ls ttl data quad 2-input nand buffer 13 14 12 11 10 9 8 2 1 3 4 5 6 7 gnd v cc a b y a b y a b y a b y guaranteed operating ranges symbol parameter min typ max unit v cc supply voltage 74 4.5 5.0 5.5 v t a operating ambient temperature range 74 0 25 70 c i oh output current e high 74 15 ma i ol output current e low 74 64 ma mc74fxxj ceramic mc74fxxn plastic mc74fxxd soic d suffix soic case 751a-02 n suffix plastic case 646-06 j suffix ceramic case 632-08 14 1 14 1 ordering information 14 1 quad 2-input nand buffer fast ? schottky ttl mc74f37
4-24 fast and ls ttl data mc74f37 dc characteristics over operating temperature range (unless otherwise specified) limits symbol parameter min typ max unit test conditions v ih input high voltage 2.0 v guaranteed input high voltage v il input low voltage 0.8 v guaranteed input low voltage v ik input clamp diode voltage 1.2 v v cc = min, i in = 18 ma v oh output high voltage 74 2.0 v i oh = 15 ma v cc = 4.50 v v oh output high voltage 74 2.4 v i oh = 1.0 ma v cc = 4.50 v 74 2.7 v i oh = 1.0 ma v cc = 4.75 v v ol output low voltage 0.55 v i ol = 64 ma v cc = min i ih input high current 20 m a v cc = max, v in = 2.7 v 0.1 ma v cc = max, v in = 7.0 v i il input low current 1.2 ma v cc = max, v in = 0.5 v i os output short circuit current (note 2) 100 225 ma v cc = max, v out = 0 v i cc power supply current total, output high 6 ma v cc = max, v in = gnd total, output low 33 ma v cc = max, v in = open notes: 1. for conditions shown as min or max, use the appropriate value specified under recommended operating conditions for the applicable device type. 2. not more than one output should be shorted at a time, nor for more than 1 second. ac characteristics 74f 74f t a = +25 c t a = 0 c to 70 c v cc = +5.0 v v cc = 5.0 v 10% c l = 50 pf c l = 50 pf symbol parameter min max min max unit t plh propagation delay 1.5 5.5 1.5 6.5 ns t phl propagation delay 1.0 4.5 1.0 5.0 ns function table inputs output a b y l l h h l h l h h h h l h = high voltage level l = low voltage level x = don't care


▲Up To Search▲   

 
Price & Availability of MC74F37D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X