Part Number Hot Search : 
BUK75 X9314WMZ BAV99D SS8550T HCPL4701 0NRA2SS5 4N38X KBU10M
Product Description
Full Text Search
 

To Download MBRF2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m b r f 2 02 0c t thru m b r f 2 0 100 ct 2 0 am p s c h o tt ky b a rr i er rectifier 2 0 to 1 0 0 volts features low power loss high efficiency low forward voltage , high current capability high surge capacity ca se : it o -22 0 ab f ul l m o ld ed p l a s t ic pa ck ag e maximum ratings operating j un ct io n temperature: - 5 0 c to +1 5 0 c storage temperature: - 5 0 c to +1 50 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 2 0 a t c = 100 c peak forward surge current i fsm 1 5 0 a 8.3ms, half sine maximum instantaneous forward voltage 2 0 2 0 c t - 2 0 4 5 ct 2 0 50 c t - 2 0 60 ct v f . 84 v . 95 v i fm = 2 0a; maximum dc reverse current at rated dc blocking voltage                        mcc www. mccsemi .com i t o - 22 0 a b t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2  i n c h es m m              a . 583 . 6 06 1 4 . 80 1 5 . 40 b -- - . 4 0 6 --- 10. 30 n .0 98 . 1 1 4 2. 50 2. 9 0         i r 2 0 80 c t - 2 0 10 0 ct . 8 5 v o f c . 10 0 . 1 12 2. 5 5 2. 85 d . 2 48 . 27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4. 10 f - - - . 0 7 1 -- - 1. 80 g . 512 . 5 43 13.00 13 .8 0 h .1 00 2. 55 i --- . 035 -- - 0. 9 0 j --- . 032 --- 0. 80 k .1 18 . 1 34 3. 00 3. 40 l --- . 189 --- 4. 8 0 m --- . 130 --- 3.3 0 o --- . 05 5 --- 1. 40 0 . 5 m a t c = 25 c 50 m a t c = 100 c         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    microsemi catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking v oltage m brf2030ct f2 030 ct 3 0 v 21 v 3 0 v mbrf2040ct f2 04 0c t 4 0 v 26 v 4 0 v mbrf2045ct f2045ct 45 v 31 .5 v 4 5 v mbr f 20 50 ct f2050ct 5 0 v 35 v 5 0 v mb rf 20 60c t f2060ct 6 0 v 42 v 6 0 v mbrf2020ct f2 02 0 c t 2 0 v 14 v 2 0 v mb rf 20 80 ct f2080ct 8 0 v 56 v 8 0 v mb rf 20 10 0 ct f20100ct 1 0 0 v 7 0 v 1 0 0 v i fm = 1 0a; i fm = 2 0a;
mb r f 2 0 2 0 c t thru mb r f 2 0 10 0 ct ww w . mccsemi .com mcc inst ant aneous for w ard current fig.2- typical instantaneous forward characteristic instantaneous forward voltage, volts a verage for w ard current fig.1- forward current derating curve case temperature, c o 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 fig.3- typical reverse characteristic inst ant aneous reverse current , milamperes 0 100 200 300 100 10 1.0 0.1 .01 t = 100 c c o t = 75 c c o t = 25 c c o peak for w ard surge current , fig.4- maximum non-repetitive surge current no. of cycle at 60hz 150 120 110 90 70 50 30 20 10 1 2 5 10 2 0 50 100 cap acit ance, pf fig.5- typical junction capacitance reverse voltage, volts 1 2 5 1 0 20 50 100 400 350 300 250 200 150 0 200 500


▲Up To Search▲   

 
Price & Availability of MBRF2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X