Part Number Hot Search : 
CAT1021 DDTC144 C390X500 XBXXX MBR20 SFH4650 BC10R A7500
Product Description
Full Text Search
 

To Download MB811171622A-125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ds05-11024-2e fujitsu semiconductor data sheet memory cmos 2 512 k 16 bits synchronous dynamic ram MB811171622A-125/-100/-84/-67 cmos 2-bank 524,288-word 16 bits synchronous dynamic random access memory n description the fujitsu mb811171622a is a cmos synchronous dynamic random access memory (sdram) containing 16,777,216 memory cells accessible in an 16-bit format. the mb811171622a features a fully synchronous operation referenced to a positive edge clock whereby all operations are synchronized at a clock input which enables high performance and simple user interface coexistence. the mb811171622a sdram is designed to reduce the complexity of using a standard dynamic ram (dram) which requires many control signal timing constraints, and may improve data bandwidth of memory as much as 5 times more than a standard dram. the mb811171622a is ideally suited for workstations, personal computers, laser printers, high resolution graphic adapters accelerators and other applications where an extremely large memory and bandwidth are required and where a simple interface is needed. n product line & features parameter mb811171622a -125 -100 -84 -67 clock frequency 125 mhz max. 100 mhz max. 84 mhz max. 67 mhz max. burst mode cycle time 8 ns min. 10 ns min. 12 ns min. 15 ns min. ras access time 45 ns max. 54 ns max. 56 ns max. 60 ns max. cas access time 21 ns max. 24 ns max. 26 ns max. 30 ns max. access time from clock (cl = 3) 7.5 ns max. 8.5 ns max. 8.5 ns max. 9 ns max. operating current (two banks active) 140 ma max. 130 ma max. 120 ma max. 110 ma max. power down mode current 2 ma max. single +3.3 v supply +0.3 v tolerance lvttl compatible i/o 2 k refresh cycles every 32.8 ms dual bank operation byte control by dqml/dqmu burst read/write operation and burst read/ single write operation capability this device contains circuitry to protect the inputs against damage due to high static voltages or electric ?lds. however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. programmable burst type, burst length, and cas latency auto-and self-refresh (every 16 m s) cke power down mode output enable and input data mask
2 MB811171622A-125/-100/-84/-67 n absolute maximum ratings (see warning) warning: permanent device damage may occur if the above absolute maximum ratings are exceeded. func- tional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for extended periods may affect device reliability. n package parameter symbol value unit voltage of v cc supply relative to v ss v cc , v ccq ?.5 to +4.6 v voltage at any pin relative to v ss v in , v out ?.5 to +4.6 v short circuit output current i out 50 ma power dissipation p d 1.3 w storage temperature t stg ?5 to +125 c package and ordering information ?50-pin plastic (400 mil) tsop-ii, order as mb811171622a- fn (2k refresh) plastic tsop package (fpt-50p-m05) (normal bend) marking side
3 MB811171622A-125/-100/-84/-67 n pin assignments and descriptions 50-pin tsop: (top view) * : these pins are connected internally in the chip. pin number symbol function 1, 7, 13, 25, 38, 44 v cc , v ccq supply voltage 2, 3, 5, 6, 8, 9, 11, 12, 39, 40, 42, 43, 45, 46, 48, 49 dq 0 to dq 15 data i/o 4, 10, 26, 41, 47, 50 v ss , v ssq * ground 37 du don? use (leave open) 15 we write enable 16 cas column address strobe 17 ras row address strobe 18 cs chip select 19 a 11 (ba) bank select 20 ap auto precharge enable 20, 21, 22, 23, 24, 27, 28, 29, 30, 31, 32 a 0 to a 10 address input row: a 0 to a 10 column: a 0 to a 7 33 du don? use (leave open) 34 cke clock enable 35 clk clock input 14, 36 dqml, dqmu input mask/output enable (marking side) 38 37 36 35 34 33 32 31 30 29 50 49 48 47 46 45 44 43 42 41 1 2 3 4 5 9 10 6 7 8 13 14 15 16 17 18 19 20 21 22 40 39 11 12 ras a 1 a 0 a 10 /ap a 11 cs cas we dqml v ccq dq 7 dq 6 v ssq dq 5 dq 4 v ccq dq 3 dq 2 v ssq dq 1 dq 0 v cc a 6 a 7 a 8 a 9 du cke clk dqmu du v ccq dq 8 dq 9 v ssq dq 10 dq 11 v ccq dq 12 dq 13 v ssq dq 14 dq 15 v ss 23 24 25 v cc a 3 a 2 28 27 26 v ss a 4 a 5
4 MB811171622A-125/-100/-84/-67 n block diagram fig. 1 - mb811171622a block diagram clk cke a 0 to a 11 , ap dqml dq 0 to dq 15 ras cas we cs bank-1 v cc clock buffer control signal latch mode register column address counter ras cas we dram core (2,048 256 16) col. addr. bank-0 i/o row addr. to each block v ccq command decoder address buffer/ register i/o data buffer/ register dqmu v ss /v ssq
5 MB811171622A-125/-100/-84/-67 n function truth table note 1 command truth table notes 2, 3, and 4 notes: *1. v = valid, l = logic low, h = logic high, x = either l or h. *2. all commands assumes no csus command on previous rising edge of clock. *3. all commands are assumed to be valid state transitions. *4. all inputs are latched on the rising edge of clock. *5. nop and desl commands have the same effect on the part. *6. read, reada, writ and writa commands should only be issued after the corresponding bank has been activated (actv command). refer to state diagram. *7. actv command should only be issued after corresponding bank has been precharged (pre or pall command). *8. required after power up. *9. mrs command should only be issued after all banks have been precharged (pre or pall command), and dq is in hi-z. refer to state diagram. function notes symbol cke cs ras cas we a 11 (ba) a 10 (ap) a 9 -a 8 a 7 -a 0 n-1 n device deselect *5 desl h x h x x x xxxx no operation *5 nop h x l h h h xxxx burst stop bst h x l h h l xxxx read *6 read h x l h l h v l x v read with auto-precharge *6 reada h x l h l h v h x v write *6 writ h x l h l l v l x v write with auto-precharge *6 writa h x l h l l v h x v bank active (ras ) *7 actv h x l l h h vvvv precharge single bank pre h x l l h l v l x x precharge all banks pall h x l l h l x h x x mode register set *8, 9 mrs h x l l l l l l v v
6 MB811171622A-125/-100/-84/-67 dqm truth table cke truth table notes: *1. the csus command requires that at least one bank is active. refer to state diagram. *2. ref and self commands should only be issued after all banks have been precharged (pre or pall command). refer to state diagram. *3. self and pd commands should only be issued after the last read data have been appeared on dq. *4. cke should be held high within t rc . function command cke dqml dqmu n-1 n data write/output enable for lower byte enbl l h x l x data write/output enable for upper byte enbl u h x x l data mask/output disable for lower byte mask l h x h x data mask/output disable for upper byte enbl u h x x h current state function notes symbol cke cs ras cas we a 11 (ba) a 10 (ap) a 9-0 n-1 n bank active clock suspend mode entry *1 csus h l xxxxxxx any (except idle) clock suspend continue *1 l l xxxxxxx clock suspend clock suspend mode exit l h xxxxxxx idle auto-refresh command *2 ref h h l l l h x x x idle self-refresh entry *2, 3 self h l l l l h x x x self refresh self-refresh exit *4 selfx lhlhhhxxx lhhxxxxxx idle power down entry *3 pd hllhhhxxx hlhxxxxxx power down power down exit lhlhhhxxx lhhxxxxxx
7 MB811171622A-125/-100/-84/-67 operation command table (applicable to single bank) (continued) current state cs ras cas we addr command function notes idle h x x x x desl nop l h h h x nop nop l h h l x bst nop lhlh ba, ca, ap read/reada illegal *2 l h l l ba, ca, ap writ/writa illegal *2 l l h h ba, ra actv bank active after t rcd l l h l ba, ap pre/pall nop *6 l l l h x ref/self auto-refresh or self-refresh *3 llll mode mrs mode register set (idle after i mrd ) *3, 7 bank active h x x x x desl nop l h h h x nop nop l h h l x bst nop lhlh ba, ca, ap read/reada begin read: determine ap l h l l ba, ca, ap writ/writa begin write; determine ap l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall precharge; determine precharge type l l l h x ref/self illegal llll mode mrs illegal
8 MB811171622A-125/-100/-84/-67 (continued) current state cs ras cas we addr command function notes read h x x x x desl nop (continue burst to end ? bank active) lhhh x nop nop (continue burst to end ? bank active) l h h l x bst burst stop ? bank active lhlh ba, ca, ap read/reada terminate burst, new read; determine ap l h l l ba, ca, ap writ/writa terminate burst, start write; determine ap *4 l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall terminate burst, precharge; ? idle determine precharge type l l l h x ref/self illegal llll mode mrs illegal write h x x x x desl nop (continue burst to end ? bank active) lhhh x nop nop (continue burst to end ? bank active) l h h l x bst burst stop ? bank active lhlh ba, ca, ap read/reada terminate burst, start read; determine ap l h l l ba, ca, ap writ/writa terminate burst, new write; determine ap l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall terminate burst, precharge; determine precharge type l l l h x ref/self illegal llll mode mrs illegal
9 MB811171622A-125/-100/-84/-67 (continued) current state cs ras cas we addr command function notes read with auto- precharge h x x x x desl nop (continue burst to end ? precharge ? idle) lhhh x nop nop (continue burst to end ? precharge ? idle) l h h l x bst illegal lhlh ba, ca, ap read/reada illegal l h l l ba, ca, ap writ/writa illegal l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall illegal *2 l l l h x ref/self illegal llll mode mrs illegal write with auto- precharge h x x x x desl nop (continue burst to end ? precharge ? idle) lhhh x nop nop (continue burst to end ? precharge ? idle) l h h l x bst illegal lhlh ba, ca, ap read/reada illegal l h l l ba, ca, ap writ/writa illegal l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall illegal *2 l l l h x ref/self illegal llll mode mrs illegal
10 MB811171622A-125/-100/-84/-67 (continued) current state cs ras cas we addr command function notes precharge h x x x x desl nop (idle after t rp ) l h h h x nop nop (idle after t rp ) l h h l x bst illegal lhlh ba, ca, ap read/reada illegal *2 l h l l ba, ca, ap writ/writa illegal *2 l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall nop (pall may effect other bank) *5 l l l h x ref/self illegal llll mode mrs illegal bank activating h x x x x desl nop (bank active after t rcd ) l h h h x nop nop (bank active after t rcd ) l h h l x bst nop (bank active after t rcd ) lhlh ba, ca, ap read/reada illegal *2 l h l l ba, ca, ap writ/writa illegal *2 l l h h ba, ra actv illegal *2 l l h l ba, ap pre/pall illegal *2 l l l h x ref/self illegal llll mode mrs illegal
11 MB811171622A-125/-100/-84/-67 (continued) abbreviations: current state cs ras cas we addr command function notes refreshing h x x x x desl nop (idle after t rc ) l h h x x nop/bst nop (idle after t rc ) lhlx x read/reada writ/writa illegal llhx x actv/ pre/pall illegal lllx x ref/self mrs illegal mode register setting h x x x x desl nop (idle after i mrd ) l h h h x nop nop (idle after i mrd ) l h h l x bst illegal lhlx x read/reada/ writ/writa illegal llxx x actv/pre/ pall/ref/ self/mrs illegal ra = row address ba = bank address ca = column address ap = auto precharge
12 MB811171622A-125/-100/-84/-67 command truth table for cke (continued) current state cke n-1 cke n cs ras cas we addr function notes self- refresh hxxxxx x inv alid lhhxxx x exit self-refresh (self-refresh recovery ? idle after t rc ) lhlhhh x exit self-refresh (self-refresh recovery ? idle after t rc ) lhlhhl x illegal lhlhlx x illegal l h l l x x x illegal l lxxxx x nop (maintain self-refresh) self- refresh recovery lxxxxx x inv alid h h h x x x x idel after t rc h h l h h h x idel after t rc h h l h h l x illegal hhlhlx x illegal h h l l x x x illegal hlxxxx x illegal
13 MB811171622A-125/-100/-84/-67 (continued) current state cke n-1 cke n cs ras cas we addr function notes power down hxxxxx inv alid lh hxxx x exit power down mode ? idle lhhh x l lxxxx x nop (maintain power down mode) l h l l x x x illegal lhlhlx x illegal both banks idle h h h x x x refer to the operation command table. h h l h x x refer to the operation command table. h h l l h x refer to the operation command table. h h l l l h x auto-refresh hhllll mode refer to the operation command table. h l h x x x x power down h l l h h h x power down h l l h h l x illegal h l l h l x illegal h l l l h x illegal hllllh x self-refresh hlllll special mode refer to the operation command table. hlllll mode refer to the operation command table. lxxxxx x inv alid
14 MB811171622A-125/-100/-84/-67 (continued) notes: 1. all entries assume the cke was high during the proceeding clock cycle and the current clock cycle. 2. illegal to bank in speci?d state; entry may be legal in the bank speci?d by ba, depending on the state of that bank. 3. illegal if any bank is not idle. 4. must satisfy bus contention, bus turn around, and/or write recovery requirements. 5. nop to bank precharging or in idle state. may precharge bank spesi?d by ba (and ap). 6. self command should only be issued after the last read data have been appeared on dq. 7. mrs command should only be issued on condition that all dq are in hi-z. current state cke n-1 cke n cs ras cas we addr function notes bank active bank activating read/write hhxxxx x refer to the operation command table. hlxxxx x begin clock suspend next cycle lhxxxx x exit clock suspend next cycle l lxxxx x maintain clock suspend clock suspend hxxxxx x inv alid lhxxxx x exit clock suspend next cycle l lxxxx x maintain clock suspend any state other than listed above lxxxxx x inv alid hhxxxx x refer to the operation command table. hlxxxx x begin clock suspend next cycle
15 MB811171622A-125/-100/-84/-67 minimum clock latency or delay time for 1 bank operation notes: *1. assume no i/o con?ct. *2. if t rp t ck , minimum latency is a sum of bl + cl. *3. assume output is in high-z state. illegal command second command (opposite bank) first command mrs l mrd l mrd l mrd l mrd actv t rcd t rcd t rcd t rcd t ras t ras read 11 *1 1 *1 111 reada *2 bl + t rp *2 bl + t rp *2 bl + t rp *2 bl + t rp writ t wr t wr 11t rwl t rwl writa bl + t rwl + t rp bl + t rwl + t rp bl + t rwl + t rp bl + t rwl + t rp pre *3 t rp *3 t rp *3 t rp *3 t rp pall *3 t rp *3 t rp *3 t rp *3 t rp ref t rc t rc t rc t rc self t pde + t rc t pde + t rc t pde + t rc t pde + t rc mrs actv read reada writ writa pre pall ref self
16 MB811171622A-125/-100/-84/-67 minimum clock latency or delay time for 2 bank operation notes: *1. assume opposite bank is in idle state. *2. assume opposite bank is in active state. *3. assume no i/o con?ct. *4. if t rp t ck , minimum latency is a sum of bl + cl. *5. assume pall command dose not affect any operation on opposite bank. *6. assume output is in high-z sate. *7. assume t ras of opposite bank is satis?d. illegal command second command (opposite bank) first command mrs l mrd l mrd l mrd l mrd actv *1 t rrd *2 1 *2 1 *2 1 *2 1 *7 1t ras read *1 1 *2 1 *2 1 *2 *3 1 *2 *3 1 *7 1t ras reada *1 1 1 *1 *4 bl + t rp *1 *4 bl + t rp writ *1 1 *2 1 *2 1 *2 1 *2 1 *7 1t ras writa *1 1 1 *1 bl + 1 + t rp *1 bl + 1 + t rp pre *1 t rp *1 1 *2 1 *2 1 *2 1 *2 11t ras *1 t rp *1 t rp *5 pall t rp *1 t rp 11 *1 *6 t rp *1 *6 t rp ref t rc t rc t rc t rc self t rc t rc t rc t rc mrs actv read reada writ writa pre pall ref self
17 MB811171622A-125/-100/-84/-67 mode register set self refresh idle read suspend bank active auto refresh power down bank active suspend fig. 2 ? state diagram (simpli?d for single bank operation state diagram) write write suspend power on precharge read write with auto precharge read with auto precharge writ read read writ bst bst mrs self selfx ref actv cke cke\(pd) cke\ cke cke\ cke read writ reada writa reada cke\ cke writa pre or pall pre or pall power applied definition of allows manual input automatic sequence writa reada pre or pall pre or pall
18 MB811171622A-125/-100/-84/-67 n functional description sdram basic function three major differences between this sdram and conventional drams are: synchronized operation, burst mode, and mode register. the synchronized operation is the fundamental difference. an sdram uses a clock input for the synchronization, where the dram is basically asynchronous memory although it has been using two clocks, ras and cas . each operation of dram is determined by their timing phase difference while each operation of sdram is determined by commands and all operations are referenced to a positive clock edge. fig 3 show the basic timing diagram differences between sdrams and drams. the burst mode is a very high speed access mode utilizing an internal column address generator. once a column addresses for the ?st access is set, following addresses are automatically generated by the internal column address counter. the mode register is to justify the sdram operation and function into desired system conditions. mode register table shows how sdram can be con?ured for system requirement by mode register programming. clock (clk) and clock enable (cke) all input and output signals of sdram use register type buffers. a clk is used as a trigger for the register and internal burst counter increment. all inputs are latched by a positive edge of clk. all outputs are validated by the clk. cke is a high active clock enable signal. when cke = low is latched at a clock input during active cycle, the next clock will be internally masked. during idle state (all banks have been precharged), the power down mode (standby) is entered with cke = low and this will make extremely low standby current. chip select (cs ) cs enables all commands inputs, ras , cas , and we , and address input. when cs is high, command signals are negated but internal operation such as burst cycle will not be suspended. if such a control isn? needed, cs can be tied to ground level. command input (ras , cas and we ) unlike a conventional dram, ras , cas , and we do not directly imply sdram operation, such as row address strobe by ras . instead, each combination of ras , cas , and we input in conjunction with cs input at a rising edge of the clk determines sdram operation. refer to function truth table in page 5. address input (a 0 to a 10 ) address input selects an arbitrary location of a total of 524,288 words of each memory cell matrix. a total of nineteen address input signals are required to decode such a matrix. sdram adopts an address multiplexer in order to reduce the pin count of the address line. at a bank active command (actv), eleven row addresses are initially latched and the remainder of eight column addresses are then latched by a column address strobe command of either a read command (read or reada) or write command (writ or writa). bank select (a 11 ) this sdram has two banks and each bank is organized as 512k words by 16-bit. bank selection by a 11 occurs at bank active command (actv) followed by read (read or reada), write (writ or writa), and precharge command (pre).
19 MB811171622A-125/-100/-84/-67 data input and output (dq 0 to dq 15 ) input data is latched and written into memory at the clock following the write command input. data output is obtained by the following conditions followed by a read command input: t rac ; from the bank active command when t rcd (min) is satis?d. (this parameter is reference only.) t cac ; from the read command when t rcd is greater than t rcd (min). t ac ; from the clock edge after t rac and t cac . the polarity of the output data is identical to that of the input. data is valid between access time (determined by the three conditions above) and the next positive clock edge (t oh ). data i/o mask (dqml/dqmu) dqml and dqmu are active high enable inputs and have an output disable and input mask function. during burst cycle and when dqml/dqmu = high is latched by a clock, input is masked at the same clock and output will be masked at the second clock later while internal burst counter will increment by one or will go to the next stage depending on burst type. dqml controls lower byte (dq 0 to dq 7 ) and dqmu (dq 8 to dq 15 ) controls upper byte. burst mode operation and burst type the burst mode provides faster memory access. the burst mode is implemented by keeping the same row address and by automatic strobing column address. access time and cycle time of burst mode is speci?d as t ac and t ck , respectively. the internal column address counter operation is determined by a mode register which de?es burst type and burst count length of 1,2, 4 or 8 bits of boundary. in order to terminate or to move from the current burst mode to the next stage while the remaining burst count is more than 1, the following combinations will be required: the burst type can be selected either sequential or interleave mode if burst length is 2, 4 or 8. the sequential mode is an incremental decoding scheme within a boundary address to be determined by count length, it assigns+1 to the previous (or initial) address until reaching the end of boundary address and then wraps round to least signi?ant address(= 0). the interleave mode is a scrambled decoding scheme for a 0 and a 2 . if the ?st access of column address is even (0), the next address will be odd (1), or vice-versa. current stage next stage method (assert the following command) burst read burst read read command burst read burst write 1st step mask command (normally 3 clock cycles) 2nd step write command after l owd burst write burst write write command burst write burst read read command burst read precharge precharge command burst write precharge precharge command
20 MB811171622A-125/-100/-84/-67 burst mode operation and burst type (continued) when the full burst operation is executed at single write mode, auto-precharge command is valid only at write operation. the burst type can be selected either sequential or interleave mode. but only the sequential mode is usable to the full column burst. the sequential mode is an incremental decoding scheme within a boundary address to be determined by burst length, it assigns+1 to the previous (or initial) address until reaching the end of boundary address and then wraps round to least signi?ant address(=0). full column burst and burst stop command (bst) the full column burst is an option of burst length and available only at sequential mode of burst type. this full column burst mode is repeatedly access to the same column. if burst mode reaches end of column address, then it wraps round to ?st column address (=0) and continues to count until interrupted by the news read (read)/write (writ/ bwrit), precharge (pre), or burst stop (bst) command. the selection of auto-precharge option is illegal during the full column burst operation except write command at burst read & single write mode. the bst command is applicable to terminated the burst operation. if the bst command is asserted during the burst mode, its operation is terminated immediately and the internal state moves to bank active. when read mode is interrupted by bst command, the output will be in high-z. for the detail rule, please refer to timing diagram-8. when write mode is interrupted by bst command, the data to be applied at the same time with bst command will be ignored. burst read & single write the burst read and single write mode provides single word write operation regardless of its burst length. in this mode, burst read operation does not be affected by this mode. burst length starting column address a 2 a 1 a 0 sequential mode interleave 2 x x 0 0 ?1 0 ?1 x x 1 1 ?0 1 ?0 4 x 0 0 0 ?1 ?2 ?3 0 ?1 ?2 ? 3 x 0 1 1 ?2 ?3 ?0 1 ?0 ?3 ?2 x 1 0 2 ?3 ?0 ?1 2 ?3 ?0 ?1 x 1 1 3 ?0 ?1 ?2 3 ?2 ?1 ?0 8 0 0 0 0 ?1 ?2 ?3 ?4 ?5 ?6 ?7 0 ?1 ?2 ?3 ?4 ?5 ?6 ?7 0 0 1 1 ?2 ?3 ?4 ?5 ?6 ?7 ?0 1 ?0 ?3 ?2 ?5 ?4 ?7 ?6 0 1 0 2 ?3 ?4 ?5 ?6 ?7 ?0 ?1 2 ?3 ?0 ?1 ?6 ?7 ?4 ?5 0 1 1 3 ?4 ?5 ?6 ?7 ?0 ?1 ?2 3 ?2 ?1 ?0 ?7 ?6 ?5 ?4 1 0 0 4 ?5 ?6 ?7 ?0 ?1 ?2 ?3 4 ?5 ?6 ?7 ?0 ?1 ?2 ?3 1 0 1 5 ?6 ?7 ?0 ?1 ?2 ?3 ?4 5 ?4 ?7 ?6 ?1 ?0 ?3 ?2 1 1 0 6 ?7 ?0 ?1 ?2 ?3 ?4 ?5 6 ?7 ?4 ?5 ?2 ?3 ?0 ?1 1 1 1 7 ?0 ?1 ?2 ?3 ?4 ?5 ?6 7 ?6 ?5 ?4 ?3 ?2 ?1 ?0
21 MB811171622A-125/-100/-84/-67 precharge and precharge option (pre, pall) sdram memory core is the same as conventional drams? requiring precharge and refresh operations. precharge rewrites the bit line and to reset the internal row address line and is executed by the precharge command (pre). with the precharge command, sdram will automatically be in standby state after precharge time (t rp ). the precharged bank is selected by combination of ap and a 11 when precharge command is asserted. if ap = high, both banks are precharged regardless of a 11 (pall). if ap = low, a bank to be selected by a 11 is precharged (pre). the auto-precharge enters precharge mode at the end of burst mode of read or write without precharge command assertion. this auto precharge is entered by ap = high when a read or write command is asserted. refer to function table. auto-refresh (ref) auto-refresh uses the internal refresh address counter. the sdram auto-refresh command (ref) generates precharge command internally. all banks of sdram should be precharged prior to the auto-refresh command. the auto-refresh command should also be asserted every 16 m s or a total 2,048 refresh commands within a 32.8 ms period. self-refresh entry (self) self-refresh function provides automatic refresh by an internal timer as well as auto-refresh and will continue the refresh function until cancelled by selfx. the self-refresh is entered by applying an auto-refresh command in conjunction with cke = low (self). once sdram enters the self-refresh mode, all inputs except for cke will be ?on? care (either logic high or low level state) and outputs will be in a high-z state. during a self-refresh mode, cke = low should be maintained. self command should only be issued after last read data has been appeared on dq. self-refresh exit (selfx) to exit self-refresh mode, apply minimum t pde after cke brought high, and then the nop command (nop) or the deselect command (desl) should be asserted within one t rc period. cke should be held high within one t rc period after t pde . refer to timing diagram for the detail. it is recommended to assert an auto-refresh command just after the t rc period to avoid the violation of refresh period. mode register set (mrs) the mode register of sdram provides a variety of different operations. the register consists of four operation ?lds; burst length, burst type, cas latency, and operation code. refer to mode register table in page 31. the mode register can be programmed by the mode register set command (mrs). each ?ld is set by the address line. once a mode register is programmed, the contents of the register will be held until re-programmed by another mrs command (or part loses power). mrs command should only be issued on condition that all dq is in hi-z. the condition of the mode register is unde?ed after the power-up stage. it is required to set each ?ld after initialization of sdram. refer to power-up initialization below. power-up initialization the sdram internal condition after power-up will be unde?ed. it is required to follow the following power on sequence to execute read or write operation. 1. apply power and start clock. attempt to maintain either nop or desl command at the input. 2. maintain stable power, stable clock, and nop condition for a minimum of 200 m s. 3. precharge all banks by precharge (pre) or precharge all command (pall). 4. assert minimum of 8 auto-refresh command (ref). 5. program the mode register by mode register set command (mrs). in addition, it is recommended dqm and cke to track v cc to insure that output is high-z state. the mode register set command (mrs) can be set before 8 auto-refresh command (ref).
22 MB811171622A-125/-100/-84/-67 fig. 3 ? basic timing for conventional dram vs synchronous dynamic ram ras cas dq clk cs dq t si ras cas cke we cas latency = 2 or 3 burst length = 4 active read/write precharge address hh h ba (a 11 ) ca ba (a 11 ) ra ba (a 11 ) ap (a 10 ) row address select column address select precharge t hi h : read l : write
23 MB811171622A-125/-100/-84/-67 n capacitance (t a = 25 c, f = 1 mhz) n recommended operating conditions (referenced to v ss ) notes: *1. overshoot limit : v ih (max) = tbd. *2. undershoot limit : v il (min) = ?.5 v with a pulsewidth 5 ns. parameter symbol typ. max. unit input capacitance, address c in1 ?pf input capacitance, except for address c in2 ?pf i/o capacitance c i/o ?pf parameter notes symbol min. typ. max. unit supply voltage v cc , v ccq 3.0 3.3 3.6 v v ss , v ssq 000v input high voltage *1 v ih 2.0 v cc + 0.5 v input low voltage *2 v il ?.5 0.8 v ambient temperature t a 070 c
24 MB811171622A-125/-100/-84/-67 n dc characteristics (at recommended operating conditions unless otherwise noted.) notes 1, 2 (continued) parameter symbol condition value unit min. max. output high voltage v oh(dc) i oh = ? ma 2.4 v output low voltage v ol(dc) i ol = 2 ma 0.4 v input leakage current (any input) i li 0 v v in v cc ; all other pins not under test = 0 v ?0 10 m a output leakage current i lo 0 v v in v cc ; data out disabled ?0 10 m a operating current (average power supply current) MB811171622A-125 i cc1s no burst ; t ck = min t rc = min one bank active 0 v v in v cc 90 ma mb811171622a-100 85 mb811171622a-84 80 mb811171622a-67 75 MB811171622A-125 i cc1d no burst ; t ck = min t rc = min all banks active 0 v v in v cc ?a mb811171622a-100 mb811171622a-84 mb811171622a-67 precharge standby current (power supply current) i cc2p cke = v il all banks idle t ck = min power down mode 0 v v in v cc ?ma i cc2n cke = v ih all banks idle t ck = min 0 v v in v cc ?0ma active standby current (power supply current) i cc3p cke = v il any bank active t ck = min 0 v v in v cc ?0ma i cc3n cke = v ih any bank active t ck = min 0 v v in v cc ?0ma burst mode current (average power supply current) MB811171622A-125 i cc4 t ck = min 0 v v in v cc ma mb811171622a-100 mb811171622a-84 mb811171622a-67 140 130 120 110 150 135 125 115
25 MB811171622A-125/-100/-84/-67 (continued) parameter symbol condition value unit min. max. refresh current #1 (average power supply current) MB811171622A-125 i cc5 auto-refresh ; t ck = min t rc = min 0 v v in v cc ?a mb811171622a-100 mb811171622a-84 mb811171622a-67 refresh current #2 (average power supply current) i cc6 self-refresh ; cke = v il 0 v v in v cc ?ma 120 110 100 90
26 MB811171622A-125/-100/-84/-67 n ac characteristics (at recommended operating conditions unless otherwise noted.) note 2, 3, 4 parameter notes symbol mb811171622a -125 mb811171622a -100 mb811171622a -84 mb811171622a -67 unit min. max. min. max. min. max. min. max. clock period cas latency = 2 t ck 12 15 17 20 ns cas latency = 3 8 101215ns clock high time t ch 3.5???ns clock low time t cl 3.5???ns input setup time t si 3???ns input hold time t hi 1???ns acess time from clock (t ck = min) *5, 6 cas latency = 2 t ac 9 9 9 ns cas latency = 3 7.5 8.5 8.5 ns output in low-z *7 t lz 2???ns output in high-z *7 t hz 2???ns output hold time *7 t oh 2???ns time between refresh t ref 32.8 32.8 32.8 32.8 ms transition time t t 0.5 2 0.5 2 0.5 2 0.5 2 ns power down exit time t pde 3???ns 10 9
27 MB811171622A-125/-100/-84/-67 base values for clock count/latency clock count formula note 13 parameter notes symbol mb811171622a -125 mb811171622a -100 mb811171622a -84 mb811171622a -67 unit min. max. min. max. min. max. min. max. ras cycle time *8 t rc 75 90 100 110 ns ras access time *9 t rac ?5?4?6?0ns cas access time *10,13 t cac ?1?4?6?0ns ras precharge time t rp 27?0?5?0ns ras active time t ras 48 100000 60 100000 65 100000 70 100000 ns ras to cas delay time *11 t rcd 24?0?0?0ns write recovery time t wr 8 10?2?5ns write to precharge delay time t rwl 8 10?2?5ns ras to ras bank active delay time t rrd 24?0?0?0ns clock 3 (round off a whole number) base value clock period
28 MB811171622A-125/-100/-84/-67 latency - fixed values (the latency values on these parameters are ?ed regardless of clock period.) notes: *1. i cc depends on the output termination or load conditions, clock cycle rate, and signal clocking rate and address change; the speci?d values are obtained with the output open and no termination register and one time address change. *2. an initial pause (desl or nop) of 200 m s is required after power-up followed by a minimum of eight auto-refresh cycles. *3. ac characteristics assume t t = 1 ns and 50 pf of capacitive load. *4. 1.4 v is the reference level for measuring timing of input signals. transition times are measured between v ih (min) and v il (max). *5. maximum value of cl = 2 depends on t ck . *6. t ac also speci?s the access time at burst mode except for ?st access. *7. speci?d where output buffer is no longer driven. t oh , t lz and t hz de?e the time at which the output level achieves 200 mv. *8. actual clock count of t rc (l rc ) will be sum of clock count of t ras (l ras ) and t rp (l rp ). *9. t rac is a reference value. maximum value is obtained from the sum of t rcd (min) and t cac (max). *10. t cac is a reference value. *11. operation within the t rcd (min) ensures that t rac can be met; if t rcd is greater than the speci?d t rcd (min), access time is determined by t cac or t ac . *12. all base values are measured from the clock edge at the command input to the clock edge for the next command input. all clock counts are calculated by a simple formula: clock count equals base value divided by clock period (round off to a whole number). *13. the t cac depend on the cas latency. parameter notes symbol mb81116822a -125 mb81116822a -100 mb81116822a -87 mb81116822a -67 unit cke to clock disable l cke 1111 cycle dqm to output in high-z l dqz 2222 cycle dqm to input data delay l dqd 0000 cycle last output to write command delay l owd 2222 cycle write command to input data delay l dwd 0000 cycle precharge to output in high-z delay cl = 2 l roh 2222 cycle cl = 3 3333 cycle burst stop command to output in high-z delay cl = 2 l bsh 2222 cycle cl = 3 3333 cycle mode register access to banks active l mrd 2222 cycle cas to cas delay (min) l ccd 1111 cycle cas bank delay (min) l cbd 1111 cycle
29 MB811171622A-125/-100/-84/-67 output note: ac characteristics are measured in this condition. this load circuits are not applicable for v oh and v ol . fig. 4 ? example of ac test load circuit r1 = 500 w cl = 50 pf lvttl 1.4 v
30 MB811171622A-125/-100/-84/-67 t si t hi t ch t ck t ac t hz t oh t lz t cl clk input (control, addr. & data) output 2.0 v 1.4 v 0.8 v 1.4 v 2.0 v 0.8 v 1.4 v 2.4 v 0.4 v note: reference level of input signal is 1.4 v for lvttl. access time is measured at 1.4 v for lvttl. fig. 5 ? timing diagram, setup, hold and delay time clk cke t pde (min) nop don? care don? care command 1 clock (min) nop actv fig. 6 ? timing diagram, delay time for power down exit
31 MB811171622A-125/-100/-84/-67 fig. 7 ? timing diagram, pulse width t pde , t rp , t ras , t rcd , t rwl , t rrd command command clk input (control) note: this parameter is a limit value of the rising edge of the clock from one command input to next input. t pde is the latency value from the rising edge of cke. measurement reference voltage is 1.4 v. fig. 8 ? timing diagram, access time t rac t cac t ac clk ras cas dq (output) t rcd q(valid) (cas latency ?) t ck note: t rac is a reference value. data can be obtained after both t cac and t ac are satis?d.
32 MB811171622A-125/-100/-84/-67 n mode register table a 2 a 1 a 0 burst length 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 1 2 4 8 reserved reserved reserved full column 0 1 0 1 0 1 0 1 reserved 2 4 8 reserved reserved reserved reserved bt=0 bt=1 a 11 a 10 a 9 a 8 a 7 a 6 a 5 a 4 a 3 a 2 address op- code 0 0 cl bt bl mode register a 3 burst type sequential (wrap round, binary-up) interleave (wrap round, binary-up) 0 1 a 6 a 5 a 4 cas latency 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 mode register set a 9 op-code burst read & burst write burst read & single write 0 1 reserved reserved 2 3 reserved reserved reserved reserved note: when a 9 = 1, burst length at write is always one regardless of bl value. a 1 a 0 00
33 MB811171622A-125/-100/-84/-67 timing diagram ?1 : clock enable - read and write suspend (@ bl = 4) q1 q2 (no change) q3 (no change) q4 d1 not written d2 not written d3 d4 clk cke clk (internal) dq (read) dq (write) notes: 1. the latency of cke (l cke ) is one clock. 2. during read mode, burst counter will not be incremented/decremented at the next clock of csus command. output remain the same data. 3. during the write mode, data at the next clock of csus command is ignored. 1 33 1 22 22 i cke (1 clock) i cke (1 clock) timing diagram ?2 : clock enable - power down entry and exit nop pd(nop) don? care nop actv clk cke command 1 clock (min) 1 23 nop 3 notes: 1. precharge command (pre or pall) should be asserted if any bank is active and in the burst mode. 2. precharge command can be posted in conjunction with cke after the last read data have been appeared on dq. 3. the actv command can be latched after t pde (min) + 1 clock (min). it is recommended to apply nop command in conjunction with cke. t pde t ref (max)
34 MB811171622A-125/-100/-84/-67 timing diagram ?3 : column address to column address input delay clk ras cas row address column address address column address column address column address i ccd (1 clock) column address t rcd (min) note: cas to cas address delay can be one or more clock period. i ccd i ccd i ccd timing diagram ?4 : different bank address input delay t rcd (min) t rrd (min) clk ras cas row address row address address column address column address column address bank 0 bank 1 bank 1 bank 1 bank 0 bank 0 a 11 (ba) column address t rcd (min) i cbd i cbd
35 MB811171622A-125/-100/-84/-67 timing diagram ?5 : dqm - input mask and output disable (@ bl = 4) clk dqml-dqmu (@ read) dq (@ read) dqml-dqmu (@ write) dq (@ write) q1 q2 hi-z q4 end of burst d1 masked d3 d4 end of burst i dqz (2 clocks) i dqd (same clock) timing diagram ?6 : precharge timing (applied to the same bank) t ras (min) clk command actv precharge
36 MB811171622A-125/-100/-84/-67 timing diagram ?7 : read interrupted by precharge (example @ cl = 2, bl = 4) clk command dq command dq command dq command dq hi-z q1 precharge precharge precharge precharge q1 q2 q1 q2 q3 q1 q2 q3 q4 hi-z hi-z no effect (end of burst) note: in case of cl = 2, the l roh are 2 clock. in case of cl = 3, the l roh are 3 clock. i roh (2 clocks) i roh (2 clocks) i roh (2 clocks)
37 MB811171622A-125/-100/-84/-67 timing diagram ?8 : read interrupted by burst stop (example @ bl = full column) clk command (cl = 2) dq command (cl = 3) dq q n q n+1 hi-z hi-z q n+2 q n-1 q n-2 q n q n+1 q n? q n? l bsh (2 clocks) l bsh (3 clocks) bst bst note: the selection of auto-precharge option is illegal during the burst operation except write command at burst read & single write mode. timing diagram ?9 : write interrupted by burst stop (example @ bl = 2) clk command dq last data-in masked by bst bst command
38 MB811171622A-125/-100/-84/-67 timing diagram ?10 : write interrupted by precharge (example @ cl = 3) t rp (min) t rwl (min) clk command dq active data-in last data-in masked by pre note: the precharge command (pre) should only be issued after the t rwl of ?al data input, is satis?d. precharge timing diagram ?11 : read interrupted by write (example @ cl = 3, bl = 4) clk command dqm dq data out masked data in data in note 1 note 2 note 3 write notes: first dqm makes high impedance state high-z between last output and ?st input data. 2. second dqm makes internal output data mask to avoid bus contention. 3. third dqm in illustrated above also makes internal output data mask. if burst read ends (?al data output) at or after the second clock of burst write, this third dqm is required to avoid internal bus contention. i dwd (same clock) i owd (2 clocks) i dqz (2 clocks) read
39 MB811171622A-125/-100/-84/-67 timing diagram ?12 : write to read timing (example @ cl = 3, bl = 4) clk command dq dqm note: read command should be issued after t wr of ?al data input is satis?d if read command is applied to the same bank. write read d1 q1 q2 d3 masked by read t wr (min) d2 t cac (min) reada actv nop or desl actv q1 q2 t ras (min) 2 clocks (same value as bl) t rp (min) timing diagram ?13 : read with auto-precharge (exaple @ cl = 2, bl = 2 applied to same bank) clk command dqm (dqmu/ dqml) dq note: precharge at read with auto-precharge command (reada) is started from number of clocks that is the same as burst length (bl) after reada command is asserted.
40 MB811171622A-125/-100/-84/-67 timing diagram ?14 : write with auto-precharge (example @ cl = 2, bl = 2 applied to same bank) clk command dqm (dqmu/ dqml) dq note: precharge at write with auto-precharge is started after the t rwl from the end of burst. even if the ?al data is masked by dqm, the precharge does not start the clock of ?al data input. once auto-precharge command is asserted, no new command within the same bank can be issued. auto-precharge command doesn? affect at full column burst operation except burst read & single write mode. writa actv nop or desl actv t ras (min) ?t rwl (min) d1 d2 t rwl (min) + t rp (min) timing diagram ?15 : auto-refresh timing t rc (min) t rc (min) clk command a 11 (ba) ref command nop don? care ba 1 nop nop ref nop 4 don? care notes: 1. all banks should be precharged prior to the ?st auto-refresh command (ref). 2. bank select is ignored at ref command. the refresh address is selected by internal refresh counter, and both banks are internally selected simultaneously. 3. either nop or desl command should be asserted during t rc period while auto-refresh mode. 4. the activation command such as actv or mrs command other than ref command should be asserted after t rc from the last ref command. 3
41 MB811171622A-125/-100/-84/-67 timing diagram ?16 : self-refresh entry and exit timing t rc (min) t pde (min) clk cke command nop notes: 1. precharge command (pre or pall) should be asserted if any bank is active prior to self-refresh entry command (self). 2. the self-refresh exit command (selfx) is latched after t pde (min). it is recommended to apply nop command in conjunction with cke. 3. either nop or desl command can be used during t rc period. 4. cke should be held high within one t rc period after t pde . self don? care selfx command nop 2 nop 3 1 t si (min) timing diagram ?17 : mode register set timing clk command address mrs nop or desl mode row adress actv note: the mode register set command (mrs) should be only asserted after all banks have been precharged. i mrd (min 2 clocks)
42 MB811171622A-125/-100/-84/-67 n package dimensions (.045.002) 1.150.05 lead no. 0.10(.004) max 0.40(.016) max 0.15(.006) 0.25(.010) details of "a" part (.005.002) 0.1250.05 (.400.004) 10.160.10 (.463.008) 11.760.20 (.424.008) 10.760.20 (.020.004) 0.500.10 (stand off) 0.05(.002)min 0.10(.004) typ. 0.80(.031) ref. 19.20(.756) * 0.13(.005) m (.012.004) 0.300.10 (.825.004) 20.950.10 index "a" 25 1 26 50 1995 fujitsu limited f50005s-2c-1 c dimensions in mm (inches) *: resin protrusion. (each side: 0.15 (.006) max) 50-lead plastic flat package (case no.: fpt-50p-m05)
24 fujitsu limited for further information please contact: japan fujitsu limited corporate global business support division electronic devices kawasaki plant, 4-1-1, kamikodanaka nakahara-ku, kawasaki-shi kanagawa 211-88, japan tel: (044) 754-3763 fax: (044) 754-3329 north and south america fujitsu microelectronics, inc. semiconductor division 3545 north first street san jose, ca 95134-1804, u.s.a. tel: (408) 922-9000 fax: (408) 432-9044/9045 europe fujitsu mikroelektronik gmbh am siebenstein 6-10 63303 dreieich-buchschlag germany tel: (06103) 690-0 fax: (06103) 690-122 asia paci? fujitsu microelectronics asia pte. limited #05-08, 151 lorong chuan new tech park singapore 556741 tel: (65) 281-0770 fax: (65) 281-0220 f9703 ? fujitsu limited printed in japan all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information and circuit diagrams in this document presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. fujitsu semiconductor devices are intended for use in standard applications (computers, office automation and other office equipment, industrial, communications, and measurement equipment, personal or household devices, etc.). caution: customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with fujitsu sales representatives before such use. the company will not be responsible for damages arising from such use without prior approval. any semiconductor devices have inherently a certain rate of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade control law of japan, the prior authorization by japanese government should be required for export of those products from japan.


▲Up To Search▲   

 
Price & Availability of MB811171622A-125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X