Part Number Hot Search : 
W523S20 084V3T1 5M250 AS300DA EGP20DT SC5707 815AF CFB940P
Product Description
Full Text Search
 

To Download HMC-ALH10209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low noise amplifiers - chip 1 1 - 114 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz v02.0209 general description features functional diagram noise figure: 2.5 db gain: 11.6 db @ 10 ghz p1db output power: +10 dbm supply voltage: +2v @ 55 ma die size: 3.0 x 1.435 x 0.1 mm electrical speci cations , t a = +25 c, vdd= 2v [1] , idd = 55ma [2] typical applications this hmc-alh102 is ideal for: ? wideband communications receivers ? surveillance systems ? point-to-point radios ? point-to-multi-point radios ? military & space ? test instrumentation the hmc-alh102 is a gaas mmic hemt low noise distributed ampli er die which operates between 2 and 20 ghz. the ampli er provides 11.6 db of gain at 10 ghz, 2.5 db noise gure and +10 dbm of out- put power at 1 db gain compression while requiring only 55 ma from a +2v supply voltage. the hmc- alh102 ampli er is ideal for integration into multi- chip-modules (mcms) due to its small size. hmc-alh102 parameter min. typ. max. units frequency range 2 - 20 ghz gain 8 10 db input return loss 15 db output return loss 12 db output power for 1 db compression 8 10 dbm noise figure 2.5 db supply current (idd) 55 ma [1] unless otherwise indicated, all measurements are from probed die [2] adjust vgg between -1v to +0.3v (typ. -0.5v) to achieve idd= 55 ma
low noise amplifiers - chip 1 1 - 115 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com noise figure vs. frequency output return loss vs. frequency linear gain vs. frequency input return loss vs. frequency hmc-alh102 v02.0209 gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz note: measured performance characteristics (typical performance at 25c) vd= 2.0 v, id = 55 ma 0 4 8 12 16 2 6 10 14 18 22 gain (db) frequency (ghz) -25 -20 -15 -10 -5 0 2 6 10 14 18 22 return loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 2 6 10 14 18 22 return loss (db) frequency (ghz) 0 1 2 3 4 5 2 6 10 14 18 22 noise figure (db) frequency (ghz)
low noise amplifiers - chip 1 1 - 116 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com hmc-alh102 v02.0209 gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz outline drawing absolute maximum ratings drain bias voltage +3.7 vdc gate bias voltage -1 to +0.3 vdc rf input power 5 dbm channel temperature 180 c electrostatic sensitive device observe handling precautions notes: 1. all dimensions are in inches [mm]. 2. typical bond pad is .004 square. 3. backside metallization: gold. 4. backside metal is ground. 5. bond pad metallization: gold. 6. connection not required for unlabeled bond pads. 7. overall die size .002 die packaging information [1] standard alternate gp-2 (gel pack) [2] [1] refer to the packaging information section for die packaging dimensions. [2] for alternate packaging information contact hittite microwave corporation.
low noise amplifiers - chip 1 1 - 117 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com pad number function pad description interface schematic 1 rfin this pas is ac coupled and matched to 50 ohms. 2vdd power supply voltage for the ampli er. see assembly dia- gram for required external components. 3, 5 vgg gate control for ampli er. please follow mmic ampli er bias- ing procedure application note. see assembly for required external components. 4 rfout this pad is ac coupled and matched to 50 ohms. die bottom gnd die bottom must be connected to rf/dc ground. pad descriptions hmc-alh102 v02.0209 gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz
low noise amplifiers - chip 1 1 - 118 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com assembly diagram note 1: bypass caps should be 100 pf (approximately) ceramic (single-layer) placed no farther than 30 mils from the ampli er note 2: best performance obtained from use of <10 mil (long) by 3 by 0.5 mil ribbons on input and output.10 ohms note 3: gate bond pads (vg) exist on the upper & lower sides of the mmic for assembly convenience. for best performance the unused pad should be attached to a 100pf cap to ground, but is not required. hmc-alh102 v02.0209 gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz
low noise amplifiers - chip 1 1 - 119 for price, delivery, and to place orders, please contact hittite microwave corporation: 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com mounting & bonding techniques for millimeterwave gaas mmics the die should be attached directly to the ground plane eutectically or with conductive epoxy (see hmc general handling, mounting, bonding note). 50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina thin lm substrates are recommended for bringing rf to and from the chip (figure 1). if 0.254mm (10 mil) thick alumina thin lm substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. one way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (figure 2). microstrip substrates should be brought as close to the die as possible in order to minimize bond wire length. typical die-to-substrate spacing is 0.076mm (3 mils). handling precautions follow these precautions to avoid permanent damage. storage: all bare die are placed in either waffle or gel based esd protective containers, and then sealed in an esd protective bag for shipment. once the sealed esd protective bag has been opened, all die should be stored in a dry nitrogen environment. cleanliness: handle the chips in a clean environment. do not attempt to clean the chip using liquid cleaning systems. static sensitivity: follow esd precautions to protect against > 250v esd strikes. transients: suppress instrument and bias supply transients while bias is applied. use shielded signal and bias cables to minimize inductive pick-up. general handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. the surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or ngers. mounting the chip is back-metallized and can be die mounted with ausn eutectic preforms or with electrically conductive epoxy. the mounting surface should be clean and at. eutectic die attach: a 80/20 gold tin preform is recommended with a work surface temperature of 255 c and a tool temperature of 265 c. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 c. do not expose the chip to a temperature greater than 320 c for more than 20 seconds. no more than 3 seconds of scrubbing should be required for attachment. epoxy die attach: apply a minimum amount of epoxy to the mounting surface so that a thin epoxy llet is observed around the perimeter of the chip once it is placed into position. cure epoxy per the manufacturers schedule. wire bonding ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire is recommended. thermosonic wirebonding with a nominal stage temperature of 150 c and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on the chip and terminated o n the package or substrate. all bonds should be as short as possible <0.31 mm (12 mils). 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.127mm (0.005?) thick alumina thin film substrate 0.076mm (0.003?) figure 1. 0.102mm (0.004?) thick gaas mmic wire bond rf ground plane 0.254mm (0.010?) thick alumina thin film substrate 0.076mm (0.003?) figure 2. 0.150mm (0.005?) thick moly tab hmc-alh102 v02.0209 gaas hemt mmic wideband low noise amplifier, 2 - 20 ghz


▲Up To Search▲   

 
Price & Availability of HMC-ALH10209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X