Part Number Hot Search : 
IRF953 350FV F16C10PT KBP306 MS524PYA MA2056 49100 1N287
Product Description
Full Text Search
 

To Download FS20UMA-5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi nch power mosfet FS20UMA-5A high-speed switching use sep. 2001 FS20UMA-5A outline drawing dimensions in mm to-220 mitsubishi nch power mosfet FS20UMA-5A high-speed switching use application crt display monitor, smps, etc. 250 20 20 60 20 135 C 55 ~ +150 C 55 ~ +150 2.0 v gs = 0v v ds = 0v l = 200 h typical value drain-source voltage gate-source voltage drain current drain current (pulsed) avalanche current (pulsed) maximum power dissipation channel temperature storage temperature weight v v a a a w c c g v dss v gss i d i dm i da p d t ch t stg symbol maximum ratings (tc = 25 c) parameter conditions ratings unit 10v drive v dss ............................................................................... 250v r ds (on) (max) .............................................................. 0.20 ? i d ......................................................................................... 20a 10.5max. 4.5 1.3 3.6 3.2 16 12.5min. 3.8max. 1.0 0.8 2.54 2.54 4.5max. 0.5 2.6 7.0 ??? ? gate ? drain ? source ? drain ? ?? ? ?
mitsubishi nch power mosfet FS20UMA-5A high-speed switching use sep. 2001 v (br) dss i gss i dss v gs (th) r ds (on) v ds (on) ? y fs ? c iss c oss c rss t d (on) t r t d (off) t f v sd r th (ch-c) v a ma v ? v s pf pf pf ns ns ns ns v c/w 250 2.0 3.0 0.15 1.50 20.0 2250 220 65 35 60 400 90 1.5 0.1 1 4.0 0.20 2.00 2.0 0.93 electrical characteristics (tch = 25 c) drain-source breakdown voltage gate-source leakage current drain-source leakage current gate-source threshold voltage drain-source on-state resistance drain-source on-state voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage thermal resistance symbol unit parameter test conditions limits min. typ. max. i d = 1ma, v gs = 0v v gs = 20v, v ds = 0v v ds = 250v, v gs = 0v i d = 1ma, v ds = 10v i d = 10a, v gs = 10v i d = 10a, v gs = 10v i d = 10a, v ds = 10v v ds = 25v, v gs = 0v, f = 1mhz v dd = 150v, i d = 10a, v gs = 10v, r gen = r gs = 50 ? i s = 10a, v gs = 0v channel to case performance curves power dissipation derating curve case temperature t c ( c) power dissipation p d (w) maximum safe operating area drain-source voltage v ds (v) drain current i d (a) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) 0 40 80 120 160 200 0 200 50 100 150 10 C 1 7 10 0 5 7 2 3 10 1 5 7 2 3 5 7 2 3 10 1 357 2 10 2 10 3 357 7 235 22 0 4 8 12 16 20 0 1.0 2.0 3.0 4.0 5.0 t c = 25 c single pulse 100 s tw = 10 s 1ms 10ms dc v gs = 20v,10v,8v,6v,5v t c = 25 c pulse test 4v 4.5v 0 10 20 30 40 50 0 4 8 121620 v gs = 20v,10v,8v,6v p d = 135w t c = 25 c pulse test 5v 4v
mitsubishi nch power mosfet FS20UMA-5A high-speed switching use sep. 2001 on-state voltage vs. gate-source voltage (typical) gate-source voltage v gs (v) drain-source on-state voltage v ds (on) (v) on-state resistance vs. drain current (typical) drain current i d (a) drain-source on-state resistance r ds (on) ( ? ) transfer characteristics (typical) gate-source voltage v gs (v) drain current i d (a) forward transfer admittance vs. drain current (typical) drain current i d (a) switching characteristics (typical) drain-source voltage v ds (v) capacitance vs. drain-source voltage (typical) drain current i d (a) capacitance ciss, coss, crss (pf) switching time (ns) 0 10 20 30 40 50 048121620 0 4 8 12 16 20 048121620 0 0.1 0.2 0.3 0.4 0.5 10 C 1 2 10 0 357 2 10 1 357 2 10 2 357 10 1 10 0 23 57 72357 10 1 5 7 10 2 2 3 5 7 2 3 5 10 0 357 10 1 3 2 257 10 2 3 22 57 10 2 10 1 3 5 7 10 3 2 2 3 5 7 2 3 5 10 1 10 0 23 57 72357 10 0 2 3 5 7 10 1 2 3 5 5 7 2 3 v ds = 10v pulse test t c = 25 c pulse test t c = 25 c v ds = 10v pulse test tch = 25 c v gs = 10v v dd = 150v r gen = r gs = 50 ? t d(off) t d(on) t f t r ciss coss crss tch = 25 c v gs = 0v f = 1mhz t c = 25 c pulse test t c = 25 c,75 c,125 c v gs = 10v 20v i d = 10a 20a 40a forward transfer admittance ? y fs ? (s)
mitsubishi nch power mosfet FS20UMA-5A high-speed switching use sep. 2001 gate-source voltage vs. gate charge (typical) gate charge q g (nc) gate-source voltage v gs (v) source-drain diode forward characteristics (typical) source-drain voltage v sd (v) source current i s (a) channel temperature tch ( c) drain-source on-state resistance r ds (on) (t c) threshold voltage vs. channel temperature (typical) gate-source threshold voltage v gs (th) (v) transient thermal impedance characteristics channel temperature tch ( c) breakdown voltage vs. channel temperature (typical) pulse width t w (s) transient thermal impedance z th (ch C c) ( c/ w) on-state resistance vs. channel temperature (typical) drain-source on-state resistance r ds (on) (25 c) channel temperature tch ( c) drain-source breakdown voltage v (br) dss (t c) drain-source breakdown voltage v (br) dss (25 c) 0.4 0.6 0.8 1.0 1.2 1.4 C 50 0 50 100 150 v gs = 0v i d = 1ma 0 8 16 24 32 40 0 0.8 1.6 2.4 3.2 4.0 10 C 1 10 0 2 3 5 7 10 1 2 3 5 7 C 50 0 50 100 150 v gs = 10v i d = 10a pulse test 0 4 8 12 16 20 0 40 80 120 160 200 10 C 2 10 C 1 2 3 5 7 10 0 2 3 5 7 10 1 2 3 5 7 10 C 4 23 57 23 57 23 57 23 57 10 0 23 57 10 1 23 57 10 2 10 C 3 10 C 2 10 C 1 v ds = 50v 100v 150v t c h = 25 c i d = 20a v gs = 0v pulse test t c = 25 c 75 c 125 c p dm tw d = t tw t d = 1.0 = 0.5 = 0.1 single pulse = 0.05 = 0.02 = 0.01 0 1.0 2.0 3.0 4.0 5.0 C 50 0 50 100 150 v ds = 10v i d = 1ma = 0.2


▲Up To Search▲   

 
Price & Availability of FS20UMA-5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X