Part Number Hot Search : 
DK30S16 STBS068 STBS06H 18F66 L7818 STF701TG MSZ52 PS11422
Product Description
Full Text Search
 

To Download FS12KMA-5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi nch power mosfet FS12KMA-5A high-speed switching use sep. 2001 FS12KMA-5A outline drawing dimensions in mm to-220fn mitsubishi nch power mosfet FS12KMA-5A high-speed switching use application crt display monitor, smps, etc. 250 20 12 36 12 35 C 55 ~ +150 C 55 ~ +150 2000 2.0 v gs = 0v v ds = 0v l = 200 h ac for 1minute, terminal to case typical value drain-source voltage gate-source voltage drain current drain current (pulsed) avalanche current (pulsed) maximum power dissipation channel temperature storage temperature isolation voltage weight v v a a a w c c v g v dss v gss i d i dm i da p d t ch t stg v iso symbol maximum ratings (tc = 25 c) parameter conditions ratings unit 10v drive v dss ............................................................................... 250v r ds (on) (max) .............................................................. 0.40 ? i d ......................................................................................... 12a ? ? ? ? gate ? drain ? source 15 0.3 14 0.5 10 0.3 2.8 0.2 3.2 0.2 1.1 0.2 1.1 0.2 0.75 0.15 2.54 0.25 2.54 0.25 2.6 0.2 4.5 0.2 0.75 0.15 3 0.3 3.6 0.3 6.5 0.3 ???
mitsubishi nch power mosfet FS12KMA-5A high-speed switching use sep. 2001 v (br) dss i gss i dss v gs (th) r ds (on) v ds (on) ? y fs ? c iss c oss c rss t d (on) t r t d (off) t f v sd r th (ch-c) v a ma v ? v s pf pf pf ns ns ns ns v c/w 250 2.0 3.0 0.27 1.62 11.0 1200 120 30 20 35 190 50 1.5 0.1 1 4.0 0.40 2.40 2.0 3.57 electrical characteristics (tch = 25 c) drain-source breakdown voltage gate-source leakage current drain-source leakage current gate-source threshold voltage drain-source on-state resistance drain-source on-state voltage forward transfer admittance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage thermal resistance symbol unit parameter test conditions limits min. typ. max. i d = 1ma, v gs = 0v v gs = 20v, v ds = 0v v ds = 250v, v gs = 0v i d = 1ma, v ds = 10v i d = 6a, v gs = 10v i d = 6a, v gs = 10v i d = 6a, v ds = 10v v ds = 25v, v gs = 0v, f = 1mhz v dd = 150v, i d = 6a, v gs = 10v, r gen = r gs = 50 ? i s = 6a, v gs = 0v channel to case performance curves power dissipation derating curve case temperature t c ( c) power dissipation p d (w) maximum safe operating area drain-source voltage v ds (v) drain current i d (a) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) output characteristics (typical) drain current i d (a) drain-source voltage v ds (v) 0 10 20 30 40 50 0 200 50 100 150 10 C 1 7 10 0 5 7 2 3 10 1 5 7 2 3 5 7 2 3 10 1 357 2 10 2 10 3 357 7 235 22 0 2 4 6 8 10 0 1.0 2.0 3.0 4.0 5.0 t c = 25 c single pulse 100 s tw = 10 s 1ms 10ms dc v gs = 20v,10v,8v,6v,5v t c = 25 c pulse test 4v 4.5v 0 4 8 12 16 20 0246810 v gs = 20v,10v,8v,6v p d = 35w p d = 35w t c = 25 c pulse test 5v
mitsubishi nch power mosfet FS12KMA-5A high-speed switching use sep. 2001 on-state voltage vs. gate-source voltage (typical) gate-source voltage v gs (v) drain-source on-state voltage v ds (on) (v) on-state resistance vs. drain current (typical) drain current i d (a) drain-source on-state resistance r ds (on) ( ? ) transfer characteristics (typical) gate-source voltage v gs (v) drain current i d (a) forward transfer admittance vs. drain current (typical) drain current i d (a) forward transfer admittance ? y fs ? (s) switching characteristics (typical) drain-source voltage v ds (v) capacitance vs. drain-source voltage (typical) drain current i d (a) capacitance ciss, coss, crss (pf) switching time (ns) 0 4 8 12 16 20 048121620 0 2 4 6 8 10 048121620 0 0.1 0.2 0.3 0.4 0.5 10 C 1 2 10 0 357 2 10 1 357 2 10 2 357 10 1 10 0 23 57 72357 10 1 5 7 10 2 2 3 5 7 2 3 5 10 0 357 10 1 3 2 257 10 2 3 22 57 10 2 10 1 3 5 7 10 3 2 2 3 5 7 2 3 5 10 1 10 0 23 57 72357 10 C 1 10 0 2 3 5 7 10 1 2 3 5 7 2 3 v ds = 10v pulse test t c = 25 c pulse test t c = 25 c v ds = 10v pulse test tch = 25 c v gs = 10v v dd = 150v r gen = r gs = 50 ? t d(off) t d(on) t f t r ciss coss crss tch = 25 c v gs = 0v f = 1mhz t c = 25 c pulse test t c = 25 c,75 c,125 c v gs = 10v, 20v i d = 24a 6a 12a 18a
mitsubishi nch power mosfet FS12KMA-5A high-speed switching use sep. 2001 gate-source voltage vs. gate charge (typical) gate charge q g (nc) gate-source voltage v gs (v) source-drain diode forward characteristics (typical) source-drain voltage v sd (v) source current i s (a) channel temperature tch ( c) drain-source on-state resistance r ds (on) (t c) threshold voltage vs. channel temperature (typical) gate-source threshold voltage v gs (th) (v) transient thermal impedance characteristics channel temperature tch ( c) breakdown voltage vs. channel temperature (typical) pulse width t w (s) transient thermal impedance z th (ch C c) ( c/ w) on-state resistance vs. channel temperature (typical) drain-source on-state resistance r ds (on) (25 c) channel temperature tch ( c) drain-source breakdown voltage v (br) dss (t c) drain-source breakdown voltage v (br) dss (25 c) 0.4 0.6 0.8 1.0 1.2 1.4 C 50 0 50 100 150 v gs = 0v i d = 1ma 0 1.0 2.0 3.0 4.0 5.0 C 50 0 50 100 150 v ds = 10v i d = 1ma 0 8 16 24 32 40 0 0.8 1.6 2.4 3.2 4.0 10 C 1 10 0 2 3 5 7 10 1 2 3 5 7 C 50 0 50 100 150 v gs = 10v i d = 6a pulse test 0 4 8 12 16 20 0 20406080100 10 C 2 10 C 1 2 3 5 7 10 0 2 3 5 7 10 1 2 3 5 7 10 C 4 23 57 23 57 23 57 23 57 10 0 23 57 10 1 23 57 10 2 10 C 3 10 C 2 10 C 1 v ds = 50v 100v 150v t c h = 25 c i d = 12a v gs = 0v pulse test t c = 25 c 75 c 125 c p dm tw d = t tw t d = 1.0 = 0.5 = 0.1 = 0.2 single pulse = 0.05 = 0.02 = 0.01


▲Up To Search▲   

 
Price & Availability of FS12KMA-5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X