Part Number Hot Search : 
PCD3360 NX5302SK E332M P31AN E2G0402S CXA1579M MAX150A GBJ610
Product Description
Full Text Search
 

To Download FMB-G16L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  38 external dimensions flammability: ul94v-0 or equivalent (unit: mm) 50.0 1.0 2.9 0.1 2.4 0.1 0.57 0.02 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.6 0.05 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.78 0.05 cathode mark 62.5 0.7 7.2 0.2 4.0 0.2 0.78 0.05 cathode mark 50.0 0.1 1.4 0.1 6.5 0.2 cathode mark 8.0 0.2 62.5 0.7 7.2 0.2 4.0 0.2 0.98 0.05 cathode mark c0.5 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 1.35 0.85 2.54 2.54 0.45 3.3 9.0 15.0 5.0 2.8 3.5 16.5 0.5 20.0 0.5 20.0 0.8 3.3 3.4 2.3 1.0 5.45 5.45 5.0 0.65 2.6 +0.2 0.1 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 0.85 5.08 0.45 3.3 schottky barrier diodes 60v 4.5 0.2 0.05 2.0min 1.35 0.4 1.35 0.4 5.1 2.6 0.2 2.05 0.2 1.1 0.2 1.5 0.2 +0.4 0.1 package part number v rm (v) i f (av) ( a ) i fsm ( a ) 50hz half-cycle sinewave single shot v f (v) i f ( a ) i r (ma) i r (h) (ma) v r = v rm max v r = v rm max tj ( c) tstg ( c) ta ( c) max mass (g) surface mount axial frame-2pin center-tap bridge 60 0.7 1.5 2.0 2.0 5.0 6.0 0.7 0.7 1.5 1.5 2.0 3.5 6.0 4.0 10 10 15 20 30 30 4.0 sfpb-56 sfpw-56 sfpb-66 sfpb-76 spb-g56s spb-66s ak 06 ek 06 ek 16 rk 16 rk 36 rk 46 FMB-G16L fmb-26 fmb-26l fme-2106 fmb-36 fmb-2206 fmb-2306 fmb-36m rbv-406b 0.7 1.5 2.0 2.0 5.0 3.0 0.7 0.7 1.5 1.5 2.0 3.5 5.0 2.0 5.0 5.0 7.5 10.0 15 15.0 2.0 1 1 1 2 3 1 1 1 1 1 2 3 5 1 2.5 1 5 8 8 10 2 20 20 20 20 5 5 22 20 17 15 12 8 4 4 4 4 2 4 4 2 5 82 95 83 84 85 86 87 88 89 91 95 94 91 92 94 95 0.072 0.072 0.072 0.072 0.29 0.29 0.13 0.3 0.3 0.45 0.6 1.2 2.1 2.1 2.1 2.1 5.5 2.1 2.1 5.5 4.25 10 25 25 40 60 40 10 10 25 25 40 70 50 40 50 60 100 150 150 150 40 7.5 70 15 20 125 70 7.5 7.5 15 15 20 35 50 20 50 35 75 275 400 150 20 100 150 (tj) 100 100 150 150 100 100 100 100 100 100 100 100 100 150 (tj) 100 150 150 (tj) 100 100 0.62 0.7 0.69 0.62 0.7 0.7 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.62 0.72 0.62 0.7 0.7 0.62 0.62 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 rth (j- ) rth (j-c) ( c/w) fig. no. page where characteristic curve is shown 6.5 0.4 2.3 0.4 5.4 4.9 4.1 5.4 0.4 1.7 0.5 5.5 0.4 2.5 0.4 0.8 0.1 0.8 1.5 max 0.1 0.55 0.1 0.55 0.1 1.15 0.1 1.2max 2.29 0.5 2.29 0.5 0 to 0.25 0.5 0.2 2.9 0.16 1.37 5.0 0.7 a: part number b: polarity c: lot no. (common to backside of case) n.c 1 chip anode cathode anode center-tap anode cathode (common) a b c 7.5 0.1 7.5 0.1 7.5 0.1 12.5 0.2 4.6 0.2 3.6 0.2 c3 1 +0.2 0.1 +0.2 0.1 0.7 11 0.2 9.5 0.2 15 0.2 (4) 3.8 0.2 3.2 0.2 2.7 0.1 surface mount center-tap 25 0.2
89 fmb-g14 10 20 30 60 50 40 0 1 5 50 10 20ms 50 10 1 0.1 0.01 0.001 0 0.2 0.4 0.6 0.8 1.0 1.4 1.2 50 10 1 0.1 0.01 0.001 020405060 10 30 80 0 130 1 2 3 110 120 100 90 t / t 1/6 = t / t 1/ 3 = t / t 1/2 = d.c. sinewave t a 125 c = 60 c 100 c 27 c 27 c 100 c t a 125 c = 60 c fmb-g14l 10 1 0.1 0.01 0.001 0 0.1 0.2 0.3 0.4 0.5 0.7 0.6 200 100 10 1 0.1 0.01 020 10 40 50 60 30 10 20 30 60 50 40 0 1 5 50 10 20ms 80 0 90 100 130 1 2 3 4 5 120 t / t 1/6 = t / t 1/ 3 = t / t 1/2 = d.c. 110 sinewave t a 125 c = 60 c 100 c 27 c 100 c t a 125 c = 60 c 27 c 30 60 150 120 90 0 1 5 50 10 20ms fmb-g24h 20 10 1 0.1 0.01 0.001 0 0.1 0.2 0.3 0.4 0.5 0.7 0.6 020 10 40 50 60 30 200 100 10 1 0.1 0.01 60 0 70 100 130 2 4 6 8 10 110 t / t 1/6 = t / t 1/2 = d.c. t / t 1/ 3 = sinewave 50 80 90 120 t a 125 c = 60 c 100 c 27 c 100 c t a 125 c = 60 c 27 c FMB-G16L 10 20 50 40 30 0 1 5 50 10 20ms 60 0 80 140 1 2 3 5 4 6 120 100 t / t 1/6 = t / t 1/ 3 = t / t 1/2 = d.c. sinewave 50 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.4 1.2 020 10 40 50 80 60 70 30 50 10 1 0.1 0.005 0.01 t a 125 c = 60 c 100 c 26 c 100 c t a 125 c = 60 c 25 c v r = 60v fmb-g19l 50 10 1 0.1 0.01 0 0.5 1.0 1.5 50 10 1 0.1 0.01 0.001 0 20 40 100 80 60 80 0 90 130 1 2 3 4 120 100 110 t / t 1/6 = t / t 1/ 3 = t / t 1/2 = d.c. sinewave t a 125 c = 60 c 100 c 27 c 25 c 100 c t a 125 c = 60 c 10 20 30 40 60 50 0 1 5 50 10 20ms i fsm (a) i fsm (a) i fsm (a) i fsm (a) i fsm (a) tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating characteristic curves schottky barrier diodes


▲Up To Search▲   

 
Price & Availability of FMB-G16L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X