Part Number Hot Search : 
CZMA10V MTC35 MAX6839 74HC14 UAF3286 AT17C010 EVQWK IA1212D
Product Description
Full Text Search
 

To Download FMB-2304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 schottky barrier diodes 40v package part number v rm (v) i f (av) ( a ) i fsm ( a ) 50hz half-cycle sinewave single shot v f (v) i f ( a ) i r (ma) i r (h) (ma) v r = v rm max v r = v rm max tj ( c) tstg ( c) ta ( c) max mass (g) surface mount axial frame-2pin center-tap 40 1.0 1.5 2.0 2.0 3.0 5.0 6.0 1.0 1.0 1.0 1.0 2.0 1.5 1.7 2.5 3.0 3.0 5.0 10.0 15 4.0 6.0 10.0 10 10 12 15 15 15 15 20 20 30 30 sfpb-54 sfpb-64 sfpb-74 sfpe-64 spb-g34s spb-g54s spb-64s ak 04 aw 04 ae 04 ek 04 ee 04 ek 14 rk 14 rk 34 rk 44 fmb-g14 fmb-g14l fmb-g24h mpe-24h fmb-24 fmb-24m fmw-24l fmb-24l fme-2104 fmb-34s fmw-24h fme-24h fmb-24h fmb-34 fmb-2204 fmw-2204 FMB-2304 fmb-34m 1.0 2.0 2.0 2.0 3.0 5.0 3.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.5 3.0 3.0 5.0 10.0 7.5 2.0 3.0 5.0 5.0 5.0 6 7.5 7.5 7.5 7.5 10 10 15 15.0 1 5 5 0.2 3.5 5 3.5 1 5 0.1 5 0.2 5 5 5 5 5 5 10 0.75 5 5 5 5 0.5 5 7.5 0.75 7.5 10 10 10 15 20 20 20 20 20 5 5 5 22 22 22 20 20 17 15 12 8 4 4 4 2.5 4 4 4 4 4 2 4 4 4 2 4 4 4 2 82 83 84 85 86 86 87 88 89 85 90 91 90 92 94 90 92 90 93 81 91 93 0.072 0.072 0.072 0.072 0.29 0.29 0.29 0.13 0.13 0.13 0.3 0.3 0.3 0.45 0.6 1.2 2.1 2.1 2.1 1.04 2.1 2.1 2.1 2.1 2.1 5.5 2.1 2.1 2.1 5.5 2.1 2.1 2.1 5.5 30 60 60 40 50 60 50 25 25 25 40 40 40 60 50 80 60 60 150 100 50 60 100 60 80 75 120 100 100 150 150 120 150 300 50 50 50 20 50 50 50 50 35 10 50 20 50 50 50 50 100 100 65 50 35 35 175 35 30 35 250 50 50 65 350 350 500 100 100 100 100 150 (tj) 100 100 100 100 (tj) 150 150 (tj) 100 150 (tj) 100 100 100 100 100 100 100 150 (tj) 100 100 150 100 100 100 150 100 100 100 150 150 (tj) 150 100 0.55 0.55 0.5 0.6 0.55 0.55 0.55 0.55 0.58 0.6 0.55 0.6 0.55 0.55 0.55 0.55 0.55 0.55 0.55 0.6 0.55 0.55 0.55 0.55 0.6 0.58 0.55 0.6 0.55 0.55 0.55 0.55 0.55 0.55 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 40 to +150 rth (j- ) rth (j-c) ( c/w) fig. no. page where characteristic curve is shown surface mount center-tap * : under development *
37 external dimensions flammability: ul94v-0 or equivalent (unit: mm) schottky barrier diodes 40v 4.5 0.2 0.05 2.0min 1.35 0.4 1.35 0.4 5.1 2.6 0.2 2.05 0.2 1.1 0.2 1.5 0.2 +0.4 0.1 6.5 0.4 2.3 0.4 5.4 4.9 4.1 5.4 0.4 1.7 0.5 5.5 0.4 2.5 0.4 0.8 0.1 0.8 1.5 max 0.1 0.55 0.1 0.55 0.1 1.15 0.1 1.2max 2.29 0.5 2.29 0.5 0 to 0.25 0.5 0.2 2.9 0.16 1.37 5.0 0.7 a: part number b: polarity c: lot no. (common to backside of case) n.c 1 chip anode cathode anode center-tap anode cathode (common) a b c 50.0 1.0 2.9 0.1 2.4 0.1 0.57 0.02 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.6 0.05 cathode mark 62.3 0.7 5.0 0.2 2.7 0.2 0.78 0.05 cathode mark 62.5 0.7 7.2 0.2 4.0 0.2 0.78 0.05 cathode mark 62.5 0.7 7.2 0.2 4.0 0.2 0.98 0.05 cathode mark 50.0 0.1 1.4 0.1 6.5 0.2 cathode mark 8.0 0.2 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 0.85 5.08 0.45 3.3 1.2 1.27 10.2 0.86 0.76 2.54 2.54 4.44 1.3 2.59 0.4 3.19 1.3 8.5 10.0 11.3 11.0 1.4 10.2 0.3 2.54 0.5 0.4 0.1 2.59 0.2 1.3 0.2 4.44 0.2 2.54 0.5 1.2 0.2 1.27 0.2 10.0 (1.5) (1.5) (1.4) 8.6 0.3 0.1 +0.2 0.1 +0.2 0.1 +0.3 0.5 +0.3 0.5 0.86 3.0 a: part number b: polarity c: lot no. a b c c0.5 16.9 (13.5) 8.4 0.8 3.9 4.0 10.0 2.2 2.6 4.2 2.8 1.35 1.35 0.85 2.54 2.54 0.45 3.3 9.0 15.0 5.0 2.8 3.5 16.5 0.5 20.0 0.5 20.0 0.8 3.3 3.4 2.3 1.0 5.45 5.45 5.0 0.65 2.6 +0.2 0.1
91 10 20 50 40 30 0 1 5 50 10 20ms fmb-26 fmb-26l 50 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.4 1.2 020 10 40 50 80 60 70 30 50 10 1 0.1 0.005 0.01 10 20 30 40 0 1 5 50 10 20ms 0 80 90 100 130 1 2 3 4 5 120 0 70 150 130 2 4 6 8 10 110 110 50 90 50 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 1.4 1.2 50 10 1 0.1 0.01 0.001 0204050 80 70 60 10 30 t a 125 c = 60 c 100 c 26 c 25 c 100 c t a 125 c = 60 c t / t 1/6 = t / t 1/ 3 = t / t 1/2 = d.c. sinewave t / t 1/6 = t / t 1/2 = d.c. t / t 1/ 3 = sinewave t a 125 c = 60 c 100 c 26 c 100 c t a 125 c = 60 c 25 c v r = 60v v r = 60v fmb-24m 30 10 0.1 1 0.01 0.001 0 0 10 20 30 40 50 60 0.2 0.4 0.6 0.8 1.0 1.2 50 10 1 0.1 0.01 0.001 10 20 60 30 40 50 0 1 5 50 10 20ms 0 80 110 130 1.2 2.4 3.6 4.8 6.0 120 90 100 t / t 1/ 3 = t / t 1/2 = d.c. t / t 1/6 = sinewave t a 125 c = 60 c 100 c 27 c 27 c 100 c t a 125 c = 60 c FMB-2304 0 50 100 150 0 20 15 10 5 25 30 t /t=1/2 t /t=1/3, sinewave t /t=1/6 d.c. tj=150 c t t v r =0v tj = 150 c t t 0 50 100 150 0 10 5 25 20 15 30 v r =40v d.c. sinewave t /t=1/2 t /t=1/3 t /t=1/6 0 10203040 0 15 10 5 20 25 30 35 1 t / t=1/2 1 t / t=2/3 1 t / t=5/6 sinewave tj = 150 c t t 010 52025 15 30 0 20 5 10 15 30 25 35 t /t=1/2 t /t=1/3, sinewave t /t=1/6 d.c. tj = 150 c t t fmb-2206 0 50 100 150 0 5 10 20 15 t /t=1/2 t /t=1/3, sinewave t /t=1/6 d.c. tj=150 c t t v r =0v tj = 150 c t t 0 50 100 150 0 10 5 20 15 v r =40v d.c. sinewave t /t=1/2 t /t=1/3 t /t=1/6 0102030 60 40 50 0 15 10 5 20 25 30 1 t / t=1/2 1 t / t=2/3 1 t / t=5/6 sinewave tj =150 c t t 010 520 15 0 20 5 10 15 25 t /t=1/2 t /t=1/3, sinewave t /t=1/6 d.c. tj = 150 c t t i fsm (a) i fsm (a) i fsm (a) tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) reverse voltage v r (v) reverse current i r (ma) v r i r characteristics (typical) forward voltage v f (v) forward current i f (a) v f i f characteristics (typical) overcurrent cycles peak forward surge current i fsm (a) i fms rating tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) average forward current i f(av) (a) forward power loss p f (w) i f(av) p f characteristics reverse voltage v r (v) reverse power loss p r (w) v r p r characteristics tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) tc i f (av) derating case temperature tc ( c) average forward current i f(av) (a) average forward current i f(av) (a) forward power loss p f (w) i f(av) p f characteristics reverse voltage v r (v) reverse power loss p r (w) v r p r characteristics characteristic curves schottky barrier diodes


▲Up To Search▲   

 
Price & Availability of FMB-2304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X