Part Number Hot Search : 
01D05 HE83R142 D2495 1N6279 ML62212 SS2H10 42S1640 472ML
Product Description
Full Text Search
 

To Download FAITD-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15801 chemical lane, huntington beach, ca 92649-1595 phone: (714) 898-0960 ? fax: (714) 896-0971 www.rhombus-ind.com ? email: sales@ rhombus-ind.com rhombus industries inc. for other values & custom designs, contact factory. specifications subject to change without notice. faitd 9901 operating specifications v cc supply voltage ................................... 5.00 0.25 vdc i cc supply current ......................... 25ma typ., 50 ma max. logic 1 input: v ih ....................... 2.00 v min., 5.50 v max. i ih .............................. 20 m a max. @ 2.70v logic 0 input: v il .......................................... 0.80 v max. i il ............................................ -0.6 ma ma v oh logic 1 voltage out .................................. 2.40 v min. v ol logic 0 voltage out ............................... 0.50 v max. p wi input pulse width ............................. 20% of delay min. operating temperature range ............................ 0 o to 70 o c storage temperature range ...................... -65 o to +150 o c test conditions -- fast / ttl v cc supply voltage ................................................ 5.00vdc input pulse voltage ................................................... 3.20v input pulse rise time ....................................... 3.0 ns max. input pulse width / period ........................... 1000 / 2000 ns 1. measurements made at 25 o c 2. delay times measured at 1.50v level of leading edge. 3. rise times measured from 0.75v to 2.40v. 4. 10pf probe and fixture load on output under test. p/n description faitd - xxx x buffered 10 tap delay molded package series: 14-pin dip: faitd total delay in nanoseconds (ns) lead style: blank = thru-hole g = gull wing smd j = j bend smd examples: faitd-75g = 75ns (7.5ns per tap) 74f, 14-pin g-smd FAITD-100 = 100ns (10ns per tap) 74f, 14-pin dip low profile 14-pin package two surface mount versions fast/ttl logic buffered 10 equal delay taps operating temperature range 0 o c to +70 o c low voltage cmos versions refer to lvitd series fast 10 tap 14-pin p/n tap delay tolerances +/- 5% or 2ns (+/- 1ns <15ns) tap-to-tap (ns) tap 1 tap 2 tap 3 tap 4 tap 5 tap 6 tap 7 tap 8 tap 9 total - tap 10 faitd-12 3 4 5 6 7 8 9 10 11 12 1.0 ** 1.0 0.5 faitd-15 3 3.5 4.5 6 7.5 9 10.5 12 13.5 15 1.0 ** 1.5 0.6 faitd-20 3 4 6 8 10 12 14 16 18 20 1.5 ** 2.0 0.7 faitd-25 3 5 7.5 10 12.5 15 17.5 20 22.5 25 2.0 ** 2.5 0.8 faitd-30 3 6 9 12 15 18 21 24 27 30 2.0 3.0 1.0 faitd-35 3.5 7 10.5 14 17.5 21 24.5 28 31.5 35 2.0 3.5 1.0 faitd-40 4 8 12 16 20 24 28 32 36 40 2.0 4.0 1.0 faitd-50 5 10 15 20 25 30 35 40 45 50 2.5 5.0 2.0 faitd-60 6 12 18 24 30 36 42 48 54 60 3.0 6.0 2.0 faitd-70 7 14 21 28 35 42 49 56 63 70 3.5 7.0 2.0 faitd-75 7.5 15 22.5 30 37.5 45 52.5 60 67.5 75 3.75 7.5 2.0 faitd-80 8 16 24 32 40 48 56 64 72 80 4.0 8.0 2.0 FAITD-100 10 20 30 40 50 60 70 80 90 100 5.0 10 2.0 faitd-125 12.5 25 37.5 50 62.5 75 87.5 100 112.5 125 6.25 12.5 3.0 faitd-150 15 30 45 60 75 90 105 120 135 150 7.5 15 3.0 faitd-200 20 40 60 80 100 120 140 160 180 200 10.0 20 3.0 faitd-250 25 50 75 100 125 150 175 200 225 250 12.5 25 3.0 faitd-300 30 60 90 120 150 180 210 240 270 300 15.0 30 5.0 faitd-500 50 100 150 200 250 300 350 400 450 500 25.0 50 6.0 vcc 14 tap1 13 tap3 12 tap5 11 tap7 10 tap9 9 tap10 8 1 in n/c 3 tap2 tap4 5 tap6 6 tap8 7 gnd 4 2 faitd schematic electrical specifications at 25 o c faitd series fast / ttl buffered 10-tap delay modules ** these part numbers do not have 5 equal taps. tap-to-tap delays reference tap 1. dimensions in inches (mm) dip dip g-smd g-smd j-smd .300 (7.62) .285 (7.24) max. .008 r (0.20) .365 (9.27) max. .010 (0.25) typ. .120 (3.05) min. .250 (6.35) max. .020 (0.51) .785 (19.94) max. .050 (1.27) typ. .020 (0.51) typ. .100 (2.54) typ. .400 (10.16) .430 (10.92) .285 (7.24) max. .010 (0.25) typ. .008 r (0.20) .030 (0.76) typ. .250 (6.35) max. .015 (0.38) typ. .785 (19.94) max. .050 (1.27) typ. .020 (0.51) typ. .100 (2.54) typ. .330 (8.38) max. .020 r (0.51) .285 (7.24) max. .285 (7.24) .260 (6.60) .785 (19.94) max. .265 (6.73) max. .030 (0.76) typ. .050 (1.27) typ. .020 (0.51) typ. .100 (2.54) typ. j-smd


▲Up To Search▲   

 
Price & Availability of FAITD-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X