Part Number Hot Search : 
23200 TDA8374 EL817 OM5205SC KT03ETS BR301 2SC4153 AK5534VN
Product Description
Full Text Search
 

To Download DD0-CSS-R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03/04/2006 v7.0 1 features: > high brightness surface mount led. > designed for sideway illumination. > 120 viewing angle. > small package outline. > qualified according to jedec moisture sensitivity level 2. > compatible to both ir reflow soldering and ttw soldering. domiled tm synonymous with function and performance, the domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: right angle domiled tm alingap : dsx-xss ? 2005 domiled is a trademark of dominant semiconductors. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > consumer appliances: lcd illumination as in pdas, lcd tv. > display: full color display video notice board. > industry: white goods (eg: oven, microwave, etc.). dominant tm semiconductors innovating illumination
03/04/2006 v7.0 2 dss-sss-pq2-1 ? dss-sss-p1 ? dss-sss-p2 ? dss-sss-q1 ? dss-sss-q2 dsr-css-pq2-1 * ? dsr-css-p1 ? dsr-css-p2 ? dsr-css-q1 ? dsr-css-q2 dsr-css-qr2-1 ? dsr-css-q1 ? dsr-css-q2 ? dsr-css-r1 ? dsr-css-r2 dsr-sss-qr2-1 * ? dsr-sss-q1 ? dsr-sss-q2 ? dsr-sss-r1 ? dsr-sss-r2 dsr-tss-st2-1 ? dsr-tss-s1 ? dsr-tss-s2 ? dsr-tss-t1 ? dsr-tss-t2 dsa-css-qr2-1 ? dsa-css-q1 ? dsa-css-q2 ? dsa-css-r1 ? dsa-css-r2 dsa-sss-rs2-1 ? dsa-css-r1 ? dsa-css-r2 ? dsa-css-s1 ? dsa-css-s2 dso-css-qr2-1 ? dso-css-q1 ? dso-css-q2 ? dso-css-r1 ? dso-css-r2 allngap super red, 632nm allngap red, 625nm ts allngap red, 625nm allngap amber, 615nm allngap orange, 605nm 120 120 120 120 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 45.0 - 112.5 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 180.0 - 450.0 180.0 - 224.0 224.0 - 285.0 285.0 - 355.0 355.0 - 450.0 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 allngap : dsx-xss dominant tm semiconductors innovating illumination part ordering number chip technology / color viewing angle? luminous intensity @ if = 20ma iv (mcd) * not for new design
03/04/2006 v7.0 3 dso-sss-rs2-1 ? dso-sss-r1 ? dso-sss-r2 ? dso-sss-s1 ? dso-sss-s2 dsy-css-qr2-1 ? dsy-css-q1 ? dsy-css-q2 ? dsy-css-r1 ? DD0-CSS-R2 dsy-sss-rs2-1 ? dsy-sss-r1 ? dsy-sss-r2 ? dsy-sss-s1 ? dsy-sss-s2 dsg-sss-pq2-1 ? dsg-sss-p1 ? dsg-sss-p2 ? dsg-sss-q1 ? dsg-sss-q2 allngap orange, 605nm allngap yellow, 587nm allngap green, 572nm 120 120 120 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 71.5 - 180.0 71.5 - 90.0 90.0 - 112.5 112.5 - 140.0 140.0 - 180.0 112.5 - 285.0 112.5 - 140.0 140.0 - 180.0 180.0 - 224.0 224.0 - 285.0 45.0 - 90.0 45.0 - 56.0 56.0 - 71.5 71.5 - 90.0 90.0 - 112.5 part ordering number chip technology / color viewing angle? luminous intensity @ if = 20ma iv (mcd) allngap : dsx-xss dominant tm semiconductors innovating illumination note 1. all part number above comes in a quantity of 2500 units per reel. 2. other luminous intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. 5. an optional vf binning is also available upon request. binning scheme is as per following table. please contact marketing for special part number
03/04/2006 v7.0 4 group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping wavelength distribution (nm) color dss; super red dsr-cs, -ss; red (as) dsr-ts; red (ts) dsa; amber dso; orange dsy; yellow dsg; green full full full full w x full w x y z full w x y z full w x y z 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 567.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 allngap : dsx-xss dominant tm semiconductors innovating illumination
03/04/2006 v7.0 5 typ. (v) vf @ if = 20ma forward voltage, vf is measured with an accuracy of 0.1 v. electrical characteristics at ta=25?c max. (v) vr @ ir = 10ua min. (v) part number dsr-css, dsa-css, dso-css, dsy-css dss-sss, dsr-sss, dsa-sss, dso-sss, dsy-sss, dsg-sss dsr-tss 1.9 1.8 2.1 2.3 2.3 2.6 12 12 12 forward voltage (v) vf binning (optional) vf bin @ 20ma 01 02 03 04 1.55 1.85 1.85 2.15 2.15 2.45 2.45 2.75 forward voltage, vf is measured with an accuracy of 0.1 v. unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led juction temperature operating temperature storage temperature power dissipation (at room temperature) 20 200 12 2 125 -40 +100 -40 +100 50 ma ma v kv ?c ?c ?c mw allngap : dsx-xss dominant tm semiconductors innovating illumination please consult sales and marketing for special part number to incorporate vf binning.
relative luminous intensity vs forward current forward current, ma relative intensity 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 5 10 15 20 25 30 35 maximum current vs temperature ambient temperature forward current, ma 0 20 40 60 80 100 0 5 10 15 20 25 relative intensity vs wavelength wavelength, nm 500 550 600 650 700 750 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 03/04/2006 v7.0 6 allngap : dsx-xss dominant tm emionto innovating illumination 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 relative intensity forward current, ma radiation pattern as alingap ts alingap green yellow orange amber red super red
03/04/2006 v7.0 7 domiled tm ? allngap : dsx-xss package outlines allngap : dsx-xss dominant tm semiconductors innovating illumination
03/04/2006 v7.0 8 allngap : dsx-xss dominant tm semiconductors innovating illumination recommended solder pad
03/04/2006 v7.0 9 taping and orientation ? reels come in quantity of 2500 units. ? reel diameter is 180 mm. allngap : dsx-xss dominant tm semiconductors innovating illumination
03/04/2006 v7.0 10 packaging specifcation allngap : dsx-xss dominant tm semiconductors innovating illumination
03/04/2006 v7.0 11 packaging specifcation moisture sensitivity level barcode label moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel average 1pc right angle domiled 1 completed bag (2500pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 55 reels max small large for right angle domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 37,500 max 137,500 max dominant semiconductors lot no : lotno part no : partno qty : qty s/n : xxx d/c: xxxx group : group weight (gram) 0.034 190 10 rohs compliant pb free allngap : dsx-xss dominant tm semiconductors innovating illumination dominant tm semiconductors
03/04/2006 v7.0 12 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle allngap : dsx-xss dominant tm semiconductors innovating illumination
dominant semiconductors sdn bhd lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales @ dominant-semi.com homepage: http://www.dominant-semi.com revision history note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant semiconductors does not assume any liability arising out of the application or use of any product described herein. dominant semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant semiconductors . page - subjects new format date of modif cation 03 april 2006 dominant tm semiconductors innovating illumination allngap : dsx-xss dominant tm semiconductors innovating illumination


▲Up To Search▲   

 
Price & Availability of DD0-CSS-R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X