Part Number Hot Search : 
B0416 AOL1436 SMF36CA NTE336 SM4112 U7004B T7500 MCJ10A
Product Description
Full Text Search
 

To Download CST-2825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conlen surfactant technology, inc. 1 438 5 ko alstad r d ? con r oe, tx 7 730 2 ? tel: 9 3 6 - 23 1-30 04 ? fax : 936- 231 -3 002 e-m a i l: sales@csttexas.c o m ? w e bsite: www.csttex a s.co m CST-2825 multi-purpose iron complexing agent product featur es * highly effective ir o n c o mple xi ng ag en t * eliminates ir on slu d g e * excell ent for use in all a c ids * eliminates re-preci pitati o n * nonio n ic organ ic comp ou nd * compatib le w i t h other ad di tives product desc ripti o n cst - 282 5 is a po w e rf ul re duci ng ag ent for ferric iron i n acids, suc h as those commo nl y use d in oil w e ll tre a tin g . it is a n oni on ic o r gan ic comp ou nd that is c o m patib le w i t h a l l common ac id a dditiv e s. red u c es acid emuls i ons ca use d b y iron sl udg e, a nd prev ents a s pha lten e slud gin g caus ed b y dissolv ed ir on duri ng the ac idi z ing pr ocess. reco mmen d ed appli c atio n cst - 282 5 is u s ed in oil w e l l acidiz in g if ferr ic iro n -i nduc ed slud gin g or ferr ic-iron r epr ecip itation is a pot entia l pro b l e m. normal usa g e levels are 2 to 5 g a ll ons of cst - 282 5 pe r 1,000 gal lo ns of acid. t h is app licati on of cst - 282 5 w i ll rapi dl y re duce y e llo w f e rric i r on to the c o l o rless, sol u b l e ferrous form o f iron i n h y d r o c hloric aci d so lutio n s. cst- 282 5 p e rforms in other com m on oilfi e ld aci d s as w e l l . t h e use of cst - 2 825 h a s n o t bee n fo und to interfer e w i t h performa nce of other common acid ad ditiv e s. typical p h ysical p r op ertie s form , @ 70f liquid densit y , (lbs/gal) 10.8 f l ash po in t , f (t cc) > 200 pour poi n t , f <20 ph , (10% solut i on) 1 . 0-3.0 ionic cha r ge nonionic solub ility fresh water miscible high t d s brine miscible h y droc arbo n insoluble acid s o luble ___ __ ___ __ __ ___ __ ___ __ __ ___ __ ___ __ __ ___ __ ___ __ _ shippin g and han d l ing cst - 282 5 is avail a b l e i n 5 5 gal lon drum s and bu lk ta nk w a g ons. as w i th an y i ndiv i d u a l ch emica l , a v oid prol on ged contact w i t h skin. in case of skin or e y e contact, fl ush expos ed ar ea w i t h cop i ous a m ounts of w a t e r. a material safet y data she e t outli ni ng pro per h a n d li ng of this pr od uct is avail a b l e u p o n requ est, or w i ll be for w arde d up on the purch ase of c s t - 2825 . tds-06 97 the information i n this bulletin is believed to be accurate, but all recommendations are made w i th o u t w a rr ant y, since the condi tions of use are be y ond the ma n u facturer?s control. the listed properties are illustrative onl y , an d not pro duct spe c ificat ions. the manufacture r disclaims any liability in connection w i th the use of t he information, and does not w a r r ant against in fringement b y reason of the use of any of it?s products in combination w i th other mate rials or in an y process.


▲Up To Search▲   

 
Price & Availability of CST-2825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X