Part Number Hot Search : 
3899B MAX3901D D9F2000S 6050113 206K0 T700162 88502 MMSZ4707
Product Description
Full Text Search
 

To Download CMDSH05-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmdsh05-4 surface mount low v f silicon schottky diode description: the central semiconductor cmdsh05-4 is a 40 volt schottky diode packaged in a space saving surface mount sod-323 case. this super mini? device has been designed for applications requiring a low forward voltage drop. marking code: c55 maximum ratings: (t a =25c) symbol units peak repetitive reverse voltage v rrm 40 v continuous forward current i f 500 ma peak repetitive forward current, tp 1.0ms i frm 3.5 a peak forward surge current, tp = 8.0ms i fsm 10 a power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i r v r =10v 20 a i r v r =30v 60 100 a i r v r =30v, t a =85c 2.5 ma i r v r =30v, t a =100c 6.0 ma bv r i r =500a 40 v v f i f =100a 0.13 v v f i f =1.0ma 0.21 v v f i f =10ma 0.27 v v f i f =100ma 0.35 v v f i f =500ma 0.47 v c t v r =1.0v, f=1.0mhz 50 pf sod-323 case r2 (2-november 2010) www.centralsemi.com
cmdsh05-4 surface mount low v f silicon schottky diode sod-323 case - mechanical outline lead code: 1) cathode 2) anode marking code: c55 www.centralsemi.com r2 (2-november 2010)


▲Up To Search▲   

 
Price & Availability of CMDSH05-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X