Part Number Hot Search : 
TB627 MUR820 SR315 G4BC30FD AD101 KBPC1 MC504 P4KE91
Product Description
Full Text Search
 

To Download 4781 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord connectors (rewireable) 478  www.schurter.com/pg07 b connectors iec connector c15, rewireable, straight 4781 c15 120 c description - cord connectors (rewireable): screw - connector, pin temperature 120 c, protection class i - cable approvals - vde license number: 40010732 - ul license number: e96454 - csa license number: 56242 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvac between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 120 c protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal cable material: housing thermoplastic, black, ul 94v-0 connector c15 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for hot con - ditions) pin-temperature 120 c, 10 a, protection class 1 dimensions 28.7 mm 4781 62.0 28.7 21.0 87.5 variants color max. cable diameter max. wire size order number black 8.5 mm 3 x 1 mm2 / 3 x 18 awg 4781.0000 black 10.0 mm 3 x 2.1 mm2 / 3 x 14 awg 4781.0100 max. torque for screws: terminal: 0.5 nm, cable clamp: 0.3 nm, cover: 0.3 nm cord retaining clamp see accessories packaging unit 100 pcs
 cord connectors (rewireable) 478  www.schurter.com/pg07 b connectors accessorie s description cord retaining kit s cord retaining strain relief flat head, a 4700.0001 countersunk, b 4700.0002 countersunk, c 4700.0003 flat head, e 4700.0005 ... mating inlets/plug s category / description appliance inlet overview complet e iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 016 1 iec appliance inlet c16, screw-on mounting, front side, quick-connect or screw-on terminal 0161- y iec appliance inlet c16, screw-on mounting, front or rear side, quick-connect or screw-on terminal 016 3 iec appliance inlet c16, screw-on mounting, front side, screw-on terminal 016 4 iec appliance inlet c16, snap-in mounting, front side, quick-connect terminal 016 5 appliance inlet further types to 478 1 ... distribution unit overview complet e distribution unit for snap-in mounting with 1 iec appliance inlet c14 and 1 appliance outlet f 071 2 distribution unit with 1 iec appliance inlet c14 or power cord, 4 iec appliance outlets f and extra components 474 0 distribution unit with 1 iec appliance inlet c14 and 2 appliance outlets f, shuttered 474 1 distribution unit with 1 iec appliance inlet c14 and 4 appliance outlets f 474 7 distribution unit further types to 478 1 interconnection cord overview complet e interconnection cord with iec plug e, angled 060 7 interconnection cord with iec plug e, angled 060 8 interconnection cord with iec plug e, straight 060 9 interconnection cord with iec plug g, angled 607 b interconnection cord with iec plug g, angled 608 b interconnection cord further types to 478 1 ... plug overview complet e iec plug e, cord connector (rewireable), straight, max. cable diameter 8.5 mm 473 2 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 3 iec plug e, cord connector (rewireable), straight, max. cable diameter 10 mm 473 5 iec plug e, cord connector (rewireable), angled, max. cable diameter 10 mm 473 6 iec plug e, cord connector (rewireable), straight 900 9 plug further types to 478 1 ... power entry module overview complet e iec appliance inlet c14 or c18 with fuseholder 1-pole 106 2 iec appliance inlet c14 or c18 with fuseholder 1- or 2-pole 106 4 iec appliance inlet c18 with fuseholder 1-pole 106 5 iec appliance inlet c18 with fuseholder 1- or 2-pole 106 6 iec appliance inlet c14 with fuseholder 1- or 2-pole 109 2 power entry module further types to 478 1 ...
 cord connectors (rewireable) 478  www.schurter.com/pg07 b connectors category / description power entry module with line filter overview complet e iec appliance inlet c14 with filter 511 0 iec appliance inlet c14 with filter, circuit breaker ta45 514 5 iec appliance inlet c14 with filter, fuseholder 1-pole 520 0 iec appliance inlet c14 with filter, fuseholder 1- or 2-pole 522 0 iec appliance inlet c14 with filter, fuseholder 2-pole 8843- 8 power entry module with line filter further types to 478 1 ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4781

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X