Part Number Hot Search : 
SP5637 GBU408C NDL7705P SM5119 XN04609 MAX3443 M54583 0512S
Product Description
Full Text Search
 

To Download 2SC4806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn power transistor 2SC4806 description high breakdown voltage- : v cbo = 1700v(min) high switching speed low saturation voltage applications horizontal deflection output for high resolution display. high speed switching power suppl y output applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 1700 v v ceo collector-emitter voltage 600 v v ebo emitter-base voltage 5 v i c collector current-continuous 5 a i cm collector current-peak 10 a i b b base current-continuous 2.5 a p c collector power dissipation @ t c =25 50 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn power transistor 2SC4806 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = 5ma; i b = 0 b 600 v v ce (sat) collector-emitter saturation voltage i c = 3.5a; i b = 1a 5.0 v v be (sat) base-emitter saturation voltage i c = 3.5a; i b = 1a 1.5 v i cbo collector cutoff current v cb = 1700v; i e = 0 1.0 ma i ebo emitter cutoff current v eb = 5v; i c = 0 10 a h fe-1 dc current gain i c = 1a; v ce = 5v 8 h fe-2 dc current gain i c = 3.5a; v ce = 5v 3.5 7.5 f t current-gain?bandwidth product i c = 0.1a; v ce = 10v 3 mhz c ob output capacitance i e = 0; v cb = 10v; f test = 1.0mhz 240 pf switching times; resistive load t stg storage time 3.0 s t f fall time i c = 3.5a; i b1 = 0.7a; i b2 = -1.4a; r l = 56 0.2 s isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SC4806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X