Part Number Hot Search : 
CXA21 40240 B99003 ZRA12501 7427114 8840JE 3Y26B 7427114
Product Description
Full Text Search
 

To Download 1SMB10CAT3D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 4 1 publication order number: 1smb10cat3/d 1smb10cat3 series 600 watt peak power zener transient voltage suppressors bidirectional* the smb series is designed to protect voltage sensitive components from high voltage, high energy transients. they have excellent clamping capability, high surge capability, low zener impedance and fast response time. the smb series is supplied in on semiconductor's exclusive, cost-effective, highly reliable surmetic  package and is ideally suited for use in communication systems, automotive, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. specification features: ? working peak reverse voltage range 10 v to 78 v ? standard zener breakdown voltage range 11.7 v to 91.3 v ? peak power 600 watts @ 1 ms ? esd rating of class 3 (> 16 kv) per human body model ? maximum clamp voltage @ peak pulse current ? low leakage < 5 m a above 10 v ? ul 497b for isolated loop circuit protection ? response time is typically < 1 ns mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosion resistant and leads are readily solderable maximum case temperature for soldering purposes: 260 c for 10 seconds leads: modified lbend providing more contact area to bond pads polarity: polarity band will not be indicated mounting position: any maximum ratings rating symbol value unit peak power dissipation (note 1.) @ t l = 25 c, pulse width = 1 ms p pk 600 w dc power dissipation @ t l = 75 c measured zero lead length (note 2.) derate above 75 c thermal resistance from junction to lead p d r  jl 3.0 40 25 w mw/ c c/w dc power dissipation (note 3.) @ t a = 25 c derate above 25 c thermal resistance from junction to ambient p d r  ja 0.55 4.4 226 w mw/ c c/w operating and storage temperature range t j , t stg 65 to +150 c 1. 10 x 1000  s, nonrepetitive 2. 1 square copper pad, fr4 board 3. fr4 board, using on semiconductor minimum recommended footprint, as shown in 403a case outline dimensions spec. *please see 1smb5.0at3 to 1smb170at3 for unidirectional devices. plastic surface mount zener overvoltage transient suppressors 1078 volts 600 watt peak power devices listed in bold, italic are on semiconductor preferred devices. preferred devices are recommended choices for future use and best overall value. device  package shipping ordering information 1smbxxcat3 smb 2500/tape & reel smb case 403a plastic http://onsemi.com y = year ww = work week xxc = specific device code = (see table next page) yww xxc marking diagram 2the at3o suffix refers to a 13 inch reel.
bidirectional tvs i pp i pp v i i r i t i t i r v rwm v c v br v rwm v c v br 1smb10cat3 series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current electrical characteristics (devices listed in bold, italic are on semiconductor preferred devices.) v rwm breakdown voltage v c @ i pp (note 6.) device v rwm (note 4.) i r @ v rwm v br (note 5.) volts @ i t v c i pp device d ev i ce marking volts m a min nom max ma volts amps 1smb10cat3 1smb11cat3 1smb12cat3 1smb13cat3 kxc kzc lec lgc 10 11 12 13 5.0 5.0 5.0 5.0 11.1 12.2 13.3 14.4 11.69 12.84 14.00 15.16 12.27 13.5 14.7 15.9 1.0 1.0 1.0 1.0 17.0 18.2 19.9 21.5 35.3 33.0 30.2 27.9 1smb14cat3 1smb15cat3 1smb16cat3 1smb17cat3 lkc lmc lpc lrc 14 15 16 17 5.0 5.0 5.0 5.0 15.6 16.7 17.8 18.9 16.42 17.58 18.74 19.90 17.2 18.5 19.7 20.9 1.0 1.0 1.0 1.0 23.2 24.4 26.0 27.6 25.8 24.0 23.1 21.7 1smb18cat3 1smb20cat3 1smb22cat3 1smb24cat3 ltc lvc lxc lzc 18 20 22 24 5.0 5.0 5.0 5.0 20.0 22.2 24.4 26.7 21.06 23.37 25.69 28.11 22.1 24.5 27.0 29.5 1.0 1.0 1.0 1.0 29.2 32.4 35.5 38.9 20.5 18.5 16.9 15.4 1smb26cat3 1smb28cat3 1smb30cat3 1smb33cat3 mec mgc mkc mmc 26 28 30 33 5.0 5.0 5.0 5.0 28.9 31.1 33.3 36.7 30.42 32.74 35.06 38.63 31.9 34.4 36.8 40.6 1.0 1.0 1.0 1.0 42.1 45.4 48.4 53.3 14.2 13.2 12.4 11.3 1smb36cat3 1smb40cat3 1smb43cat3 1smb45cat3 mpc mrc mtc mvc 36 40 43 45 5.0 5.0 5.0 5.0 40.0 44.4 47.8 50.0 42.11 46.74 50.32 52.63 44.2 49.1 52.8 55.3 1.0 1.0 1.0 1.0 58.1 64.5 69.4 72.2 10.3 9.3 8.6 8.3 1smb48cat3 1smb51cat3 1smb54cat3 1smb58cat3 mxc mzc nec ngc 48 51 54 58 5.0 5.0 5.0 5.0 53.3 56.7 60.0 64.4 56.11 59.69 63.16 67.79 58.9 62.7 66.32 71.18 1.0 1.0 1.0 1.0 77.4 82.4 87.1 93.6 7.7 7.3 6.9 6.4 1smb60cat3 1smb64cat3 1smb70cat3 1smb75cat3 nkc nmc npc nrc 60 64 70 75 5.0 5.0 5.0 5.0 66.7 71.1 77.8 83.3 70.21 74.84 81.90 91.65 73.72 78.58 85.99 92.07 1.0 1.0 1.0 1.0 96.8 103 113 121 6.2 5.8 5.3 4.9 1smb78cat3 ntc 78 5.0 86.7 91.26 95.83 1.0 126 4.7 4. a transient suppressor is normally selected according to the working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. 5. v br measured at pulse test current i t at an ambient temperature of 25 c. 6. surge current waveform per figure 2 and derate per figure 3 of the general data 600 watt at the beginning of this group.
1smb10cat3 series http://onsemi.com 3 nonrepetitive pulse waveform shown in figure 2 t p , pulse width 1 10 100 0.1 m s1 m s10 m s 100 m s 1 ms 10 ms 0.1 figure 1. pulse rating curve 01234 0 50 100 t, time (ms) value (%) half value - i pp 2 peak value - i pp t r 10 m s figure 2. pulse waveform typical protection circuit v in v l z in load figure 3. pulse derating curve peak pulse derating in % of peak power or current @ t a = 25 c 100 80 60 40 20 0 0 25 50 75 100 125 150 t a , ambient temperature ( c) 120 140 160 t p pulse width (t p ) is defined as that point where the peak current decays to 50% of i pp . p pk , peak power (kw)
1smb10cat3 series http://onsemi.com 4 application notes response time in most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. in this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. the capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in figure 4. the inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. this inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in figure 5. minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. the smb series have a very good response time, typically < 1 ns and negligible inductance. however, external inductive effects could produce unacceptable overshoot. proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. some input impedance represented by z in is essential to prevent overstress of the protection device. this impedance should be as high as possible, without restricting the circuit operation. duty cycle derating the data of figure 1 applies for non-repetitive conditions and at a lead temperature of 25 c. if the duty cycle increases, the peak power must be reduced as indicated by the curves of figure 6. average power must be derated as the lead or ambient temperature rises above 25 c. the average power derating curve normally given on data sheets may be normalized and used for this purpose. at first glance the derating curves of figure 6 appear to be in error as the 10 ms pulse has a higher derating factor than the 10 m s pulse. however, when the derating factor for a given pulse of figure 6 is multiplied by the peak power value of figure 1 for the same pulse, the results follow the expected trend.
1smb10cat3 series http://onsemi.com 5 v l v v in v in (transient) v l t d v v in (transient) overshoot due to inductive effects t d = time delay due to capacitive effect t t figure 4. figure 5. figure 6. typical derating factor for duty cycle derating factor 1 ms 10 m s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100 m s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms ul recognition the entire series has underwriters laboratory recognition for the classification of protectors (qvgv2) under the ul standard for safety 497b and file #116110. many competitors only have one or two devices recognized or have recognition in a non-protective category. some competitors have no recognition at all. with the ul497b recognition, our parts successfully passed several tests including strike voltage breakdown test, endurance conditioning, temperature test, dielectric voltage-withstand test, discharge test and several more. whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category.
1smb10cat3 series http://onsemi.com 6 outline dimensions 600 watt peak power transient voltage suppressors surface mounted smb do214aa case 403a03 issue d smb footprint a s d b j p k c h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. d dimension shall be measured within dimension p. dim min max min max millimeters inches a 0.160 0.180 4.06 4.57 b 0.130 0.150 3.30 3.81 c 0.075 0.095 1.90 2.41 d 0.077 0.083 1.96 2.11 h 0.0020 0.0060 0.051 0.152 j 0.006 0.012 0.15 0.30 k 0.030 0.050 0.76 1.27 p 0.020 ref 0.51 ref s 0.205 0.220 5.21 5.59 mm inches 0.085 2.159 0.108 2.743 0.089 2.261
1smb10cat3 series http://onsemi.com 7 notes
1smb10cat3 series http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. 1smb10cat3/d surmetic is a trademark of semiconductor components industries, llc. north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of 1SMB10CAT3D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X