Part Number Hot Search : 
28J60 501IS XCF02SV DTA114EK 1660C AS8401 T1530B 71000
Product Description
Full Text Search
 

To Download WTC2312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  weitron http://www.weitr o n.com.tw featu r es: application: * super high dense cell design for low r ds(on) r ds(on) <41m @v gs =4.5v r ds(on) <47m @v gs =2.5v r ds(on) <57m @v gs =1.8v * capable of 2.5v gate drive * rugged and reliable * lower on-resistance * power management in notebook computer. * portable equipment. * battery powered system. maximum ratings ( t a = 2 5 u n l e s s o t h e r w i s e s p e c i f i e d ) rating symbo l v alue unit v d s 20 v v g s 3 4.9 ,v gs @4.5v(t a =70c) ,v gs @4.5v(t a =25c) i d 3.4 pulsed drain current 1 , 2 i d m 15 a total power dissipation(t a =25c) p d 0.75 w maximum junction-ambient 3 r ja 140 c / w operating junction temperature range t j t +150 -55~+150 c c device marking WTC2312=n12 WTC2312 n-channel enhancement mode power mosfet 2 source 3 drain 1 gate sot-23 1 2 3 1/6 lea d( p b ) - f r ee p b drain current 4.9 amperes drain souce voltage 20 voltage drain-source voltage gate-source voltage continuous drain current stg storage temperature range 8 rev.b 04-aug-09
WTC2312 weitron http://www.weitron . com.tw 2/6 rev.b 04-aug-09 electrical characteristics cha r a c t e r i st i c symbol m i n t yp m ax un i t drain-source breakdown voltage 100 (t =25c unless otherwise noted) a c iss c oss c rss v gs =0v, v ds =8v, f=1.0mhz v gs =0v, v ds =8v, f=1.0mhz v gs =0v, v ds =8v, f=1.0mhz s t atic v g s = 0 , i d v (br)dss 20 gate-source threshold voltage v d s = v g s , i d =250 a v g s(th) 0.4 v gate-source leakage current v g s = 8v i g s s - - na - - - 0.6 - 1.0 1 drain-source leakage current(t j =25?c) v d s =20v,v g s =0 i d s s drain-source on-resistance v g s =1.8v,i d =4.0a v g s =2.5v,i d =4.5a v g s =4.5v,i d =5.0a r ds(o n ) - - - 31 24 21 57 47 41 m forward transconductance v d s =10 v , i d =5.0a g f s - 40 - s dynamic input capacitance - - output capacitance - 300 500 140 reverse transfer capacitance - - - pf
WTC2312 a diode forward current i s - 1.7 - 3/6 rev.b 04-aug-09 weitron http://ww w .weit r on.com.tw switching t d ( on) - 15 25 t r - 40 t d ) - 48 31 70 t f - 45 ns q g - q g s - 1.4 11.2 2.2 - 60 - - - nc v sou r ce-drain diode characteristi c s forward on voltage 2 v gs =0 v , i s =1.7a v sd - - 1.2 note: v gen =4.5v, v dd =10v,i d =1.0a, r g =6 v gen =4.5v, v dd =10v,i d =1.0a, r g =6 v gen =4.5v, v dd =10v,i d =1.0a, r g =6 v gen =4.5v, v dd =10v,i d =1.0a, r g =6 v ds =10v, v gs =4.5v,i d =5a v ds =10v, v gs =4.5v,i d =5a v ds =10v, v gs =4.5v,i d =5a fall time rise time turn-on delay time 2 total gate charge 2 gate-source charge gate-drain change q gd 1. pulse width limited by max, junction temperature. 3. surface mounted on 1 in 2 copper pad of pcb board.
weitron http://ww w .weit r on.com.tw WTC2312 4/6 rev.b 04-aug-09 fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of reverse diode fig 6. gate threshold voltage v.s. junction temperature 0 4 8 12 3 2 1 0 v ds , drain-to-source voltage (v) i d , d r a i n c u r r e n t ( a ) t a =25 o c v g =2.5v 5.0v 4.5v 3.5v 2.5v 0 4 8 12 3 2 1 0 v ds , drain-to-source voltage (v) i d , dr ai n c u rr e n t (a ) t a = 150 o c 5.0v 4.5v 3.5v 2.5v v g =2.5v 30 40 50 60 70 0 2 4 6 8 10 v gs , gate-to-source voltage (v) r ds ( on) ( m?) 0.6 0.8 1.0 1.2 1.4 1.6 0 5 1 0 0 1 0 5 0 0 5 - t j , junction temperature ( oc) t j , junction temperature ( oc) n o r m a l i z e d r ds ( on) i d = 4 a v g =5v 0.2 0.6 1.0 1.4 1.8 0 5 1 0 0 1 0 5 0 0 5 - n o r m a l i z e d v gs ( th ) ( v ) 0.0 1.0 2.0 3.0 4.0 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s ( a ) t j =25 o c t j =150 o c i d =3a t a =25 o c
weitron http://ww w .weit r on.com.tw 5/6 rev.b 04-aug-09 fig 7. gate charge characteristic s fig 8. typical capacitance characteristics fig 9. maximum safe operating are a fig 10. effective transient thermal impedance fig 11. switching time circui t fig 12. gate charge circuit 0 2 4 6 8 10 12 0 2 4 6 8 10 q g , total gate charge (nc) v g s , gat e to s o u r ce v oltag e (v) i d =4a 10 100 1000 1 5 9 13 17 21 25 v ds , drain-to-source voltage (v) c ( p f) f =1.0mhz c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) nor m aliz e d t he r m al re spo n s e (r t h j a ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 270oc /w t t 0.01 0.1 1 10 100 0 0 1 0 1 1 1 . 0 v ds , drain-to-source voltage (v) i d (a) 100us 1ms 10ms 100ms 1s dc t a =25 o c single pulse v ds =10v v ds =12v v ds =16v WTC2312
dim a b c d e g h j k l m m i n 0 . 3 5 1 . 1 9 2 . 1 0 0 . 8 5 0 . 4 6 1 . 7 0 2 . 7 0 0 . 0 1 0 . 8 9 0 . 3 0 0 . 0 7 6 max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25 a b d e g m l h j t op view k c sot -23 sot -23 outline dimension weitron http://ww w .weit r on.com.tw WTC2312 6/6 rev.b 04-aug-09


▲Up To Search▲   

 
Price & Availability of WTC2312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X