Part Number Hot Search : 
M66244FP 00208 IC16F1 BC808 ISL8801 IN74ACT B2014RU ON0315
Product Description
Full Text Search
 

To Download SUM18N25-165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  trenchfet  power mosfet  175  c junction temperature  new low thermal resistance package applications  automotive such as: ? diesel fuel injection ? high-side switch ? motor drives SUM18N25-165 vishay siliconix new product document number: 72849 s-40467?rev. a, 15-mar-04 www.vishay.com 1 n-channel 250-v (d-s) 175  c mosfet product summary v (br)dss (v) r ds(on) (  ) i d (a) 250 0.165 @ v gs = 10 v 18 d g s n-channel mosfet to-263 s d g top view ordering information: SUM18N25-165?e3 (lead free) absolute maximum ratings (t c = 25  c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 250 gate-source voltage v gs  20 v continuous drain current (t j = 175  c) t c = 25  c i d 18 continuous drain current (t j = 175  c) t c = 125  c i d 10.4 a pulsed drain current i dm 20 a single pulse a valanche current i as 5 single pulse a valanche energy a l = 0.1 mh e as 1.25 mj maximum power dissipation a t c = 25  c p d 150 b w maximum power dissipation a t a = 25  c c p d 3.75 w operating junction and storage temperature range t j , t stg ? 55 to 175  c thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount (to-263) c r thja 40  c/w junction-to-case (drain) r thjc 1.0  c/w notes a. duty cycle  1%. b. see soa curve for voltage derating. c. when mounted on 1? square pcb (fr-4 material).
SUM18N25-165 vishay siliconix new product www.vishay.com 2 document number: 72849 s-40467?rev. a, 15-mar-04 specifications (t j =25  c unless otherwise noted) parameter symbol test condition min typ max unit static drain-source breakdown voltage v (br)dss v ds = 0 v, i d = 250  a 250 v gate-threshold voltage v gs(th) v ds = v gs , i d = 250  a 2.5 4 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na v ds = 250 v, v gs = 0 v 1 zero gate voltage drain current i dss v ds = 250 v, v gs = 0 v, t j = 125  c 50  a g dss v ds = 250 v, v gs = 0 v, t j = 175  c 250  on-state drain current a i d(on) v ds  15 v, v gs = 10 v 20 a v gs = 10 v, i d = 14 a 0.130 0.165 drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 14 a, t j = 125  c 0.347  ds(on) v gs = 10 v, i d = 14 a, t j = 175  c 0.462 forward transconductance a g fs v ds = 15 v, i d = 18 a 36 s dynamic b input capacitance c iss 1950 output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 160 pf reverse transfer capacitance c rss 70 total gate charge c q g 30 45 gate-source charge c q gs v ds = 125 v, v gs = 10 v, i d = 18 a 10 nc gate-drain charge c q gd ds , gs , d 10 gate resistance r g 1.6  turn-on delay time c t d(on) 15 25 rise time c t r v dd = 125 v, r l = 7.0  130 195 ns turn-off delay time c t d(off) v dd = 125 v , r l = 7 . 0  i d  18 a, v gen = 10 v, r g = 2.5  30 45 ns fall time c t f 100 150 source-drain diode ratings and characteristics (t c = 25  c) b continuous current i s 18 a pulsed current i sm 20 a forward voltage a v sd i f = 18 a, v gs = 0 v 1.0 1.5 v reverse recovery time t rr 115 175 ns peak reverse recovery current i rm(rec) i f = 18 a, di/dt = 100 a/  s 10 15 a reverse recovery charge q rr 0.58 1.3  c notes a. pulse test; pulse width  300  s, duty cycle  2%. b. guaranteed by design, not subject to production testing. c. independent of operating temperature.
SUM18N25-165 vishay siliconix new product document number: 72849 s-40467?rev. a, 15-mar-04 www.vishay.com 3 typical characteristics (25  c unless noted) 0 10 20 30 40 50 60 048121620 0 700 1400 2100 2800 0 40 80 120 160 200 output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds ? drain-to-source voltage (v) ? drain current (a) i d v gs ? gate-to-source voltage (v) ? drain current (a) i d ? gate-to-source voltage (v) ? on-resistance ( q g ? total gate charge (nc) i d ? drain current (a) v ds ? drain-to-source voltage (v) c ? capacitance (pf) r ds(on)  ) v gs ? transconductance (s) g fs 0 4 8 12 16 20 048121620 0 4 8 12 16 20 0 8 16 24 32 40 48 56 0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 0.32 048121620 0 4 8 12 16 20 0123456 ? 55  c t c = 125  c v ds = 125 v i d = 17 a v gs = 10 thru 6 v 4 v v gs = 10 v t c = ? 55  c 25  c 125  c c oss c iss i d ? drain current (a) 5 v 25  c c rss
SUM18N25-165 vishay siliconix new product www.vishay.com 4 document number: 72849 s-40467?rev. a, 15-mar-04 typical characteristics (25  c unless noted) 0.4 0.8 1.2 1.6 2.0 2.4 2.8 ? 50 ? 25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j ? junction temperature (  c) v sd ? source-to-drain voltage (v) ? source current (a) i s 100 10 1 0.3 0.6 0.9 1.2 v gs = 10 v i d = 18 a t j = 25  c t j = 150  c 0 r ds(on) ? on-resiistance (normalized) drain source breakdown vs. junction t emperature avalanche current vs. time 250 265 280 295 310 325 ? 50 ? 25 0 25 50 75 100 125 150 175 t j ? junction temperature (  c) t in (sec) 100 1 0.000001 0.0001 0.01 0.1 0.01 (a) i dav 0.001 i av (a) @ t a = 150  c (v) v (br)dss i d = 10 ma 10 0.1 0.00001 i av (a) @ t a = 25  c
SUM18N25-165 vishay siliconix new product document number: 72849 s-40467?rev. a, 15-mar-04 www.vishay.com 5 thermal ratings 0 4 8 12 16 20 0 25 50 75 100 125 150 175 square wave pulse duration (sec) 0.02 safe operating area v ds ? drain-to-source voltage (v) ? drain current (a) i d 10 0.1 0.1 1 10 1000 limited by r ds(on) 1 100 t c = 25  c single pulse normalized thermal transient impedance, junction-to-case 2 1 0.1 0.01 10 ? 4 10 ? 3 10 ? 2 10 ? 1 normalized effective transient thermal impedance maximum drain current vs. case t emperature t c ? case temperature (  c) ? drain current (a) i d 0.2 0.1 duty cycle = 0.5 10 ms 100 ms, dc 1 100  s 10  s 100 1 ms 0.05 single pulse


▲Up To Search▲   

 
Price & Availability of SUM18N25-165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X