Part Number Hot Search : 
TM1130P 30CPQ050 SP706RCN W81C180 C1213A AC60S120 SSM3K3 FP1016A
Product Description
Full Text Search
 

To Download MC14106B-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 august, 2000 rev. 4 1 publication order number: mc14106b/d mc14106b hex schmitt trigger the mc14106b hex schmitt trigger is constructed with mos pchannel and nchannel enhancement mode devices in a single monolithic structure. these devices find primary use where low power dissipation and/or high noise immunity is desired. the mc14106b may be used in place of the mc14069ub hex inverter for enhanced noise immunity or to asquare upo slowly changing waveforms. ? increased hysteresis voltage over the mc14584b ? supply voltage range = 3.0 vdc to 18 vdc ? capable of driving two lowpower ttl loads or one lowpower schottky ttl load over the rated temperature range ? pinforpin replacement for cd40106b and mm74c14 ? can be used to replace the mc14584b or mc14069ub maximum ratings (voltages referenced to v ss ) (note 1.) symbol parameter value unit v dd dc supply voltage range 0.5 to +18.0 v v in , v out input or output voltage range (dc or transient) 0.5 to v dd + 0.5 v i in , i out input or output current (dc or transient) per pin 10 ma p d power dissipation, per package (note 2.) 500 mw t a ambient temperature range 55 to +125 c t stg storage temperature range 65 to +150 c t l lead temperature (8second soldering) 260 c 1. maximum ratings are those values beyond which damage to the device may occur. 2. temperature derating: plastic ap and d/dwo packages: 7.0 mw/  c from 65  c to 125  c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance circuit. for proper operation, v in and v out should be constrained to the range v ss  (v in or v out )  v dd . unused inputs must always be tied to an appropriate logic voltage level (e.g., either v ss or v dd ). unused outputs must be left open. http://onsemi.com a = assembly location wl, l = wafer lot yy, y = year ww, w = work week device package shipping ordering information mc14106bcp pdip14 2000/box mc14106bd soic14 55/rail mc14106bdr2 soic14 2500/tape & reel mc14106bdt tssop14 96/rail marking diagrams 1 14 pdip14 p suffix case 646 mc14106bcp awlyyww soic14 d suffix case 751a tssop14 dt suffix case 948g 1 14 14106b awlyww 14 106b alyw 1 14 mc14106bdtr2 tssop14 2500/tape & reel
mc14106b http://onsemi.com 2 logic diagram 13 12 10 8 6 4 2 11 9 5 3 1 v dd = pin 14 v ss = pin 7 equivalent circuit schematic (1/6 of circuit shown)
mc14106b http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? electrical characteristics (voltages referenced to v ss ) ?????????? ?????????? ???? ???? ??? ??? v dd ????? ????? 55  c ????????? ????????? 25  c ????? ????? 125  c ??? ??? ?????????? ?????????? characteristic ???? ???? symbol ??? ??? v dd vdc ??? ??? min ??? ??? max ???? ???? min ??? ??? typ (3.) ???? ???? max ??? ??? min ??? ??? max ??? ??? unit ?????????? ? ???????? ? ?????????? output voltage a0o level v in = v dd ???? ? ?? ? ???? v ol ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.05 0.05 0.05 ???? ? ?? ? ???? e e e ??? ? ? ? ??? 0 0 0 ???? ? ?? ? ???? 0.05 0.05 0.05 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.05 0.05 0.05 ??? ? ? ? ??? vdc ?????????? ? ???????? ? ?????????? a1o level v in = 0 ???? ? ?? ? ???? v oh ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? 4.95 9.95 14.95 ??? ? ? ? ??? e e e ???? ? ?? ? ???? 4.95 9.95 14.95 ??? ? ? ? ??? 5.0 10 15 ???? ? ?? ? ???? e e e ??? ? ? ? ??? 4.95 9.95 14.95 ??? ? ? ? ??? e e e ??? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ?????????? hysteresis voltage ???? ? ?? ? ? ?? ? ???? v h (6.) ??? ? ? ? ? ? ? ??? 5.0 10 15 ??? ? ? ? ? ? ? ??? 0.3 1.2 1.6 ??? ? ? ? ? ? ? ??? 2.0 3.4 5.0 ???? ? ?? ? ? ?? ? ???? 0.3 1.2 1.6 ??? ? ? ? ? ? ? ??? 1.1 1.7 2.1 ???? ? ?? ? ? ?? ? ???? 2.0 3.4 5.0 ??? ? ? ? ? ? ? ??? 0.3 1.2 1.6 ??? ? ? ? ? ? ? ??? 2.0 3.4 5.0 ??? ? ? ? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ?????????? threshold voltage positivegoing ???? ? ?? ? ? ?? ? ???? v t+ ??? ? ? ? ? ? ? ??? 5.0 10 15 ??? ? ? ? ? ? ? ??? 2.2 4.6 6.8 ??? ? ? ? ? ? ? ??? 3.6 7.1 10.8 ???? ? ?? ? ? ?? ? ???? 2.2 4.6 6.8 ??? ? ? ? ? ? ? ??? 2.9 5.9 8.8 ???? ? ?? ? ? ?? ? ???? 3.6 7.1 10.8 ??? ? ? ? ? ? ? ??? 2.2 4.6 6.8 ??? ? ? ? ? ? ? ??? 3.6 7.1 10.8 ??? ? ? ? ? ? ? ??? vdc ?????????? ? ???????? ? ?????????? negativegoing ???? ? ?? ? ???? v t ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? 0.9 2.5 4.0 ??? ? ? ? ??? 2.8 5.2 7.4 ???? ? ?? ? ???? 0.9 2.5 4.0 ??? ? ? ? ??? 1.9 3.9 5.8 ???? ? ?? ? ???? 2.8 5.2 7.4 ??? ? ? ? ??? 0.9 2.5 4.0 ??? ? ? ? ??? 2.8 5.2 7.4 ??? ? ? ? ??? vdc ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? output drive current (v oh = 2.5 vdc) source (v oh = 4.6 vdc) (v oh = 9.5 vdc) (v oh = 13.5 vdc) ???? ? ?? ? ? ?? ? ? ?? ? ???? i oh ??? ? ? ? ? ? ? ? ? ? ??? 5.0 5.0 10 15 ??? ? ? ? ? ? ? ? ? ? ??? 3.0 0.64 1.6 4.2 ??? ? ? ? ? ? ? ? ? ? ??? e e e e ???? ? ?? ? ? ?? ? ? ?? ? ???? 2.4 0.51 1.3 3.4 ??? ? ? ? ? ? ? ? ? ? ??? 4.2 0.88 2.25 8.8 ???? ? ?? ? ? ?? ? ? ?? ? ???? e e e e ??? ? ? ? ? ? ? ? ? ? ??? 1.7 0.36 0.9 2.4 ??? ? ? ? ? ? ? ? ? ? ??? e e e e ??? ? ? ? ? ? ? ? ? ? ??? madc ?????????? ? ???????? ? ?????????? (v ol = 0.4 vdc) sink (v ol = 0.5 vdc) (v ol = 1.5 vdc) ???? ? ?? ? ???? i ol ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? 0.64 1.6 4.2 ??? ? ? ? ??? e e e ???? ? ?? ? ???? 0.51 1.3 3.4 ??? ? ? ? ??? 0.88 2.25 8.8 ???? ? ?? ? ???? e e e ??? ? ? ? ??? 0.36 0.9 2.4 ??? ? ? ? ??? e e e ??? ? ? ? ??? madc ?????????? ?????????? input current ???? ???? i in ??? ??? 15 ??? ??? e ??? ??? 0.1 ???? ???? e ??? ??? 0.00001 ???? ???? 0.1 ??? ??? e ??? ??? 1.0 ??? ??? m adc ?????????? ? ???????? ? ?????????? input capacitance (v in = 0) ???? ? ?? ? ???? c in ??? ? ? ? ??? e ??? ? ? ? ??? e ??? ? ? ? ??? e ???? ? ?? ? ???? e ??? ? ? ? ??? 5.0 ???? ? ?? ? ???? 7.5 ??? ? ? ? ??? e ??? ? ? ? ??? e ??? ? ? ? ??? pf ?????????? ? ???????? ? ?????????? quiescent current (per package) ???? ? ?? ? ???? i dd ??? ? ? ? ??? 5.0 10 15 ??? ? ? ? ??? e e e ??? ? ? ? ??? 0.25 0.5 1.0 ???? ? ?? ? ???? e e e ??? ? ? ? ??? 0.0005 0.0010 0.0015 ???? ? ?? ? ???? 0.25 0.5 1.0 ??? ? ? ? ??? e e e ??? ? ? ? ??? 7.5 15 30 ??? ? ? ? ??? m adc ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? total supply current (4.) (5.) (dynamic plus quiescent, per package) (c l = 50 pf on all outputs, all buffers switching) ???? ? ?? ? ? ?? ? ? ?? ? ???? i t ??? ? ? ? ? ? ? ? ? ? ??? 5.0 10 15 ????????????????? ? ??????????????? ? ? ??????????????? ? ? ??????????????? ? ????????????????? i t = (1.8 m a/khz) f + i dd i t = (3.6 m a/khz) f + i dd i t = (5.4 m a/khz) f + i dd ??? ? ? ? ? ? ? ? ? ? ??? m adc 3. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. 4. the formulas given are for the typical characteristics only at 25  c. 5. to calculate total supply current at loads other than 50 pf: i t (c l ) = i t (50 pf) + (c l 50) vfk where i t is in m a (per package), c l in pf, v = (v dd v ss ) in volts, f in khz is input frequency, and k = 0.001. 6. v h = v t+ v t (but maximum variation of v h is specified as less that v t+ max v t min ).
mc14106b http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? switching characteristics (c l = 50 pf, t a = 25  c) ??????????????? ??????????????? characteristic ????? ????? symbol ???? ???? v dd vdc ???? ???? min ???? ???? typ (7.) ???? ???? max ??? ??? unit ??????????????? ? ????????????? ? ??????????????? output rise time ????? ? ??? ? ????? t tlh ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? e e e ???? ? ?? ? ???? 100 50 40 ???? ? ?? ? ???? 200 100 80 ??? ? ? ? ??? ns ??????????????? ? ????????????? ? ? ????????????? ? ??????????????? output fall time ????? ? ??? ? ? ??? ? ????? t thl ???? ? ?? ? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ? ?? ? ???? e e e ???? ? ?? ? ? ?? ? ???? 100 50 40 ???? ? ?? ? ? ?? ? ???? 200 100 80 ??? ? ? ? ? ? ? ??? ns ??????????????? ? ????????????? ? ??????????????? propagation delay time ????? ? ??? ? ????? t plh , t phl ???? ? ?? ? ???? 5.0 10 15 ???? ? ?? ? ???? e e e ???? ? ?? ? ???? 125 50 40 ???? ? ?? ? ???? 250 100 80 ??? ? ? ? ??? ns 7. data labelled atypo is not to be used for design purposes but is intended as an indication of the ic's potential performance. figure 1. switching time test circuit and waveforms pulse generator input output v dd v ss 7 c l 14 v dd v ss v oh v ol 20 ns 20 ns input output t phl t plh 90% 50% 10% 90% 50% 10% t f t r v out , output voltage (vdc) v dd 0 v dd 0 v in , input voltage (vdc) v t- v t+ v h figure 2. typical transfer characteristics
mc14106b http://onsemi.com 5 figure 3. (b) a schmitt trigger offers maximum noise immunity in gate applications. v in v out v h v in v out v dd v ss v dd v ss v dd v ss v dd v ss v in v out v h (a) schmitt triggers will square up inputs with slow rise and fall times. applications figure 4. monostable multivibrator v dd v dd r c v out tw rs rs c r v out tw useful as pushbutton/keyboard debounce circuit. tw = rc in v dd v t+
mc14106b http://onsemi.com 6 figure 5. astable multivibrator c r 1 f t1 t2 *t 1    rcln v t  v t  *t 2    rcln v dd v t  v dd v t  1 f    rcln    v dd v t  v dd v t     v t  v t    *t 1 + t 2  t phl + t plh figure 6. integrator r a v in v out c v ss v t+ v dd v in v ss v t+ v dd a v ss v t+ v dd v out useful in discriminating against short pulse durations. figure 7. differentiator figure 8. positive edge time delay circuit c r -edge +edge v dd v in +edge -edge tw tw = rc ln v dd v t+ useful as an edge detector circuit. ccc rrr v in v in
mc14106b http://onsemi.com 7 package dimensions p suffix plastic dip package case 64606 issue m 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 18.80 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m --- 10 --- 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n t 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87 d suffix plastic soic package case 751a03 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019 
mc14106b http://onsemi.com 8 package dimensions dt suffix plastic tssop package case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ??? ??? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc14106b/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk


▲Up To Search▲   

 
Price & Availability of MC14106B-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X