Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download MBRB3030CTLP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 1 schottky rectifier, 2 x 15 a vs-MBRB3030CTLPbf vishay high power products features ? 150 c t j operation ? center tap configuration ? very low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? halogen-free according to iec 61249-2-21 definition ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified description this center tap schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary i f(av) 2 x 15 a v r 30 v anode 2 1 3 ba s e common cathode 2 anode 1 2 common cathode d 2 pak major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 30 a v rrm 30 v i fsm t p = 5 s sine 1100 a v f 15 apk, t j = 125 c (per leg) 0.34 v t j range - 55 to 150 c voltage ratings parameter symbol vs-MBRB3030CTLPbf units maximum dc reverse voltage v r 30 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 per leg i f(av) 50 % duty cycle at t c = 121 c rectangular waveform 15 a per device 30 maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1100 10 ms sine or 6 ms rect. pulse 360 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 3 a, l = 2.9 mh 13 mj repetitive avalanche current per leg i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 3a
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94309 2 revision: 23-mar-10 vs-MBRB3030CTLPbf vishay high power products schottky rectifier, 2 x 15 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 15 a t j = 25 c 0.47 v 30 a 0.55 15 a t j = 125 c 0.34 30 a 0.45 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r 2 ma t j = 125 c 183 threshold voltage v f(to) t j = t j maximum 0.22 v forward slope resistance r t 6.76 m maximum junction ca pacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 2840 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 150 c maximum thermal resistance, junction to case per leg r thjc dc operation 2.0 c/w per package 1.0 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 approximate weight 2g 0.07 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style d 2 pak mbrb3030ctl
document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 3 vs-MBRB3030CTLPbf schottky rectifier, 2 x 15 a vishay high power products fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 1 100 10 1000 i f - instantaneous forward current (a) v fm - forward voltage drop (v) 0.2 0.4 0.6 0.8 1.2 1.0 1.4 1.6 1.8 0 t j = 150 c t j = 125 c t j = 25 c 0.01 1 10 100 0.1 1000 i r - reverse current (ma) v r - reverse voltage (v) 10 51520 30 25 0 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 100 1000 10 000 c t - junction capacitance (pf) v r - reverse voltage (v) 10 5 152025 35 30 0 t j = 25 c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 100 10 single pulse (thermal resistance) d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
www.vishay.com for technical questions, contact: diodestech@vishay.com document number: 94309 4 revision: 23-mar-10 vs-MBRB3030CTLPbf vishay high power products schottky rectifier, 2 x 15 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped in ductive test circuit note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 10 v 100 110 120 130 140 150 allowable case temperature (c) i f(av) - average forward current (a) 10 5 15 20 30 25 0 dc see note (1) square wave (d = 0.50) 80 % rated v r applied 0 12 8 4 16 average power loss (w) i f(av) - average forward current (a) 10 51520 30 25 0 dc rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 100 1000 i fsm - non-repetitive surge current (a) t p - square wave pulse duration (s) 100 1000 10 000 10 at any rated load condition and with rated v rrm applied following surge c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
document number: 94309 for technical questions, contact: diodestech@vishay.com www.vishay.com revision: 23-mar-10 5 vs-MBRB3030CTLPbf schottky rectifier, 2 x 15 a vishay high power products ordering information table 6 - ct = center tap (dual) 7 8 - trl = tape and reel (left oriented - for d 2 pak only) none = tube (50 pieces) trr = tape and reel (right oriented - for d 2 pak only) 9 - - l = low v f p = lead (pb)-free (for d 2 pak trr and trl) pbf = lead (pb)-free (for d 2 pak tube) 2 - schottky mbr series 1 - hpp prod u ct s u ffix 3 - b = d 2 pak 4 - current rating (30 = 30 a) 5 - voltage rating (30 = 30 v) device code 5 1 3 24 6789 vs- mbr b 30 30 ct l trl pbf links to related documents dimensions www.vishay.com/doc?95046 part marking information www.vishay.com/doc?95054 packaging information www.vishay.com/doc?95032
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MBRB3030CTLP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X