Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download KTA1267-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? excellent h fe linearity: h fe (0.1ma)/h fe (2.0ma)=0.95(typ) ? low noise: nf=1.0db(typ.), 10db(max.) ? complementary to ktc3199 kta1267-o pnp general purpose application maximum ratings symbol rating rating unit v ceo collector- emitter voltage 50 v v cbo collector-base voltage 50 v v ebo emitter- base voltage 5.0 v i c collector current 150 ma i e emitter current 150 a p c collector power dissipation 400 mw t j junction temperature -55 to +150 o c t stg storage temp erature -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units off characteristics i cbo collector- base cutoff current (v cb =50vdc,i e =0) --- --- 0.1 uadc i ebo emitter- base cutoff current (v eb =5.0vdc, i c =0) --- --- 0.1 uadc on characteristics h fe dc current gain (1) (i c =2.0madc, v ce =6.0vdc) 70 --- 400 --- v ce(sat) collector- emitter saturation voltage (i c =100madc, i b =10madc) --- 0.1 0.3 vdc f t transistor frequency (v ce =10vdc, i c =1.0madc) 80 --- --- mhz c ob collector output capacitance (v cb =10vdc, i e =0, f=1.0mhz) --- 4.0 7.0 pf nf noise figure (v ce =6.0vdc, i c =0.1madc, f=1.0khz, rg=10kohm) --- 1.0 10 db ( 1 ) h fe classification o: 70~140, y: 120~240, gr: 200~400 ae b c d g dimensions inches mm dim min max min max note a .16 4.00 b .12 3.00 c .59 --- 15.00 --- d .02 0.45 e .08 2.00 g .20 5.00 to-92s  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 5 200 8 /0 2 /0 1 tm micro commercial components cb e www. mccsemi .com 1 of 4 ? marking: a1267 ? case material:molded plastic. ul flammability classificatio rating 94-0 and msl rating 1 ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) kta1267- y kta1267- gr
kta1267 collector current i (ma) -0 c 0 collector-emitter voltage v (v) ce ce c i - v 30 dc current gain h fe 1k -300 -100 -0.3 -0.1 collector current i (ma) c h - i -0.3 collector-emitter saturation -3 ce(sat) -0.01 -300 -100 -30 -0.1 collector current i (ma) c v - i -10 base current i ( a) -0.3 b -3k -0 base-emitter voltage v (v) be i - v -40 -80 -120 -160 -100 -240 -1 -2 -3 -4 -5 -6 -7 common emitter ta=25 c -6.0 -5.0 -3.0 -2.0 -1.0 -0.5 i =-0.2ma 0 b fe c -1 -3 -10 -30 50 100 300 500 10 ce(sat) c voltage v (v) -0.3 -1 -3 -10 -0.03 -0.05 -0.1 -0.5 -1 common emitter i /i =10 cb ta=100 c 25 c -25 c ce v =-10v ta=25 c common emitter 1k 500 100 50 30 10 3 1 0.3 transition frequency f (mhz) e t f - i e emitter current i (ma) 0.1 30 100 300 10 t 3k 300 bbe -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1 -3 -30 -100 -300 -1k common v =-6v ce emitter ta=100 c ta=25 c ta=-25 c common ta=100 c ta=25 c ta=-25 c v =-6v ce ce v =-1v emitter -0.1 -5 -3 -1 -0.5 -30 -10 -3 -1 c be(sat) v - i c collector current i (ma) -0.1 -0.3 -100 -300 -10 be(sat) base-emitter saturation -0.3 voltage v (v) b c i /i =10 ta=25 c common emitter revision: 5 200 8 /0 2 /0 1 mcc tm micro commercial components www. mccsemi .com 2 of 4
c p (mw) 0 collector power dissipation 0 ambient temperature ta ( c) pc - ta 25 50 100 125 150 100 200 500 400 300 75 mcc kta1267 revision: 5 200 8 /0 2 /0 1 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: 5 200 8 /0 2 /0 1 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/bag


▲Up To Search▲   

 
Price & Availability of KTA1267-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X