Part Number Hot Search : 
PCA95 4400A S100A AD8193 4707EX ICM7543 TM9486 SCL4584B
Product Description
Full Text Search
 

To Download GLIA11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  capacitors for power electronics (pec) - cylindrical www.vishay.com for technica l questions, contact: esta@vishay.com document number: 13048 12 revision: 15-feb-11 gli......a vishay esta features ? very low stray inductance: < 10 nh ? extremely low losses at high frequencies < 4 x 10 -4 at 2 khz ? low esr: < 4 m ? ? highest rms current rating: up to 100 a ? high impulse discharge current capability ? resistance to heavy duty shock vibration ? high reliability and life expectancy ? casing material: ul 94 v-0 applications ? voltage converters ? frequency converters ?rfi filters ? traction drives ? industrial drives ?ups ? medical equipment dimensions in millimeters drawing 1 gli...-...a quick reference data description value rated dc voltage min. 700 v rated dc voltage max. 2150 v capacitance min. 7.5 f capacitance max. 230 f technology metalized polypropylene film dissipation factor (tan ? 0 )< 2 x 10 -4 /2 khz capacitance tolerance 5 % operating temperature (hotspot) ? min. - 40 c ? max. - 80 c inductance < 30 nh lifetime expectancy 100 000 h at u ndc and < 60 c hotspot reliability 300 fit test voltage terminal/terminal = 1.5 x u ndc , 10 s; terminal/case = 2 x u ndc + 1000 v ac , 60 s casing material poly ester, ul 94 v-0 filling resin polyurethane, ul 94 v-0 standards iec 61071-1, iec 61881, and en 61071-1 m8 d 5 8 deep 5 8 deep m8 ? 17 h 2
document number: 13048 for tec hnical questions, contact: esta@vishay.com www.vishay.com revision: 15-feb-11 13 gli......a capacitors for power electronics (pec) - cylindrical vishay esta note ? other voltage, current and capacitance values are available on request type description type gli...-... a c n [f] voltage v dc r s [m ? ] r th [k/w] i max. [a] i p [ka] ? [ka] height [mm] d [mm] weight [kg] packaging unit drawing no. gli 700, u ndc = 700 v, u n = 495 v 700-35 35 700 0.5 8.0 60.0 0.98 2.94 44 87 0.4 12 1 700-230 230 700 0.8 6.4 50.0 1.33 4.01 74 87 0.5 12 1 gli 900, u ndc = 900 v, u n = 635 v 900-25 25 900 0.3 7.7 80.0 0.82 2.46 44 87 0.3 12 1 900-100 100 900 0.7 7.1 50.0 1.00 3.00 64 87 0.4 12 1 900-150 150 900 0.9 6.3 52.0 1.09 3.27 74 87 0.4 12 1 gli 1100, u ndc = 1100 v, u n = 775 v 1100-15 15 1100 0.4 7.7 75.0 0.63 1.89 44 87 0.3 12 1 1100-75 75 1100 0.7 7.3 55.0 0.90 2.70 64 87 0.4 12 1 1100-100 100 1100 1.0 6.5 45.0 0.87 2.62 74 87 0.4 12 1 gli 1250, u ndc = 1250 v, u n = 1250 v 1250-50 50 1250 0.9 6.9 50.0 0.70 2.10 64 87 0.4 12 1 1250-75 75 1250 1.1 6.5 45.0 0.76 2.28 74 87 0.5 12 1 gli 1450, u ndc = 1450 v, u n = 1025 v 1450-11 11 1450 0.7 6.5 50.0 0.33 1.10 74 87 0.5 12 1 1450-60 60 1450 1.2 6.3 45.0 0.70 2.10 74 87 0.3 12 1 gli 1800, u ndc = 1800 v, u n = 1270 v 1800-25 25 1800 1.2 7.1 42.0 0.50 1.50 64 87 0.4 12 1 1800-35 35 1800 1.7 6.4 38.0 0.50 1.52 74 87 0.4 12 1 gli 2150, u ndc = 2150 v, u n = 1520 v 2150-7,5 75 2150 3.0 11.8 20.0 0.18 0.54 64 87 0.4 12 1 2150-25 25 2150 2.1 6.0 32.0 0.43 1.30 74 87 0.4 12 1
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GLIA11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X