Part Number Hot Search : 
MFM60 N0613 M8192A DTV64 KA2659D 45010 X323CS UM2103
Product Description
Full Text Search
 

To Download EUP7963-15KAIR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eup7963 ds7963 ver 1.4 oct. 2007 1 3a ultra low-dropout linear regulator description the eup7963 is a 3a low-dropout linear regulator that provides a low voltage, high current output with a minimum of external components. it offers high precision, ultra-low dropout, and low ground current. the eup7963 operates from an input of 2.5v to 5.5v. this regulator uses small, 4.7f ceramic input capacitors and 10f ceramic output capacitors to deliver 3a output current. high bandwidth provides excellent transient response. it is designed to drive digital circuits requiring low voltage at high currents (i.e., plds, dsps, microcontrollers, etc.). other features include thermal and current limit protection, a logic-control shutdown mode and an error flag output that goes low when the output voltage drops 10% below nominal value. it is available in fixed output voltages of 1.5v, 1.8v, 2.5v, 3.3v and as an adjustable device with a 0.8v reference voltage. the adjustable output voltage can be set from 0.8v to 4.5v. typical application circuit features z 3a guaranteed output current z 750mv dropout voltage at 3a output z stable with ceramic capacitors z 1.8% output voltage accuracy z 1ma low-ground pin current 0.1a quiescent current in shutdown mode z excellent line and load regulation z thermal shutdown and current limit protection z error flag indication z available in to-263, and to-220 packages z rohs compliant and 100% lead (pb)-free applications z ldo linear regulator for low-voltage digital ic z pc add-in cards z high efficiency linear power supplies z post regulator figure1.
eup7963 ds7963 ver 1.4 oct. 2007 2 block diagram figure2. pin configurations package type pin configurations to220-3 to220-5 to263-3 to263-5 pin description pin to220-5 to263-5 to220-3 to263-3 description v en 1 enable input. logic high=enable, logic low=shutdown v in 2 1 input voltage of the ldo gnd 3 2 ground: tab is connected to ground v out 4 3 output voltage of the ldo error error flag output. active-low indicated an output fault condition adj 5 adjustable regulator feedback input. connect to resistor voltage divider
eup7963 ds7963 ver 1.4 oct. 2007 3 ordering information order number package type markin g operating temperature range EUP7963-15KAIR1 to220-3 xxxxx p7963c -40 c to 125c eup7963-18kair1 to220-3 xxxxx p7963d -40 c to 125c eup7963-25kair1 to220-3 xxxxx p7963b -40 c to 125c eup7963-33kair1 to220-3 xxxxx p7963h -40 c to 125c eup7963-15kbir1 to220-5 xxxxx p7963c -40 c to 125c eup7963-18kbir1 to220-5 xxxxx p7963d -40 c to 125c eup7963-25kbir1 to220-5 xxxxx p7963b -40 c to 125c eup7963-33kbir1 to220-5 xxxxx p7963h -40 c to 125c eup7963kbir1 to220-5 xxxxx p7963a -40 c to 125c eup7963-15lair1 to263-3 xxxxx eup7963c -40 c to 125c eup7963-18lair1 to263-3 xxxxx eup7963d -40 c to 125c eup7963-25lair1 to263-3 xxxxx eup7963b -40 c to 125c eup7963-33lair1 to263-3 xxxxx eup7963h -40 c to 125c eup7963-15lbir1 to263-5 xxxxx eup7963c -40 c to 125c eup7963-18lbir1 to263-5 xxxxx eup7963d -40 c to 125c eup7963-25lbir1 to263-5 xxxxx eup7963b -40 c to 125c eup7963-33lbir1 to263-5 xxxxx eup7963h -40 c to 125c eup7963lbir1 to263-5 xxxxx eup7963a -40 c to 125c eup7963- ?? ?? ?? ?? ?? ?? ?? lead free code 1: lead free 0: lead packing r: tape & reel operating temperature range i: industry standard package type: ka: to220-3 kb: to220-5 la: to263-3 lb: to263-5 output voltage 15: 1.5v 18: 1.8v 25: 2.5v 33: 3.3v blank: adjustable
eup7963 ds7963 ver 1.4 oct. 2007 4 absolute maximum ratings ? supply voltage v in ---------------------------------------------------------------------- 5.5v ? package thermal resistance to-263, ja ------------------------------------------------------------------------- 45%/w to-220, ja ------------------------------------------------------------------------- 55%/w ? power dissipation, pd@ta=25c to-263 ------------------------------------------------------------------------------ 2.2w to-220 ------------------------------------------------------------------------------ 1.8w ? junction temperature ------------------------------------------------------------------- 150c ? storage temperature ------------------------------------------------------ -65c to +150c ? lead temp ------------------------------------------------------------------------------ 260c ? esd rating human body model ---------------------------------------------------------------------- 2kv operating ratings ? supply voltage v in ---------------------------------------------------------------- 2.5 to 5.5v ? enable input voltage -------------------------------------------------------------- 0v to 5.5v ? junction temperature ------------------------------------------------------ -40c to +125c electrical characteristics limits in standard typeface are for t j =25c. unless otherwise specified: v in = v out(nom) +1v, i l =10ma, c out =10f eup7963 symbol parameter conditions min typ max. unit output voltage tolerance v out +1v v in 5.5v 10ma i l 3a -1.8 1.8 % line regulation v out +1v v in 5.5v 0.1 0.3 %/ ? g v out load regulation 10ma i l 3a 0.15 0.3 %/ ? a i l = 300ma 50 v in -v out dropout voltage i l = 3a 750 mv i l = 0a 1.0 1.5 ground pin current in normal operation mode i l = 3a 1.4 2.1 ma v en 0.3v 0.01 10 i gnd ground pin current in shutdown mode a i o(pk) peak output current v o v o(nom) -4% 4.3 a short circuit protection i sc short circuit current 4.6 a
eup7963 ds7963 ver 1.4 oct. 2007 5 electrical characteristics limits in standard typeface are for t j =25c. unless otherwise specified: v in = v out(nom) +1v, i l =10ma,c out =10f eup7963 symbol parameter conditions min typ max. unit v ih output = high 1.4 v il enable threshold output = low 0.3 v t doff turn-off delay i l = 3a 15 t don turn-on delay i l = 3a 20 s i en v en pin input current v en =v in 0.1 1 a error flag v t threshold 7 10 14 % v th threshold hysteresis 3 5 8 % v ef(sat) error flag saturation i sink =100a 0.02 0.2 v td flag reset delay 1 s i ik error flag pin leakage current 1 na i max error flag pin sink current v error =0.5v 3 ma ac parameters psrr ripple rejection v in =v out +1v c out =10uf v out =3.3v, f=120hz 56 db e n output noise voltage bw=10hz -100khz v out =2.5v 200 v(rms) over temperature protection tsh (t) shutdown threshold 150 c tsh (h) thermal shutdown hysteresis 15 c
eup7963 ds7963 ver 1.4 oct. 2007 6 typical operating characteristics
eup7963 ds7963 ver 1.4 oct. 2007 7
eup7963 ds7963 ver 1.4 oct. 2007 8 application note external capacitors like any low-dropout regulator, the eup7963 requires external capacitors for regulator stability. these capacitors must be correctly selected for good performance. input capacitor an input capacitance of 4.7f is required between the eup7963 input pin and ground (the amount of the capacitance may be increased without limit). this capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analog ground. any good quality ceramic, tantalum, or film capacitor may be used at the input. if a tantalum capacitor is used at the input, it must be guaranteed by the manufacturer to have a surge current rating sufficient for the application. there are no requirements for the esr on the input capacitor, but tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will be 4.7f over the entire operating temperature range. output capacitor the eup7963 is designed specifically to work with very small ceramic output capacitors. a ceramic capacitor (temperature characteristics x7r, x5r, z5u, or y5v) in 10 to 22f range with 5m ? to 200m ? esr range is suitable in the eup7963 application circuit. the output capacitor must meet the requirement for minimum amount of capacitance and also have an esr (equivalent series resistance) value which is within a stable range (5m ? to 200m ? ) no-load stability the eup7963 will remain stable and in regulation with no external load. this is specially important in cmos ram keep-alive applications. on/off input operation the eup7963 is turned off by pulling the v en pin low, and turned on by pulling it high. if this feature is not used, the v en pin should be tied to v in to keep the regulator output on at all time. to assure proper operation, the signal source used to drive the v en input must be able to swing above and below the specified turn-on/off voltage thresholds listed in the electrical characteristics section under v il and v ih . erro r flag operation the eup7963 produces a logic low signal at the error flag pin when the output drops out of regulation due to low input voltage, current limiting, or thermal limiting. this flag has a built in hysteresis. the internal error flag comparator has an open drain output stage. hence, the error pin should be pulled high through a pull up resistor. the error pin must be connected to ground if this function is not used. it should also be noted that when the shutdown pin is pulled low, the error pin is forced to be invalid for reasons of saving power in shutdown mode. adjustable operation the adjustable version of the eup7963 has an output voltage range of 0.8v to 4.5v. the output voltage of the eup7963 adjustable regulator is programmed using an external resistor divider as shown in figure3. the output voltage is calculated using: where: vref= 0.8v typ. (the internal reference voltage) utilize the following equation for adjusting the output to a particular voltage: choose r 2 =50k to optimize accuracy, power supply rejection, noise and power consumption. ) r r (1 v v 2 1 ref o + = ? ? ? ? ? ? ? ? ? = 1 0.8v v r p o 2 i
eup7963 ds7963 ver 1.4 oct. 2007 9 power dissipation eup7963 can deliver a continuous current of 2a over the full operating temperature range. a heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. under all possible conditions, the junction temperature must be within the range specified under operating conditions. the total power dissipation of the device is given by: ( ) ( ) + ? = where i gnd is the operating ground current of the device (specified under electrical characteristics). the maximum allowable temperature rise (t rmax ) depends on the maximum ambient temperature (t amax ) of the application, and the maximum allowable junction temperature (t jmax ): t rmax = t jmax -t amax the maximum allowable value for junction to ambient thermal resistance, ja , can be calculated using the formula: ja =t rmax /p d pcb layou t good pc layout practices must be used or instability can be induced because of ground loops and voltages drops. the input and output capacitors must be directly connected to the input, output, and ground pins of the regulator using traces which do not have other currents flowing in them. the best way to do this is to lay out c in and c out near the device with short traces to the v in , v out , and ground pins. the regulator ground pin should be connected to the external circuit ground so that the regulator and its capacitors have a ?single point ground?. it should be noted that stability problems have been seen in applications where ?vias? to an internal ground plane were used at the ground points of the ic and the input and output capacitors. this was caused by varying ground potentials at these nodes resulting from current flowing through the ground plane. using a single point ground technique for the regulator and it?s capacitors fixed the problem. since high current flows th rough the traces going into v in and coming from v out , kelvin connect the capacitor leads to these pins so there is no voltage drop in series with the input and output capacitors.
eup7963 ds7963 ver 1.4 oct. 2007 10 packaging information to263-3 millimeters inches symbols min. max. min. max. a 4.06 4.83 0.160 0.190 c2 1.14 1.65 0.045 0.065 b 0.51 1.00 0.020 0.039 b1 1.14 1.40 0.045 0.055 d 8.38 9.65 0.330 0.380 e 9.65 10.67 0.380 0.420 e 2.54 0.100 h 14.60 15.88 0.575 0.625 l2 - 1.78 - 0.070 l 1.78 2.80 0.070 0.110 l1 - 1.68 - 0.066 d1 6.86 - 0.270 - e1 6.22 - 0.245 -
eup7963 ds7963 ver 1.4 oct. 2007 11 to263-5 millimeters inches symbols min. max. min. max. a 4.06 4.83 0.160 0.190 c2 1.14 1.65 0.045 0.065 b 0.51 1.00 0.020 0.039 d 8.38 9.65 0.330 0.380 e 9.65 10.67 0.380 0.420 e 1.70 0.067 h 14.60 15.88 0.575 0.625 l 1.78 2.80 0.070 0.110 l1 - 1.68 - 0.066 d1 6.86 - 0.270 - e1 6.22 - 0.245 -
eup7963 ds7963 ver 1.4 oct. 2007 12 to220-3 millimeters inches symbols min. max. min. max. a 4.06 4.83 0.160 0.190 a2 2.03 2.92 0.080 0.115 b 0.64 1.02 0.025 0.040 b1 1.14 1.52 0.045 0.060 c 0.30 0.56 0.012 0.022 d 13.72 15.75 0.540 0.620 d1 7.62 9.40 0.300 0.370 q 2.62 2.87 0.103 0.113 e 9.65 10.67 0.380 0.420 e1 4.88 5.33 0.190 0.210 p 3.71 4.00 0.146 0.156 e 2.54 0.100 a1 1.14 1.40 0.045 0.055 l 12.70 14.73 0.500 0.580 l1 - 6.35 - 0.250
eup7963 ds7963 ver 1.4 oct. 2007 13 to220-5 millimeters inches symbols min. max. min. max. a 4.06 4.83 0.160 0.190 a2 2.03 2.92 0.080 0.115 b 0.64 1.02 0.025 0.040 c 0.30 0.56 0.012 0.022 d 13.72 15.75 6.540 0.620 d1 7.62 9.40 0.300 0.370 q 2.62 2.87 0.103 0.113 e 9.65 10.67 0.380 0.420 e1 4.88 5.33 0.190 0.210 p 3.71 4.00 0.146 0.156 e 1.70 0.067 a1 1.14 1.40 0.045 0.055 l 12.70 14.73 0.500 0.580


▲Up To Search▲   

 
Price & Availability of EUP7963-15KAIR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X