Part Number Hot Search : 
HD74LV 0512E EPA1990A HCS41001 2SC4981 25DMB TLGC191P TG25E
Product Description
Full Text Search
 

To Download DS1856B-030R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ______________________________________________ maxim integrated products 1 for pricing delivery, and ordering information please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. general description the ds1856 dual, temperature-controlled, nonvolatile (nv) variable resistors with three monitors consists of two 256-position, linear, variable resistors; three analog monitor inputs (mon1, mon2, mon3); and a direct-to- digital temperature sensor. the device provides an ideal method for setting and temperature-compensating bias voltages and currents in control applications using minimal circuitry. the variable resistor settings are stored in eeprom memory and can be accessed over the 2-wire serial bus. relative to other members of the family, the ds1856 is essentially a ds1859 with a ds1852-friendly memory map. in particular, the ds1856 can be configured so the 128 bytes of internal auxiliary eeprom memory is mapped into main device table 00h and table 01h, maintaining compatibility between both the ds1858/ds1859 and the ds1852. the ds1856 also features password protection equivalent to the ds1852, further enhancing compatibility between the two. applications optical transceivers optical transponders instrumentation and industrial controls rf power amps diagnostic monitoring features ? sff-8472 compatible ? five monitored channels (temperature, v cc , mon1, mon2, mon3) ? three external analog inputs (mon1, mon2, mon3) that support internal and external calibration ? scalable dynamic range for external analog inputs ? internal direct-to-digital temperature sensor ? alarm and warning flags for all monitored channels ? two linear, 256-position, nonvolatile temperature- controlled variable resistors ? resistor settings changeable every 2c ? three levels of security ? access to monitoring and id information configurable with separate device addresses ? 2-wire serial interface ? two buffers with ttl/cmos-compatible inputs and open-drain outputs ? operates from a 3.3v or 5v supply ? -40? to +95? operating temperature range ordering information rev 1; 4/05 part res0/res1 resistance (k ? ) pin-package ds1856e-050 50/50 16 tssop ds1856e-050/t&r 50/50 16 tssop ds1856b-050 50/50 16-ball csbga a top view b c d 1 csbga (4mm x 4mm) 1.0mm pitch 3 24 mon3 out1 in2 mon1 l0 gnd n.c. l1 h0 sda out2 h1 v cc scl in1 mon2 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 sda v cc h1 l1 h0 l0 mon3 mon2 mon1 tssop scl out1 in2 in1 out2 n.c. gnd ds1856 pin configurations ds1856 sda 1 2 3 4 5 6 7 8 16 0.1 f 15 14 13 12 11 10 9 scl out1 in1 out2 in2 n.c. gnd v cc h1 l1 h0 l0 mon3 mon2 mon1 rx power* diagnostic inputs to laser modulation control to laser bias control decoupling capacitor tx power* tx bias* *satisfies sff-8472 compatibility v cc v cc = 3.3v 4.7k ? 4.7k ? tx-fault los 2-wire interface t ypical operating circuit ordering information continued at end of data sheet. +denotes lead free. * future product?ontact factory for availability. t&r denotes tape-and-reel. all parts operate at the -40? to +95? temperature range.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 2 _____________________________________________________________________ parameter symbol conditions min typ max units supply voltage v cc (note 1) 2.85 5.50 v input logic 1 (sda, scl) v ih (note 2) 0.7 x vcc v cc + 0.3 v input logic 0 (sda, scl) v il (note 2) -0.3 +0.3 x v cc v resistor inputs (l0, l1, h0, h1) -0.3 v cc + 0.3 v resistor current i res -3 +3 ma high-impedance resistor current i roff 0.001 0.1 ? input logic 1 1.6 input logic levels (in1, in2) input logic 0 0.9 v absolute maximum ratings stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. voltage range on v cc relative to ground ...........-0.5v to +6.0v voltage range on inputs relative to ground* ..............................................-0.5v to (v cc + 0.5v) voltage range on resistor inputs relative to ground* ..............................................-0.5v to (v cc + 0.5v) current into resistors............................................................5ma operating temperature range ...........................-40? to +95? programming temperature range .........................0? to +70? storage temperature range .............................-55? to +125? soldering temperature .......................................see ipc/jedec j-std-020a recommended operating conditions (t a = -40? to +95?, unless otherwise noted.) parameter symbol conditions min typ max units supply current i cc (note 3) 1 2 ma input leakage i il -200 +200 na v ol1 3ma sink current 0 0.4 low-level output voltage (sda, out1, out2) v ol2 6ma sink current 0 0.6 v full-scale input (mon1, mon2, mon3) at factory setting (note 4) 2.4875 2.5 2.5125 v full-scale v cc monitor at factory setting (note 5) 6.5208 6.5536 6.5864 v i/o capacitance c i/o 10 pf digital power-on reset pod 1.0 2.2 v analog power-on reset poa 2.0 2.6 v dc electrical characteristics (v cc = 2.85v to 5.5v, t a = -40? to +95?, unless otherwise noted.) * not to exceed 6.0v.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection _____________________________________________________________________ 3 parameter symbol conditions min typ max units thermometer error t err -40? to +95? 3.0 ? digital thermometer (v cc = 2.85v to 5.5v, t a = -40? to +95?, unless otherwise noted.) parameter symbol conditions min typ max units eeprom writes +70? (note 14) 50,000 writes nonvolatile memory characteristics (v cc = 2.85v to 5.5v) parameter symbol conditions min typ max units input resolution ? vmon 610 ? supply resolution ? v cc 1.6 mv input/supply accuracy (mon1, mon2, mon3, v cc ) a cc at factory setting 0.25 0.5 % fs (full scale) update rate for mon1, mon2, mon3, temp, or v cc t frame 47 60 ms input/supply offset (mon1, mon2, mon3, v cc ) v os (note 14) 0 5 lsb analog voltage monitoring (v cc = 2.85v to 5.5v, t a = -40? to +95?, unless otherwise noted.) parameter conditions min typ max units position 00h resistance (50k ? )t a = +25? 0.65 1.0 1.35 k ? position ffh resistance (50k ? )t a = +25? 40 50 60 k ? position 00h resistance (30k ? )t a = +25? 0.40 k ? position ffh resistance (30k ? )t a = +25? 30 k ? position 00h resistance (20k ? )t a = +25? 0.20 0.40 0.55 k ? position ffh resistance (20k ? )t a = +25? 15 20 25 k ? position 00h resistance (10k ? )t a = +25? 0.40 k ? position ffh resistance (10k ? )t a = +25? 10 k ? position 00h resistance (2.5k ? )t a = +25? 0.1 0.175 0.250 k ? position ffh resistance (2.5k ? )t a = +25? 2.0 2.50 3.0 k ? absolute linearity (note 6) -2 +2 lsb relative linearity (note 7) -1 +1 lsb temperature coefficient (note 8) 50 ppm/? analog resistor characteristics (v cc = 2.85v to 5.5v, t a = -40? to +95?, unless otherwise noted.)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 4 _____________________________________________________________________ parameter symbol conditions min typ max units fast mode 0 400 scl clock frequency (note 9) f scl standard mode 0 100 khz fast mode 1.3 bus free time between stop and start condition (note 9) t buf standard mode 4.7 ? fast mode 0.6 hold time (repeated) start condition (notes 9, 10) t hd:sta standard mode 4.0 ? fast mode 1.3 low period of scl clock (note 9) t low standard mode 4.7 ? fast mode 0.6 h ig h p er i od of s c l c l ock ( n ote 9) t high standard mode 4.0 ? fast mode 0 0.9 data hold time (notes 9, 11, 12) t hd:dat standard mode 0 ? fast mode 100 data setup time (note 9) t su:dat standard mode 250 ns fast mode 0.6 start setup time (note 9) t su:sta standard mode 4.7 ? fast mode 20 + 0.1c b 300 rise time of both sda and scl signals (note 13) t r standard mode 20 + 0.1c b 1000 ns fast mode 20 + 0.1c b 300 fall time of both sda and scl signals (note 13) t f standard mode 20 + 0.1c b 300 ns fast mode 0.6 setup time for stop condition t su:sto standard mode 4.0 ? capacitive load for each bus line c b (note 13) 400 pf eeprom write time t w 10 20 ms ac electrical characteristics (v cc = 2.85v to 5.5v, t a = -40? to +95?, unless otherwise noted. see figure 6.) note 1: all voltages are referenced to ground. note 2: i/o pins of fast-mode devices must not obstruct the sda and scl lines if v cc is switched off. note 3: sda and scl are connected to v cc and all other input signals are connected to well-defined logic levels. note 4: full scale is user programmable. the maximum voltage that the mon inputs read is approximately full scale, even if the volt- age on the inputs is greater than full scale. note 5: this voltage defines the maximum range of the analog-to-digital converter voltage, not the maximum v cc voltage. note 6: absolute linearity is the difference of measured value from expected value at dac position. the expected value is a straight line from measured minimum position to measured maximum position. note 7: relative linearity is the deviation of an lsb dac setting change vs. the expected lsb change. the expected lsb change is the slope of the straight line from measured minimum position to measured maximum position. note 8: see the typical operating characteristics . note 9: a fast-mode device can be used in a standard-mode system, but the requirement t su:dat > 250ns must then be met. this is automatically the case if the device does not stretch the low period of the scl signal. if such a device does stretch the low period of the scl signal, it must output the next data bit to the sda line t rmax + t su:dat = 1000ns + 250ns = 1250ns before the scl line is released.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection _____________________________________________________________________ 5 note 10: after this period, the first clock pulse is generated. note 11: the maximum t hd:dat only has to be met if the device does not stretch the low period (t low ) of the scl signal. note 12: a device must internally provide a hold time of at least 300ns for the sda signal (see the v ih min of the scl signal) to bridge the undefined region of the falling edge of scl. note 13: c b ?otal capacitance of one bus line, timing referenced to 0.9 x v cc and 0.1 x v cc . note 14: guaranteed by design. t ypical operating characteristics (v cc = 5.0v, t a = +25?, for both 50k ? and 20k ? versions, unless otherwise noted.) temperature ( c) 40 60 80 20 0 -20 650 700 750 800 600 -40 100 supply current vs. temperature ds1856 toc01 supply current ( a) sda = scl = v cc supply current vs. voltage ds1856 toc02 voltage (v) supply current ( a) 5.0 4.5 4.0 3.5 450 500 600 550 700 650 750 800 400 3.0 5.5 sda = scl = v cc resistance vs. setting ds1856 toc03 setting (dec) resistance (k ? ) 200 150 100 50 10 20 30 40 50 60 0 0 250 50k ? version resistance vs. setting ds1856 toc04 setting (dec) resistance (k ? ) 200 150 100 50 5 10 15 20 0 0 250 20k ? version active supply current vs. scl frequency ds1856 toc05 scl frequency (khz) active supply current ( a) 300 200 100 720 740 760 780 800 700 0 400 sda = v cc resistor 0 inl (lsb) ds1856 toc06 setting (dec) resistor 0 inl (lsb) 225 200 150 175 50 75 100 125 25 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 0 250
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 6 _____________________________________________________________________ t ypical operating characteristics (continued) (v cc = 5.0v, t a = +25?, for both 50k ? and 20k ? versions, unless otherwise noted.) resistor 0 dnl (lsb) ds1856 toc07 setting (dec) resistor 0 dnl (lsb) 225 200 150 175 50 75 100 125 25 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 0 250 resistor 1 inl (lsb) ds1856 toc08 setting (dec) resistor 1 inl (lsb) 225 200 150 175 50 75 100 125 25 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 0 250 resistor 1 dnl (lsb) ds1856 toc09 setting (dec) resistor 1 dnl (lsb) 225 200 150 175 50 75 100 125 25 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 -1.0 0 250 resistance vs. power-up voltage ds1856 toc10 power-up voltage (v) resistance (k ? ) 234 1 30 20 40 50 60 70 80 90 100 110 120 0 10 05 programmed resistance (80h) >1m ? 50k ? version resistance vs. power-up voltage ds1856 toc11 power-up voltage (v) resistance (k ? ) 234 1 30 20 40 50 60 70 80 90 100 110 120 0 10 05 programmed resistance (80h) >1m ? 20k ? version position 00h resistance vs. temperature ds1856 toc12 temperature ( c) resistance (k ? ) 20 35 50 65 80 5 -10 -25 0.97 0.98 0.99 1.00 1.01 0.96 -40 95 50k ? version
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection _______________________________________________________________________________________ 7 t ypical operating characteristics (continued) (v cc = 5.0v, t a = +25?, for both 50k ? and 20k ? versions, unless otherwise noted.) position ffh resistance vs. temperature ds1856 toc14 temperature ( c) resistance (k ? ) 80 65 50 35 20 5 -10 -25 48.50 48.25 48.75 49.25 49.00 49.75 49.50 50.00 48.00 -40 95 50k ? version position ffh resistance vs. temperature ds1856 toc15 temperature ( c) resistance (k ? ) 80 65 50 35 20 5 -10 -25 19.20 19.40 19.60 19.80 20.00 19.00 -40 95 20k ? version temperature coefficient vs. setting ds1856 toc16 setting (dec) temperature coefficient (ppm/ c) 200 150 100 50 100 50 0 -50 150 200 250 300 350 400 -100 0 250 50k ? version +25 c to +95 c +25 c to -40 c temperature coefficient vs. setting ds1856 toc17 setting (dec) temperature coefficient (ppm/ c) 200 150 100 50 100 0 200 300 400 500 600 700 800 -100 0 250 +25 c to +95 c +25 c to -40 c 20k ? version lsb error vs. full-scale input ds1856 toc18 normalized full scale (%) lsb error 75 50 25 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 -8 0 100 +3 sigma -3 sigma mean lsb error vs. full-scale input ds1856 toc19 normalized full scale (%) lsb error 9.375 6.250 3.125 -3 -2 -1 0 1 2 3 -4 0 12.500 +3 sigma -3 sigma mean position 00h resistance vs. temperature ds1856 toc13 temperature ( c) resistance (k ? ) 80 65 50 35 20 5 -10 -25 0.34 0.35 0.36 0.37 0.38 0.33 -40 95 20k ? version
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 8 _____________________________________________________________________ detailed description the user can read the registers that monitor the v cc , mon1, mon2, mon3, and temperature analog signals. after each signal conversion, a corresponding bit is set that can be monitored to verify that a conversion has occurred. the signals also have alarm and warning flags that notify the user when the signals go above or below the user-defined value. interrupts can also be set for each signal. the position values of each resistor can be indepen- dently programmed. the user can assign a unique value to each resistor for every 2? increment over the -40? to +102? range. two buffers are provided to convert logic-level inputs into open-drain outputs. typically, these buffers are used to implement transmit (tx) fault and loss-of-signal (los) functionality. additionally, out1 can be asserted in the event that one or more of the monitored values go beyond user-defined limits. pin ball name function 1b2 sda 2-wire serial data i/o pin. transfers serial data to and from the device. 2a 2 scl 2-wire serial clock input. clocks data into and out of the device. 3c3 out1 open-drain buffer output 4a 1 in1 ttl/cmos-compatible input to buffer 5b1 out2 open-drain buffer output 6c 2 in2 ttl/cmos-compatible input to buffer 7c1 n.c. no connection 8d1 gnd ground 9d3 mon1 external analog input 10 d4 mon2 external analog input 11 c4 mon3 external analog input 12 d2 l0 low-end resistor 0 terminal. it is not required that the low-end terminals be connected to a potential less than the high-end terminals of the corresponding resistor. voltage applied to any of the resistor terminals cannot exceed the power-supply voltage, v cc , or go below ground. 13 b3 h0 high-end resistor 0 terminal. it is not required that the high-end terminals be connected to a potential greater than the low-end terminals of the corresponding resistor. voltage applied to any of the resistor terminals cannot exceed the power-supply voltage, v cc , or go below ground. 14 b4 l1 low-end resistor 1 terminal 15 a4 h1 high-end resistor 1 terminal 16 a3 v cc supply voltage pin description
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection _____________________________________________________________________ 9 device address ad (auxiliary device enable a0h) md (main device enable) device address address address address r/w r/w txf data bus r/w txf rxl los aden adfix sda scl in1 out1 2-wire interface mint inv1 tx fault in2 mon2 mon1 mon3 v cc gnd out2 inv2 eeprom 128 x 8 bit standards if aden = 0, [00h - 7fh of ad] if aden = 1, [80h-ffh of md, table 00/01h] ad md address table select table select r/w eeprom 72 x 8 bit 80h-c7h table 04 resistor 0 look-up table md eeprom 96 x 8 bit 00h-5fh limits sram 32 x 8 bit 60h-7fh md temp index aden (bit) alarm flags warning flags mux ctrl measurement address table select r/w eeprom 72 x 8 bit 80h-c7h table 05 resistor 1 look-up table md temp index monitors limit high monitors limit low table select temp index mint (bit) internal temp v cc mux adc 12-bit internal calibration a/d ctrl v cc comparator measurement alarm flags warning flags monitors limit low monitors limit high comp ctrl interrupt mint table 03 eeprom 80h-b7h vendor md r/w device address address table select masking (tmp, v cc , mon1, mon2, mon3) adfix (bit) aden (bit) inv2 (bit) inv1 (bit) resistor 0 256 positions l0 h0 register register resistor 1 256 positions l1 h1 right shifting ds1856 figure 1. block diagram
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 10 ____________________________________________________________________ monitored signals each signal (v cc , mon1, mon2, mon3, and tempera- ture) is available as a 16-bit value with 12-bit accuracy (left-justified) over the serial bus. see table 1 for signal scales and table 2 for signal format. the four lsbs should be masked when calculating the value. the 3 lsbs are internally masked with 0s. the signals are updated every frame rate (t frame ) in a round-robin fashion. the comparison of all five signals with the high and low user-defined values are done automatically. the corre- sponding flags are set to 1 within a specified time of the occurrence of an out-of-limit condition. calculating signal values the lsb = 100? for v cc , and the lsb = 38.147? for the mon signals when using factory default settings. to calculate v cc , convert the unsigned 16-bit value to decimal and multiply by 100?. to calculate mon1, mon2, or mon3, convert the unsigned 16-bit value to decimal and multiply by 38.147?. to calculate the temperature, treat the two? comple- ment value binary number as an unsigned binary num- ber, then convert to decimal and divide by 256. if the result is greater than or equal to 128, subtract 256 from the result. temperature: high byte: -128 c to +127 c signed; low byte: 1/256 c. signal +fs signal +fs ( hex) -fs signal -fs ( hex) temperature +127.984 7ffc -128 c 8000 v cc 6.5528v fff8 0v 0000 mon1 2.4997v fff8 0v 0000 mon2 2.4997v fff8 0v 0000 mon3 2.4997v fff8 0v 0000 table 1. scales for monitor channels at factory setting signal format v cc unsigned mon1 unsigned mon2 unsigned mon3 unsigned temperature two? complement table 2. signal comparison temperature (?) corresponding look-up table address <-40 80h -40 80h -38 81h -36 82h -34 83h +98 c5h +100 c6h +102 c7h >+102 c7h table 3. look-up table address for corresponding temperature values msb 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 lsb 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 msb (bin) lsb (bin) voltage (v) 10000000 10000000 3.29 11000000 11111000 4.94 s2 6 2 5 2 4 2 3 2 2 2 1 2 0 2 -1 2 -2 2 -3 2 -4 2 -5 2 -6 2 -7 2 -8 msb (bin) lsb (bin) temperature ( c) 01000000 00000000 +64 01000000 00001111 +64.059 01011111 00000000 +95 11110110 00000000 -10 11011000 00000000 -40 msb (bin) lsb (bin) voltage (v) 11000000 00000000 1.875 10000000 10000000 1.255 monitor/v cc bit weights temperature bit weights monitor conversion example v cc conversion examples temperature conversion examples
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 11 variable resistors the value of each variable resistor is determined by a temperature-addressed look-up table, which can assign a unique value (00h to ffh) to each resistor for every 2? increment over the -40? to +102? range (see table 3). see the temperature conversion section for more information. the variable resistors can also be used in manual mode. if the ten bit equals 0, the resistors are in man- ual mode and the temperature indexing is disabled. the user sets the resistors in manual mode by writing to addresses 82h and 83h in table 03 to control resis- tors 0 and 1, respectively. memory description the memory of the ds1856 is divided into two areas referred to as the main device and the auxiliary device. the main device comprises all of the ds1856 specific memory while the auxiliary device consists of 128 bytes of general-purpose eeprom and is espe- cially useful in gbic applications. main and auxiliary aden (address enable) no. of separate device addresses additional information 02 see figure 2 1 1 (main device only) see figure 3 table 4. aden address configuration aden adfix auxiliary address main address 00 a0h a2h 01 a0h eeprom (table 03, 8ch) 10 a2h 11 eeprom (table 03, 8ch) table 5. aden and adfix bits auxiliary device eeprom auxiliary memory (128 bytes) 00h 7fh 127 7f 127 7f 128 80 183 b7 199 c7 200 c8 255 ff 2-wire addrress a0h dec hex 00 main device lower memory t able select byte p assword entry (pwe) (4 bytes) 00h 7fh 2-wire address a2h (default) note 1: aden bit = 0. auxiliary memory is addressed using the auxiliary device note 1. 2-wire slave address of a0h, and the remainder of the memory is note 1. addressed using the main device 2-wire slave address of a2h note 1. (when adfix = 0). note 2: t ables 00h, 01h, and 02h do not exist. dec main device auxiliary device hex 00 t able 03h configuration t able 80h b7h t able 04h resistor 0 look-up table (72 bytes) 80h c7h t able 05h resistor 1 look-up table (72 bytes) 80h c7h reserved and calibration constants reserved and calibration constants f0h ffh f0h ffh figure 2. memory organization, aden = 0
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 12 ____________________________________________________________________ memories can be accessed by two separate 2-wire slave addresses (see table 4). the main device address is a2h (or determined by the value in table 03, byte 8ch, when adfix = 1) and the auxiliary device address is a0h (fixed). a configuration bit, aden (table 03, byte 89h, bit 5), determines whether the ds1856 uses one or two 2-wire slave addresses. this feature can be used to save component count in sff applications or other applications where both gbic and monitoring functions are implemented and two device addresses are needed. the memory organization for aden = 0 is shown in figure 2. in this configuration, the 128 bytes of auxiliary device eeprom are located at memory loca- tions 00h to 7fh and accessed using the auxiliary device 2-wire slave address of a0h (fixed). the remainder of the ds1856? memory is accessed using the main device address. the memory organization of the second configuration, aden = 1, is shown in figure 3. in this configuration, all of the ds1856? memory including the auxiliary memo- ry is accessed using only the main device address. the auxiliary device memory is mapped into table 00 and table 01 in the main device. both tables map to the same block of physical memory. this is done to improve the compatibility between previous members of this ic family such as the ds1858/ds1859 and the ds1852. in this configuration, the ds1856 ignores com- munication using the auxiliary device address. the value of the main device address can be changed to a value other than the default value of a2h (see data sheet table 5). there can be up to 128 devices sharing a common 2-wire bus, with each device having its own unique address. to change the main device address, first write the desired value to the chip address byte (table 03, byte 8ch). then, enable the new address by setting adfix to a 1. subsequent 2-wire communica- tion must be performed using the new main device address. when adfix = 0, the chip address byte is ignored, and the main device address is set to a2h. t able 00h/01h eeprom auxiliary memory (128 bytes) 80h ffh 255 ff 127 7f 128 80 183 b7 199 c7 200 c8 lower memory t able select byte p assword entry (pwe) (4 bytes) 00h 7fh 2-wire addrress a2h (default) note 1: aden bit = 1. all memory (including the auxiliary memory) is addressed using the note 1: main device 2-wire slave address. note 2: tables 00h and 01h access the same physical memory. note 3: table 02h does not exist. dec hex 00 t able 03h configuration t able 80h b7h t able 04h resistor 0 look-up table (72 bytes) 80h c7h t able 05h resistor 1 look-up table (72 bytes) 80h c7h reserved and calibration constants reserved and calibration constants f0h ffh f0h ffh figure 3. memory organization, aden = 1
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 13 the ds1856 2-wire interface uses 8-bit addressing, which allows up to 256 bytes to be addressed tradi- tionally on a given 2-wire slave address. however, since the main device contains more than 256 bytes, a table scheme is used. the lower 128 bytes of the main device, memory locations 00h to 7fh, function as expected and are independent of the currently select- ed table. byte 7fh is the table select byte. this byte determines which memory table will be accessed by the 2-wire interface when address locations 80h to ffh are accessed. memory locations 80h to ffh are acces- sible only through the main device address. the auxiliary device address has no access to the tables, but the auxiliary device memory can be mapped into the main device? memory space (by setting aden = 1). valid values for the table select byte are shown in the table below. before attempting to read and write any of the bits or bytes mentioned in this section, it is important to look at the memory map provided in a subsequent section to verify what level of password is required. password protection is described in the following section. password protection the ds1856 uses two 4-byte passwords to achieve three levels of access to various memory locations. the three levels of access are: user access: this is the default state after power-up. it allows read access to standard monitoring and status functions. level 1 access: this allows access to customer data table (tables 00 and 01) in addition to everything grant- ed by user access. this level is granted by entering password 1 (pw1). level 2 access: this allows access to all memory, set- tings, and features, in addition to everything granted by level 1 and user access. this level is granted by enter- ing password 2 (pw2). to obtain a particular level of access, the correspond- ing password must be entered in the password entry (pwe) bytes located in the main device at 7bh to 7eh. the value entered is compared to both the pw1 and pw2 settings located in table 03, bytes b0h to b3h and table 03, bytes b4h to b7h, respectively, to determine if access should be granted. access is granted until the password is changed or until power is cycled. writing pwe can be done with any level of access, although pwe can never be read. writing pw1 and pw2 requires pw2 access. however, pw1 and pw2 can never be read, even with pw2 access. on power-up, pwe is set to all 1s (ffffh). as long as neither of the passwords are ever changed to ffffh, then user access is the power-up default. likewise, password protection can be intentionally disabled by setting the pw2 password to ffffh. memory map the following table is the legend used in the memory map to indicate the access level required for read and write access. each table in the following memory map begins with a higher level view of a particular portion of the memory showing information such as row (8 bytes) and byte names. the tables are then followed, where applicable, by an expanded bytes table, which shows bit names and values. furthermore, both tables use the permis- sion legend to indicate the access required on a row, byte, and bit level. the memory map is followed by a register description section, which describes bytes and bits in further detail. table select byte table name 00 01 auxiliary device memory (when aden = 1) 02 does not exist 03 configuration 04 resistor 0 look-up table 05 resistor 1 look-up table permission read write <0> at least one byte in the row is different than the rest of the row, so look at each byte separately for permissions. <1> all pw2 <2> all na <3> all all (the part also writes to this byte.) <4> pw2 pw2 + mode_bit <5> all all <6> na all <7> pw1 pw1 <8> pw2 pw2 <9> na pw2 <10> pw2 na <11> all pw1 table 6. table select byte table 7. password permission
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 14 ____________________________________________________________________ lower memory word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 00 <1> threshold 0 temp alarm hi temp alarm lo temp warn hi temp warn lo 08 <1> threshold 1 v cc alarm hi v cc alarm lo v cc warn hi v cc warn lo 10 <1> threshold 2 mon1 alarm hi mon1 alarm lo mon1 warn hi mon1 warn lo 18 <1> threshold 3 mon2 alarm hi mon2 alarm lo mon2 warn hi mon2 warn lo 20 <1> threshold 4 mon3 alarm hi mon3 alarm lo mon3 warn hi mon3 warn lo 28 <1> user rom ee ee ee ee ee ee ee ee 30 <1> user rom ee ee ee ee ee ee ee ee 38 <1> user rom ee ee ee ee ee ee ee ee 40 <1> user rom ee ee ee ee ee ee ee ee 48 <1> user rom ee ee ee ee ee ee ee ee 50 <1> user rom ee ee ee ee ee ee ee ee 58 <1> user rom ee ee ee ee ee ee ee ee 60 <2> values 0 temp value vcc value mon1 value mon2 value 68 <0> values 1 <2> mon3 value <2> reserved <2> reserved <0> status <3> update 70 <2> alrm wrn alarm 1 alarm 0 reserved reserved warn 1 warn 0 reserved reserved 78 <0> table select <6> reserved <6> reserved <6> reserved <6> pwe msb <6> pwe lsb <5> tbl sel expanded bytes bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 byte (hex) byte name bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 user ee ee ee ee ee ee ee ee ee temp alarm s 2 6 2 5 2 4 2 3 2 2 2 1 2 0 2 -1 2 -2 2 -3 2 -4 2 -5 2 -6 2 -7 2 -8 temp warn s 2 6 2 5 2 4 2 3 2 2 2 1 2 0 2 -1 2 -2 2 -3 2 -4 2 -5 2 -6 2 -7 2 -8 volt alarm 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 volt warn 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 28 user rom ee ee ee ee ee ee ee ee 30 user rom ee ee ee ee ee ee ee ee 38 user rom ee ee ee ee ee ee ee ee 40 user rom ee ee ee ee ee ee ee ee 48 user rom ee ee ee ee ee ee ee ee 50 user rom ee ee ee ee ee ee ee ee 58 user rom ee ee ee ee ee ee ee ee memory map
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 15 60 temp value s 2 6 2 5 2 4 2 3 2 2 2 1 2 0 2 -1 2 -2 2 -3 2 -4 2 -5 2 -6 2 -7 2 -8 62 v cc value 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 64 mon1 value 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 66 mon2 value 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 68 mon3 value 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 6e status <2> rhiz <11> softhiz <2> reserved <2> reserved <2> reserved <2> txf <2> rxl <2> rdyb 6f update temp rdy v cc rdy mon1 rdy mon2 rdy mon3 rdy reserved reserved reserved 70 alarm 1 temp hi temp lo v cc hi v cc lo mon1 hi mon1 lo mon2 hi mon2 lo 71 alarm 0 mon3 hi mon3 lo reserved reserved reserved reserved reserved mint 74 warn 1 temp hi temp lo v cc hi v cc lo mon1 hi mon1 lo mon2 hi mon2 lo 75 warn 0 mon3 hi mon3 lo reserved reserved reserved reserved reserved reserved 7b pwe msb 2 31 2 30 2 29 2 28 2 27 2 26 2 25 2 24 2 23 2 22 2 21 2 20 2 19 2 18 2 17 2 16 7d pwe lsb 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 7f tbl sel 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 auxiliary (valid when aden = 0) word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 00?f <1> ee ee ee ee ee ee ee ee ee table 00/01 (valid when aden = 1) word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 80?f <7> ee ee ee ee ee ee ee ee ee memory map (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 16 ____________________________________________________________________ table 03 (configuration) word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 80 <0> config 0 <8> mode <4> tindex <4> res0 <4> res1 <8> reserved <8> reserved <8> reserved <8> reserved 88 <8> config 1 int enable config reserved reserved chip addr reserved rshift 1 rshift 0 90 <8> scale 0 reserved vcc scale mon1 scale mon2 scale 98 <8> scale 1 mon3 scale reserved reserved reserved a0 <8> offset 0 reserved vcc offset mon1 offset mon2 offset a8 <8> offset 1 mon3 offset reserved reserved internal temp offset* b0 <9> pwd value pw1 msb pw1 lsb pw2 msb pw2 lsb expanded bytes bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 byte (hex) byte name bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9 bit 8 bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 80 mode reserved reserved reserved reserved reserved reserved ten aen 81 tindex 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 82 res0 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 83 res1 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 88 int enable temp vcc mon1 mon2 mon3 reserved reserved reserved 89 config reserved reserved aden adfix reserved reserved inv 1 inv 2 8c chip addr 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 8e rshift 1 reserved mon1 2 mon1 1 mon1 0 reserved mon2 2 mon2 1 mon2 0 8f rshift 0 reserved mon3 2 mon3 1 mon3 0 reserved reserved reserved reserved 92 v cc scale 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 94 mon1 scale 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 96 mon2 scale 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 98 mon3 scale 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 a2 v cc offset ss 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 a4 mon1 offset ss 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 a6 mon2 offset ss 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 a8 mon3 offset ss 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 ae temp offset* s 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 2 -1 2 -2 2 -3 2 -4 2 -5 2 -6 b0 pw1 msb 2 31 2 30 2 29 2 28 2 27 2 26 2 25 2 24 2 23 2 22 2 21 2 20 2 19 2 18 2 17 2 16 b2 pw1 lsb 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 b4 pw2 msb 2 31 2 30 2 29 2 28 2 27 2 26 2 25 2 24 2 23 2 22 2 21 2 20 2 19 2 18 2 17 2 16 b6 pw2 lsb 2 15 2 14 2 13 2 12 2 11 2 10 2 9 2 8 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 * the final result must be xor?d with bb40h. memory map (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 17 table 04 (lookup table for resistor 0) word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 80 <8> lut 88 <8> lut 90 <8> lut 98 <8> lut a0 <8> lut a8 <8> lut b0 <8> lut b8 <8> lut c0 <8> lut c8 empty empty empty empty empty empty empty empty d0 empty empty empty empty empty empty empty empty d8 empty empty empty empty empty empty empty empty e0 empty empty empty empty empty empty empty empty e8 empty empty empty empty empty empty empty empty f0 reserved reserved reserved reserved reserved reserved reserved reserved f8 <10> res0 data resistor 0 calibration constants (see data sheet table 8) expanded bytes byte (hex) byte name bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 80?7 res0 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 f8?f res0 data resistor 0 calibration constants (see data sheet table 8 for weighting) memory map (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 18 ____________________________________________________________________ table 05 (lookup table for resistor 1) word 0 word 1 word 2 word 3 row (hex) row name byte 0/8 byte 1/9 byte 2/a byte 3/b byte 4/c byte 5/d byte 6/e byte 7/f 80 <8> lut 88 <8> lut 90 <8> lut 98 <8> lut a0 <8> lut a8 <8> lut b0 <8> lut b8 <8> lut c0 <8> lut c8 empty empty empty empty empty empty empty empty d0 empty empty empty empty empty empty empty empty d8 empty empty empty empty empty empty empty empty e0 empty empty empty empty empty empty empty empty e8 empty empty empty empty empty empty empty empty f0 reserved reserved reserved reserved reserved reserved reserved reserved f8 <10> res1 data resistor 1 calibration constants (see data sheet table 8) expanded bytes byte (hex) byte name bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 80?7 res1 2 7 2 6 2 5 2 4 2 3 2 2 2 1 2 0 f8?f res1 data resistor 1 calibration constants (see data sheet table 8 for weighting) memory map (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 19 register descriptions name of row ? name of byte ............. ? name of byte ............. threshold 0 ? temp high alarm ..... <7fffh> temperature measurements above this two's complement threshold set its corresponding alarm bit. measurements below this threshold clear the alarm bit. ? temp low alarm ....... <8000h> temperature measurements below this two's complement threshold set its corresponding alarm bit. measurements above this threshold clear the alarm bit. ? temp high warning . <7fffh> temperature measurements above this two's complement threshold set its corresponding warning bit. measurements below this threshold clear the warning bit. ? temp low warning .. <8000h> temperature measurements below this two's complement threshold set its corresponding warning bit. measurements above this threshold clear the warning bit. threshold 1 ? v cc high alarm ........ voltage measurements of the v cc input above this unsigned threshold set its corresponding alarm bit. measurements below this threshold clear the alarm bit. ? v cc low alarm .......... <<0000h> voltage measurements of the v cc input below this unsigned threshold set its corresponding alarm bit. measurements above this threshold clear the alarm bit. ? v cc high warning .... voltage measurements of the v cc input above this unsigned threshold set its corresponding warning bit. measurements below this threshold clear the warning bit. ? v cc low warning ..... <<0000h> voltage measurements of the v cc input below this unsigned threshold set its corresponding warning bit. measurements above this threshold clear the warning bit. threshold 2 ? mon1 high alarm ..... voltage measurements of the mon1 input above this unsigned threshold set its corresponding alarm bit. measurements below this threshold clear the alarm bit. ? mon1 low alarm ...... <0000h> voltage measurements of the mon1 input below this unsigned threshold set its corresponding alarm bit. measurements above this threshold clear the alarm bit. ? mon1 high warning . voltage measurements of the mon1 input above this unsigned threshold set its corresponding warning bit. measurements below this threshold clear the warning bit. ? mon1 low warning .. <0000h> voltage measurements of the mon1 input below this unsigned threshold set its corresponding warning bit. measurements above this threshold clear the warning bit.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 20 ____________________________________________________________________ threshold 3 ? mon2 high alarm ..... voltage measurements of the mon2 input above this unsigned threshold set its corresponding alarm bit. measurements below this threshold clear the alarm bit. ? mon2 low alarm ...... <0000h> voltage measurements of the mon2 input below this unsigned threshold set its corresponding alarm bit. measurements above this threshold clear the alarm bit. ? mon2 high warning . voltage measurements of the mon2 input above this unsigned threshold set its corresponding warning bit. measurements below this threshold clear the warning bit. ? mon2 low warning .. <0000h> voltage measurements of the mon2 input below this unsigned threshold set its corresponding warning bit. measurements above this threshold clear the warning bit. threshold 4 ? mon3 high alarm ..... voltage measurements of the mon3 input above this unsigned threshold set its corresponding alarm bit. measurements below this threshold clear the alarm bit. ? mon3 low alarm ...... <0000h> voltage measurements of the mon3 input below this unsigned threshold set its corresponding alarm bit. measurements above this threshold clear the alarm bit. ? mon3 high warning . voltage measurements of the mon3 input above this unsigned threshold set its corresponding warning bit. measurements below this threshold clear the warning bit. ? mon3 low warning .. <0000h> voltage measurements of the mon3 input below this unsigned threshold set its corresponding warning bit. measurements above this threshold clear the warning bit. user rom ? user rom ................. <00h> nonvolatile eeprom memory. a2d value 0 ? temp meas ................ <0000h> the signed two's complement direct-to- temperature measurement. ? v cc meas ................... <0000h> unsigned voltage measurement. ? mon1 meas ................ <0000h> unsigned voltage measurement. ? mon2 meas ................ <0000h> unsigned voltage measurement. register descriptions (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 21 a2d value 1 ? mon3 meas ................ <0000h> unsigned voltage measurement. ? reserved .................... <0000h> ? status ......................... a) rhiz.................... <1b> high when resistor outputs are high impedance. b) soft hiz .............. <0b> setting this bit will make resistor outputs high impedance. c) reserved ............ <0b> d) txf ................... reflects the logic level to be output on pin out1. e) rxl ................... reflects the logic level to be output on pin out2. f) rdyb................... < v cc dependant > ready bar. when the supply is above the power-on-analog (poa) trip point, this bit is active low. thus, this bit reads a logic one if the supply is below poa or too low to communicate over the 2-wire bus. ? update ....................... <00h> status of completed conversions. at power-on, these bits are cleared and will be set as each conversion is completed. these bits can be cleared so that a completion of a new conversion may be verified. a) temp rdy .......... temperature conversion is ready. b) v cc rdy ............. v cc conversion is ready. c) mon1 rdy .......... mon1 conversion is ready. d) mon2 rdy .......... mon2 conversion is ready. e) mon3 rdy .......... mon3 conversion is ready. status ? alarm 0 ....................... <10h> high alarm status bits. a) temp hi ............. high alarm status for temperature measurement. b) temp lo ............ low alarm status for temperature measurement. c) v cc hi .............. high alarm status for v cc measurement. d) v cc lo .............. low alarm status for v cc measurement. this bit is set when the v cc supply is below the poa trip point value. it clears itself when a v cc measurement is completed and the value is above the low threshold. e) mon1 hi ........... high alarm status for mon1 measurement. f) mon1 lo .......... low alarm status for mon1 measurement. g) mon2 hi ........... high alarm status for mon2 measurement. h) mon2 lo .......... low alarm status for mon2 measurement. ? alarm 1 ....................... <00h> low alarm status bits. a) mon3 hi........... high alarm status for mon3 measurement. b) mon3 lo .......... low alarm status for mon3 measurement. c) mint ................... maskable interrupt. if an alarm is present and the alarm is enabled then this bit is high. otherwise this bit is a zero. ? reserved .................... <00h>. ? warning 0 ................... <00h> high warning status bits. a) temp hi ............. high warning status for temperature measurement. b) temp lo ............ low warning status for temperature measurement. c) v cc hi ............. high warning status for v cc measurement. register descriptions (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 22 ____________________________________________________________________ table select ? reserved .................... <00h> ? pwe ........................... password entry. there are two passwords for the ds1856. the lower level password (pw1) has all the access of a normal user plus those made available with pw1. the higher level password (pw2) has all of the access of pw1 plus those made available with pw2. the value of the password reside in ee inside of pw2 memory. ? tbl sel ...................... <00h> table select. the upper memory tables of the ds1856 are accessible by writing the correct table value in this register. if the device is configured to have a table 01h then writing a 00h or a 01h in this byte will access that table. config 0 ? mode .......................... <03h> a) ten.................... at power-on this bit is high, which enables autocontrol of the lut. if this bit is written to a zero then the resistor values are writeable by the user and the lut recalls are disabled. this allows the user to interactively test their modules by manually writing resistor values. the resistors will update with the new value at the end of the write cycle. thus both registers (res0 and res1) should be written in the same write cycle. the 2-wire stop condition is the end of the write cycle. b) aen ................... at power-on this bit is high, which enables autocontrol of the lut. if this bit is cleared to a zero then the temperature calculated index value ( t index ) is writeable by the user and the updates of calculated indexes are disabled. this allows the user to interactively test their modules by controlling the indexing for the look-up tables. the recalled values from the luts will appear in the resistor registers after the next completion of a temperature conversion (just like it would happen in auto mode). both pots will update at the same time (just like it would happen in auto mode). ? t index ....................... <00h> holds the calculated index based on the temperature measurement. this index is used for the address during look-up of tables 4 and 5. . d) v cc lo .............. low warning status for v cc measurement. this bit is set when the v cc supply is below the poa trip point value. it clears itself when a v cc measurement is completed and the value is above the low threshold. e) mon1 hi ........... high warning status for mon1 measurement. f) mon1 lo .......... low warning status for mon1 measurement. g) mon2 hi ........... high warning status for mon2 measurement. h) mon2 lo .......... low warning status for mon2 measurement. ? warning 1 ................... <00h> low warning status bits. a) mon3 hi........... high warning status for mon3 measurement. b) mon3 lo........... low warning status for mon3 measurement. register descriptions (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 23 config 1 ? int enable .................. configures the maskable interrupt for the out1 pin. a) temp enable...... temperature measurements, outside of the threshold limits, are enabled to create an active interrupt on the out1 pin. b) v cc enable......... v cc measurements, outside of the threshold limits, are enabled to create an active interrupt on the out1 pin. c) mon1 enable.... mon1 measurements, outside of the threshold limits, are enabled to create an active interrupt on the out1 pin. d) mon2 enable.... mon2 measurements, outside of the threshold limits, are enabled to create an active interrupt on the out1 pin. e) mon3 enable.... mon3 measurements, outside of the threshold limits, are enabled to create an active interrupt on the out1 pin. f) reserved ............ ee. ? config ........................ <00h> configure the memory location and the polarity of the digital outputs. a) reserved ............ ee. b) aden ................ auxiliary device enable. 128 bytes of ee are addressable depending on the value of this bit. when set to a 1, the memory is located in or as table 01h. when set to a 0, the memory is addressed by using a device address of a0h and the locations in memory are 00h to 7fh. c) adfix ............... device fixable address. when this bit is set to a 1, the main memory of the ds1856 is a device address equal to the value found in byte chip_address. when this bit is set to a 0 the main memory of the ds1856 is a device address of a2h. d) inv1 .................... enable the inversion of the relationship between in1 and out1. e) inv2 .................... enable the inversion of the relationship between in2 and out2. ? chip address ............. this value becomes the device address for the main memory when adfix bit is set. ? right shift 1 ................ allows for right-shifting the final answer of some voltage measurements. this allows for scaling the measurements to the smallest full-scale voltage and then right-shifting the final result so the reading is weighted to the correct lsb. ? right shift 0 ................ allows for right-shifting the final answer of some voltage measurements. this allows for scaling the measurements to the smallest full-scale voltage and then right-shifting the final result so the reading is weighted to the correct lsb. ? res1 ........................... the base value used for resistor 1 and recalled from table 5 at the memory address found in t index. this register is updated at the end of the temperature conversion. ? reserved .................... <00h> sram. ? res0 ........................... the base value used for resistor 0 and recalled from table 4 at the memory address found in t index. this register is updated at the end of the temperature conversion. . register descriptions (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 24 ____________________________________________________________________ offset 0 ? v cc offset .................. <0000h> allows for offset control of v cc measurement if desired. ? mon1 offset ............. <0000h> allows for offset control of mon1 measurement if desired. ? mon2 offset ............. <0000h> allows for offset control of mon2 measurement if desired. offset 1 ? mon3 offset ............. <0000h> allows for offset control of mon3 measurement if desired. ? temp offset ............... <0000h> allows for offset control of temp measurement if desired. pwd value ? password 1 ................ the pwe value is compared against the value written to this location to enable pw1 access. at power-on, the pwe value is set to all ones. thus writing these bytes to all ones grants pw1 access on power-up without writing the password entry. ? password 2 ................ the pwe value is compared against the value written to this location to enable pw2 access. at power-on, the pwe value is set to all ones. thus writing these bytes to all ones grants pw2 access on power-up without writing the password entry. lut ? res0 ........................... the unsigned value for resistor 0. ? res1 ........................... the unsigned value for resistor 1. scale 0 ? v cc scale ................... <6.5535v> controls the scaling or gain of the v cc measurements. ? mon1 scale .............. <2.500v> controls the scaling or gain of the mon1 measurements. ? mon2 scale .............. <2.500v> controls the scaling or gain of the mon2 measurements. scale 1 ? mon3 scale .............. <2.500v> controls the scaling or gain of the mon3 measurements. register descriptions (continued)
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 25 programming the look-up table (lut) the following equation can be used to determine which resistor position setting, 00h to ffh, should be written in the lut to achieve a given resistance at a specific tem- perature. r = the resistance desired at the output terminal c = temperature in degrees celsius u, v, w, x 1 , x 0 , y, z, and are calculated values found in the corresponding look-up tables. the variable x from the equation above is separated into x 1 (the msb of x) and x 0 (the lsb of x). their addresses and lsb values are given below. the variable y is assigned a value. all other vari- ables are unsigned. resistor 0 variables are found in table 04, and resistor 1 variables are found in table 05. when shipped from the factory, all other memory loca- tions in the luts are programmed to ffh. table 8. calibration constants internal calibration the ds1856 has two methods for scaling an analog input to a digital result. the two methods are gain and offset. each of the inputs (v cc , mon1, mon2, and mon3) has a unique register for the gain and the offset found in table 03h, 92h to 99h, and a2h to a9h. to scale the gain and offset of the converter for a spe- cific input, you must first know the relationship between the analog input and the expected digital result. the input that would produce a digital result of all zeros is the null value (normally this input is gnd). the input that would produce a digital result of all ones is the full- scale (fs) value. the fs value is also found by multiply- ing an all-ones digital answer by the weighted lsb (e.g., since the digital reading is a 16-bit register, let us assume that the lsb of the lowest weighted bit is 50?, then the fs value is 65,535 x 50? = 3.27675v). a binary search is used to scale the gain of the con- verter. this requires forcing two known voltages to the input pin. it is preferred that one of the forced voltages is the null input and the other is 90% of fs. since the lsb of the least significant bit in the digital reading reg- ister is known, the expected digital results are also known for both inputs (null/lsb = cnt1 and 90%fs/ lsb = cnt2). the user might not directly force a voltage on the input. instead they have a circuit that transforms light, fre- quency, power, or current to a voltage that is the input to the ds1856. in this situation, the user does not need to know the relationship of voltage to expected digital result but instead knows the relationship of light, fre- quency, power, or current to the expected digital result. an explanation of the binary search used to scale the gain is best served with the following example pseudo- code: /* assume that the null input is 0.5v. */ /* in addition, the requirement for lsb is 50?. */ fs = 65535 x 50e-6; /* 3.27675 */ cnt1 = 0.5 / 50e-6; /* 10000 */ cnt2 = 0.90 x fs / 50e-6; /* 58981.5 */ /* thus the null input 0.5v and the 90% of fs input is 2.949075v. */ set the trim-offset-register to zero; set right-shift register to zero (typically zero. see the right-shifting section); gain_result = 0h; clamp = fff8h/2^(right_shift_register); for n = 15 down to 0 begin pos r c rux vxc wxc xx yxc zxc , , () = ?+ ? () +? () ? ? ? ? ? ? () +? () +? () ? ? ? ? ? ? ? 125 25 125 25 2 2 address variable lsb f8h u 2 0 f9h v 20e-6 fah w 100e-9 fbh x 1 2 1 fch x 0 2 -7 2e-6 (signed) fdh y 8e-6 (signed) for 2.5k resistor feh z 10e-9 ffh 2 -2
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 26 ____________________________________________________________________ gain_result = gain_result + 2^n; force the 90% fs input (2.949075v); meas2 = read the digital result from the part; if meas2 >= clamp then gain_result = gain_result ?2^n; else force the null input (0.5v); meas1 = read the digital result from the part; if (meas2 ?meas1) > (cnt2 ? cnt1) then gain_result = gain_result ?2^n; end; set the gain register to gain_result; the gain register is now set and the resolution of the conversion will best match the expected lsb. the next step is to calibrate the offset of the ds1856. with the correct gain value written to the gain register, again force the null input to the pin. read the digital result from the part (meas1). the offset value is equal to the negative value of meas1. the calculated offset is now written to the ds1856 and the gain and offset scaling is now complete. right-shifting a/d conversion result (scalable dynamic ranging) the right-shifting method is used to regain some of the lost adc range of a calibrated system. if a system is cali- brated so the maximum expected input results in a digi- tal output value of less than 7fffh (1/2 fs), then it is a candidate for using the right-shifting method. if the maximum desired digital output is less than 7fffh, then the calibrated system is using less than 1/2 of the adc? range. similarly, if the maximum desired digital output is less than 1fffh, then the calibrated system is only using 1/8 of the adc? range. for example, if using a zero for the right-shift during internal calibration and the maximum expected input results in a maximum digi- tal output less than 1ffch, only 1/8 of the adc? range is used. if left like this, the three ms bits of the adc will never be used. in this example, a value of 3 for the right- shifting maximizes the adc range. no resolution is lost since this is a 12-bit converter that is left justified. the value can be right-shifted four times without losing reso- lution. table 9 shows when the right-shifting method can be used. temperature conversion the direct-to-digital temperature sensor measures tem- perature through the use of an on-chip temperature measurement technique with a -40? to +102? operat- ing range. temperature conversions are initiated upon power-up, and the most recent conversion is stored in memory locations 60h and 61h of the main device, which are updated every t frame . temperature conver- sions do not occur during an active read or write to memory. the value of each resistor is determined by the tempera- ture-addressed look-up table. the look-up table assigns a unique value to each resistor for every 2? increment with a 1? hysteresis at a temperature transition over the operating temperature range (see figure 4). offset gister meas _re = ? ? ? ? ? ? 1 4 output range used with zero right-shifts number of right-shifts needed 0h....ffffh 0 0h....7fffh 1 0h....3fffh 2 0h....1fffh 3 0h....0fffh 4 table 9. right shifting m6 m5 m4 m3 m2 m1 24 68 10 12 temperature ( c) memory location increasing temperature decreasing temperature figure 4. look-up table hysteresis
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 27 power-up and low-voltage operation during power-up, the device is inactive until v cc exceeds the digital power-on-reset voltage (pod). at this voltage, the digital circuitry, which includes the 2-wire interface, becomes functional. however, eeprom- backed registers/settings cannot be internally read (recalled into shadow sram) until v cc exceeds the ana- log power-on-reset voltage (poa), at which time the remainder of the device becomes fully functional. once v cc exceeds poa, the rdyb bit in byte 6eh of the main device memory is timed to go from a 1 to a 0 and indi- cates when analog-to-digital conversions begin. if v cc ever dips below poa, the rdyb bit reads as a 1 again. once a device exceeds poa and the eeprom is recalled, the values remain active (recalled) until v cc falls below pod. for 2-wire device addresses sourced from eeprom (adfix = 1), the device address defaults to a2h until v cc exceeds poa and the eeprom values are recalled. the auxiliary device (a0h) is always available within this volt- age window (between pod and the eeprom recall) regardless of the programmed state of aden. furthermore, as the device powers up, the v cc lo alarm flag (bit 4 of 70h in main device) defaults to a 1 until the first v cc analog-to-digital conversion occurs and sets or clears the flag accordingly. 2-wire operation clock and data transitions: the sda pin is normally pulled high with an external resistor or device. data on the sda pin may only change during scl-low time periods. data changes during scl-high periods will indicate a start or stop condition depending on the conditions discussed below. see the timing diagrams in figures 5 and 6 for further details. start condition: a high-to-low transition of sda with scl high is a start condition that must precede any other command. see the timing diagrams in figures 5 and 6 for further details. stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read or write sequence, the stop command places the ds1856 into a low-power mode. see the timing diagrams in figures 5 and 6 for further details. acknowledge: all address and data bytes are trans- mitted through a serial protocol. the ds1856 pulls the sda line low during the ninth clock pulse to acknowl- edge that it has received each word. standby mode: the ds1856 features a low-power mode that is automatically enabled after power-on, after a stop command, and after the completion of all internal operations. device addressing: the ds1856 must receive an 8-bit device address, the slave address byte, following a start condition to enable a specific device for a read or write operation. the address is clocked into this part msb to lsb. the address byte consists of either a2h or the value in table 03, 8ch for the main device or a0h for the auxiliary device, then the r/ w bit. this byte must match the address programmed into table 03, 8ch or a0h (for the auxiliary device). if a device address match occurs, this part will output a zero for one clock cycle as an acknowledge and the corre- sponding block of memory is enabled (see the memory organization section). if the r/ w bit is high, a read operation is initiated. if the r/ w is low, a write operation is initiated (see the memory organization section). if the address does not match, this part returns to a low- power mode. write operations after receiving a matching address byte with the r/ w bit set low, if there is no write protect, the device goes into the write mode of operation (see the memory organization section). the master must transmit an 8- bit eeprom memory address to the device to define the address where the data is to be written. after the byte has been received, the ds1856 transmits a zero for one clock cycle to acknowledge the address has been received. the master must then transmit an 8-bit data word to be written into this address. the ds1856 again transmits a zero for one clock cycle to acknowl- edge the receipt of the data. at this point, the master must terminate the write operation with a stop condi- tion. the ds1856 then enters an internally timed write process t w to the eeprom memory. all inputs are dis- abled during this byte write cycle. page write the ds1856 is capable of an 8-byte page write. a page is any 8-byte block of memory starting with an address evenly divisible by eight and ending with the starting address plus seven. for example, addresses 00h through 07h constitute one page. other pages would be addresses 08h through 0fh, 10h through 17h, 18h through 1fh, etc.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 28 ____________________________________________________________________ a page write is initiated the same way as a byte write, but the master does not send a stop condition after the first byte. instead, after the slave acknowledges the data byte has been received, the master can send up to seven more bytes using the same nine-clock sequence. the master must terminate the write cycle with a stop condition or the data clocked into the ds1856 will not be latched into permanent memory. the address counter rolls on a page during a write. the counter does not count through the entire address space as during a read. for example, if the starting address is 06h and 4 bytes are written, the first byte goes into address 06h. the second goes into address 07h. the third goes into address 00h (not 08h). the fourth goes into address 01h. if 9 bytes or more are written before a stop condition is sent, the first bytes sent are overwritten. only the last 8 bytes of data are written to the page. acknowledge polling: once the internally timed write has started and the ds1856 inputs are disabled, acknowledge polling can be initiated. the process involves transmitting a start condition followed by the device address. the r/ w bit signifies the type of opera- tion that is desired. the read or write sequence will only be allowed to proceed if the internal write cycle has completed and the ds1856 responds with a zero. read operations after receiving a matching address byte with the r/ w bit set high, the device goes into the read mode of opera- tion. there are three read operations: current address read, random read, and sequential address read. current address read the ds1856 has an internal address register that main- tains the address used during the last read or write operation, incremented by one. this data is maintained as long as v cc is valid. if the most recent address was the last byte in memory, then the register resets to the first address. once the device address is clocked in and acknowl- edged by the ds1856 with the r/ w bit set to high, the current address data word is clocked out. the master does not respond with a zero, but does generate a stop condition afterwards. single read a random read requires a dummy byte write sequence to load in the data byte address. once the device and data address bytes are clocked in by the master and acknowl- edged by the ds1856, the master must generate another start condition. the master now initiates a current address read by sending the device address with the r/ w bit set high. the ds1856 acknowledges the device address and serially clocks out the data byte. sequential address read sequential reads are initiated by either a current address read or a random address read. after the mas- ter receives the first data byte, the master responds with an acknowledge. as long as the ds1856 receives this acknowledge after a byte is read, the master can clock out additional data words from the ds1856. after reaching address ffh, it resets to address 00h. the sequential read operation is terminated when the master initiates a stop condition. the master does not respond with a zero. the following section provides a detailed description of the 2-wire theory of operation. 2-wire serial-port operation the 2-wire serial-port interface supports a bidirectional data transmission protocol with device addressing. a device that sends data on the bus is defined as a trans- mitter, and a device that receives data as a receiver. the device that controls the message is called a mas- ter. the devices that are controlled by the master are slaves. the bus must be controlled by a master device that generates the serial clock (scl), controls the bus access, and generates the start and stop condi- tions. the ds1856 operates as a slave on the 2-wire bus. connections to the bus are made through the open-drain i/o lines sda and scl. the following i/o terminals control the 2-wire serial port: sda, scl. timing diagrams for the 2-wire serial port can be found in figures 5 and 6. timing information for the 2-wire serial port is provided in the ac electrical characteristics table for 2-wire serial communications. the following bus protocol has been defined: data transfer may be initiated only when the bus is not busy. during data transfer, the data line must remain sta- ble whenever the clock line is high. changes in the data line while the clock line is high will be interpret- ed as control signals. accordingly, the following bus conditions have been defined: bus not busy: both data and clock lines remain high. start data transfer: a change in the state of the data line from high to low while the clock is high defines a start condition.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection ____________________________________________________________________ 29 stop data transfer: a change in the state of the data line from low to high while the clock line is high defines the stop condition. data valid: the state of the data line represents valid data when, after a start condition, the data line is sta- ble for the duration of the high period of the clock signal. the data on the line can be changed during the low peri- od of the clock signal. there is one clock pulse per bit of data. figures 5 and 6 detail how data transfer is accom- plished on the 2-wire bus. depending on the state of the r/ w bit, two types of data transfer are possible. each data transfer is initiated with a start condition and terminated with a stop condition. the number of data bytes transferred between start and stop con- ditions is not limited and is determined by the master device. the information is transferred byte-wise and each receiver acknowledges with a ninth bit. stop condition or repeated start condition repeated if more bytes are transferred ack start condition ack acknowledgement signal from receiver acknowledgement signal from receiver slave address msb scl sda r/w direction bit 12 678 9 12 89 3? figure 5. 2-wire data transfer protocol sda scl t hd:sta t low t high t r t f t buf t hd:dat t su:dat repeated start t su:sta t hd:sta t su:sto t sp stop start figure 6. 2-wire ac characteristics
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection 30 ____________________________________________________________________ within the bus specifications, a standard mode (100khz clock rate) and a fast mode (400khz clock rate) are defined. the ds1856 works in both modes. acknowledge: each receiving device, when addressed, is obliged to generate an acknowledge after the byte has been received. the master device must generate an extra clock pulse, which is associated with this acknowl- edge bit. a device that acknowledges must pull down the sda line during the acknowledge clock pulse in such a way that the sda line is a stable low during the high period of the acknowledge-related clock pulse. setup and hold times must be taken into account. a master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. in this case, the slave must leave the data line high to enable the master to generate the stop condition. 1) data transfer from a master transmitter to a slave receiver. the first byte transmitted by the master is the command/control byte. next follows a number of data bytes. the slave returns an acknowledge bit after each received byte. 2) data transfer from a slave transmitter to a mas- ter receiver. the master transmits the first byte (the command/control byte) to the slave. the slave then returns an acknowledge bit. next follows a number of data bytes transmitted by the slave to the master. the master returns an acknowledge bit after all received bytes other than the last byte. at the end of the last received byte, a not acknowl- edge can be returned. the master device generates all serial clock pulses and the start and stop conditions. a transfer is ended with a stop condition or with a repeated start condition. since a repeated start condition is also the beginning of the next serial transfer, the bus is not released. the ds1856 can operate in the following two modes: 1) slave receiver mode: serial data and clock are received through sda and scl, respectively. after each byte is received, an acknowledge bit is trans- mitted. start and stop conditions are recog- nized as the beginning and end of a serial transfer. address recognition is performed by hardware after the slave (device) address and direction bit have been received. 2) slave transmitter mode: the first byte is received and handled as in the slave receiver mode. however, in this mode the direction bit indicates that the transfer direction is reversed. serial data is transmitted on sda by the ds1856, while the serial clock is input on scl. start and stop conditions are recognized as the beginning and end of a serial transfer.
ds1856 dual, temperature-controlled resistors with inter- nally calibrated monitors and password protection maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 31 2005 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. dallas is a registered trademark of dallas semiconductor corporation. chip information transistor count: 51,061 substrate connected to ground package information for the latest package outline information, go to www.maxim-ic.com/dallaspackinfo . ordering information (continued) part res0/res1 resistance (k ? ) pin-package ds1856b-050/t&r 50/50 16-ball csbga ds1856e-050+ 50/50 16 tssop ds1856e-050+t&r 50/50 16 tssop ds1856b-050+ 50/50 16-ball csbga ds1856b-050+t&r 50/50 16-ball csbga ds1856e-020* 20/20 16 tssop ds1856e-020/t&r* 20/20 16 tssop ds1856b-020* 20/20 16-ball csbga ds1856b-020/t&r* 20/20 16-ball csbga ds1856e-020+* 20/20 16 tssop ds1856e-020+t&r* 20/20 16 tssop ds1856b-020+* 20/20 16-ball csbga ds1856b-020+t&r* 20/20 16-ball csbga ds1856e-030* 30/10 16 tssop ds1856e-030/t&r* 30/10 16 tssop ds1856b-030* 30/10 16-ball csbga ds1856b-030/t&r* 30/10 16-ball csbga ds1856e-030+* 30/10 16 tssop part res0/res1 resistance (k ? ) pin-package ds1856e-030+t&r* 30/10 16 tssop ds1856b-030+* 30/10 16-ball csbga ds1856b-030+t&r* 30/10 16-ball csbga ds1856e-002 10/2.5 16 tssop ds1856e-002/t&r 10/2.5 16 tssop ds1856b-002 10/2.5 16-ball csbga ds1856b-002/t&r 10/2.5 16-ball csbga ds1856e-002+ 10/2.5 16 tssop ds1856e-002+t&r 10/2.5 16 tssop ds1856b-002+ 10/2.5 16-ball csbga ds1856b-002+t&r 10/2.5 16-ball csbga ds1856e-025 2.5/2.5 16 tssop ds1856e-025/t&r 2.5/2.5 16 tssop ds1856b-025 2.5/2.5 16-ball csbga ds1856b-025/t&r 2.5/2.5 16-ball csbga ds1856e-025+ 2.5/2.5 16 tssop ds1856e-025+t&r 2.5/2.5 16 tssop ds1856b-025+ 2.5/2.5 16-ball csbga ds1856b-025+t&r 2.5/2.5 16-ball csbga +denotes lead free. * future product?ontact factory for availability. t&r denotes tape-and-reel. all parts operate at the -40? to +95? temperature range.


▲Up To Search▲   

 
Price & Availability of DS1856B-030R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X