|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2-mbit (128k x 16) static ram cy62136ev30 mobl ? cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05569 rev. *b revised january 6, 2006 features ? very high speed: 45 ns ? wide voltage range: 2.20v?3.60v ? pin-compatible with cy62136cv30 ? ultra low standby power ? typical standby current: 1 a ? maximum standby current: 7 a ? ultra-low active power ? typical active current: 2 ma @ f = 1 mhz ? easy memory expansion with ce , and oe features ? automatic power-down when deselected ? cmos for optimum speed/power ? offered in a pb-free 48-ball vfbga and 44-pin tsop ii packages functional description [1] the cy62136ev30 is a high-performance cmos static ram organized as 128k words by 16 bits. this device features advanced circuit design to provide ultra-low active current. this is ideal for providing more battery life? (mobl ? ) in portable applications such as cellular telephones. the device also has an automatic power-dow n feature that significantly reduces power consumption by 80% when addresses are not toggling. the device can also be put into standby mode reducing power consumption by more than 99% when deselected (ce high). the input/output pins (i/o 0 through i/o 15 ) are placed in a high-impedance state when: deselected (ce high), outputs are disabled (oe high), both byte high enable and byte low enable are disabled (bhe , ble high), or during a write operation (ce low and we low). writing to the device is accomplished by taking chip enable (ce ) and write enable (we ) inputs low. if byte low enable (ble ) is low, then data from i/o pins (i/o 0 through i/o 7 ), is written into the location specified on the address pins (a 0 through a 16 ). if byte high enable (bhe ) is low, then data from i/o pins (i/o 8 through i/o 15 ) is written into the location specified on the address pins (a 0 through a 16 ). reading from the device is accomplished by taking chip enable (ce ) and output enable (oe ) low while forcing the write enable (we ) high. if byte low enable (ble ) is low, then data from the memory location specified by the address pins will appear on i/o 0 to i/o 7 . if byte high enable (bhe ) is low, then data from memory will appear on i/o 8 to i/o 15 . see the truth table at the back of this data sheet for a complete description of read and write modes. note: 1. for best practice recommendations, please refer to the cypres s application note ?system design guidelines? on http://www.cypr ess.com. logic block diagram 128k x 16 ram array i/o 0 ?i/o 7 row decoder a 8 a 7 a 6 a 5 a 2 column decoder a 11 a 12 a 13 a 14 a 15 sense amps data in drivers oe a 4 a 3 i/o 8 ?i/o 15 ce we ble bhe a 16 a 0 a 1 a 9 a 10 [+] feedback [+] feedback
cy62136ev30 mobl ? document #: 38-05569 rev. *b page 2 of 12 notes: 2. nc pins are not connected on the die. 3. pins d3, h1, g2, and h6 in the bga package are address expansion pins for 4 mbit, 8 mbit, 16 mbit and 32 mbit, respectively. 4. typical values are included for reference only and are not guaranteed or tested. typical values are measured at v cc = v cc(typ.) , t a = 25c. pin configuration [2, 3] vfbga (top view) 44 tsop ii (top view) product portfolio [4] product v cc range (v) speed (ns) power dissipation operating icc (ma) standby i sb2 ( a) f = 1mhz f = f max min. typ. [4] max. typ. [4] max. typ. [4] max. typ. [4] max. cy62136ev30ll 2.2 3.0 3.6 45 2 2.5 15 20 1 7 we a 11 a 10 a 6 a 0 a 3 ce i/o 10 i/o 8 i/o 9 a 4 a 5 i/o 11 i/o 13 i/o 12 i/o 14 i/o 15 v ss a 9 a 8 oe vss a 7 i/o 0 bhe nc nc a 2 a 1 ble v cc i/o 2 i/o 1 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 a 15 a 14 a 13 a 12 nc nc nc 3 2 6 5 4 1 d e b a c f g h a 16 nc vcc we 1 2 3 4 5 6 7 8 9 10 11 14 31 32 36 35 34 33 37 40 39 38 12 13 41 44 43 42 16 15 29 30 v cc a 15 a 14 a 13 a 4 a 3 oe v ss a 5 i/o 15 a 2 ce i/o 2 i/o 0 i/o 1 bhe a 1 a 0 18 17 20 19 i/o 3 27 28 25 26 22 21 23 24 v ss i/o 6 i/o 4 i/o 5 i/o 7 a 6 a 7 ble v cc i/o 14 i/o 13 i/o 12 i/o 11 i/o 10 i/o 9 i/o 8 a 8 a 9 a 10 a 11 a 12 nc nc a 16 [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 3 of 12 maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ............. .............. ..... ?65c to + 150c ambient temperature with power applied .......... .............. .............. ..... ?55c to + 125c supply voltage to ground potential .............................. ?0.3v to 3.9v (v cc max + 0.3v) dc voltage applied to outputs in high-z state [5,6] ................ ?0.3v to 3.9v (v cc max + 0.3v) dc input voltage [5,6] ............ ?0.3v to 3.9v (v cc max + 0.3v) output current into outputs (low) ............................ 20 ma static discharge voltage ........ ........... ............ .......... > 2001v (per mil-std-883, method 3015) latch-up current .................................................... > 200 ma operating range [7] device range ambient temperature v cc [7] cy62136ev30ll industrial ?40c to +85c 2.2v - 3.6v electrical characteristics over the operating range [5, 6, 7] parameter description test conditions 45 ns unit min. typ. [4] max. v oh output high voltage i oh = ?0.1 ma v cc = 2.20v 2.0 v i oh = ?1.0 ma v cc = 2.70v 2.4 v v ol output low voltage i ol = 0.1 ma v cc = 2.20v 0.4 v i ol = 2.1ma v cc = 2.70v 0.4 v v ih input high voltage v cc = 2.2v to 2.7v 1.8 v cc + 0.3 v v cc = 2.7v to 3.6v 2.2 v cc + 0.3 v v il input low voltage v cc = 2.2v to 2.7v ?0.3 0.6 v v cc = 2.7v to 3.6v ?0.3 0.8 v i ix input leakage current gnd < v i < v cc ?1 +1 a i oz output leakage current gnd < v o < v cc , output disabled ?1 +1 a i cc v cc operating supply current f = f max = 1/t rc v cc = v ccmax, i out = 0 ma cmos levels 15 20 ma f = 1 mhz 2 2.5 i sb1 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v, v in > v cc ?0.2v, v in < 0.2v) f = f max (address and data only), f = 0 (oe , and we ), v cc = 3.60v 17 a i sb2 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v, v in > v cc ? 0.2v or v in < 0.2v, f = 0, v cc = 3.60v 17 a capacitance (for all packages) [8] parameter description test conditions max. unit c in input capacitance t a = 25c, f = 1 mhz, v cc = v cc(typ) 10 pf c out output capacitance 10 pf notes: 5. v il(min.) = ?2.0v for pulse durations less than 20 ns. 6. v ih(max) =v cc +0.75v for pulse durations less than 20ns. 7. full device ac operation assumes a 100 s ramp time from 0 to vcc(min) and 200 s wait time after v cc stabilization. 8. tested initially and after any design or process changes that may affect these parameters. [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 4 of 12 thermal resistance [8] parameter description test conditions vfbga package tsop ii package unit ja thermal resistance (junction to ambient) [8] still air, soldered on a 3 4.5 inch, two-layer printed circuit board 75 77 c/w jc thermal resistance (junction to case) [8] 10 13 c/w ac test loads and waveforms parameters 2.50v 3.0v unit r1 16667 1103 ? r2 15385 1554 ? r th 8000 645 ? v th 1.20 1.75 v data retention characteristics (over the operating range) [8, 9] parameter description conditions min. typ. [4] max. unit v dr v cc for data retention 1.0 v i ccdr data retention current v cc = 1.0v ce > v cc ? 0.2v, v in > v cc ? 0.2v or v in < 0.2v 0.8 3 a t cdr [8] chip deselect to data retention time 0ns t r [9] operation recovery time t rc ns v cc v cc output r2 30 pf including jig and scope gnd 90% 10% 90% 10% rise time = 1 v/ns fall time = 1 v/ns output v th equivalent to: thvenin equivalent all input pulses r th r1 data retention waveform notes: 9. full device operation requires linear v cc ramp from v dr to v cc(min.) > 100 s or stable at v cc(min.) > 100 s. v cc(min) v cc(min) t cdr v dr > 1.0 v data retention mode t r v cc ce [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 5 of 12 switching characteristics over the operating range [10, 11, 12, 13] parameter description 45 ns unit min. max. read cycle t rc read cycle time 45 ns t aa address to data valid 45 ns t oha data hold from address change 10 ns t ace ce low to data valid 45 ns t doe oe low to data valid 22 ns t lzoe oe low to low z [11] 5ns t hzoe oe high to high z [11, 12] 18 ns t lzce ce low to low z [11] 10 ns t hzce ce high to high z [11, 12] 18 ns t pu ce low to power-up 0 ns t pd ce high to power-down 45 ns t dbe ble /bhe low to data valid 22 ns t lzbe ble /bhe low to low z [11] 5ns t hzbe ble /bhe high to high z [11, 12] 18 ns write cycle [13] t wc write cycle time 45 ns t sce ce low to write end 35 ns t aw address set-up to write end 35 ns t ha address hold from write end 0 ns t sa address set-up to write start 0 ns t pwe we pulse width 35 ns t bw ble /bhe low to write end 35 ns t sd data set-up to write end 25 ns t hd data hold from write end 0 ns t hzwe we low to high-z [11, 12] 18 ns t lzwe we high to low-z [11] 10 ns notes: 10. test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns (1v/ns) or less, ti ming reference levels of v cc(typ) /2, input pulse levels of 0 to v cc(typ.) , and output loading of the specified i ol /i oh as shown in the ?ac test loads and waveforms? section. 11. at any given temperature and voltage condition, t hzce is less than t lzce , t hzbe is less than t lzbe , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 12. t hzoe , t hzce , t hzbe , and t hzwe transitions are measured when the outputs enter a high impedence state. 13. the internal write time of the me mory is defined by the overlap of we , ce = v il , bhe and/or ble = v il . all signals must be active to initiate a write and any of these signals can terminate a write by going inactive. the data input set-up and hold timing should be referenced to the edg e of the signal that terminates the write. [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 6 of 12 switching waveforms [14, 15] read cycle 1 (address transition controlled) [14, 15] read cycle no. 2 (oe controlled) [15, 16] notes: 14. the device is contin uously selected. oe , ce = v il , bhe and/or ble = v il . 15. we is high for read cycle. 16. address valid prior to or coincident with ce and bhe , ble transition low. address data out previous data valid data valid t rc t aa t oha 50% 50% data valid t rc t ace t lzbe t lzce t pu data out high impedance impedance i cc i sb t hzoe t hzce t pd oe ce high v cc supply current t hzbe bhe /ble t lzoe address t dbe t doe [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 7 of 12 write cycle no. 1 (we controlled) [13, 17, 18] write cycle no. 2 (ce controlled) [13, 17, 18] notes: 17. data i/o is high impedance if oe = v ih . 18. if ce goes high simultaneously with we = v ih , the output remains in a high-impedance state. 19. during this period, the i/os are in output state and input signals should not be applied. switching waveforms (continued) [14, 15] t hd t sd t pwe t sa t ha t aw t wc data i/o address ce we oe t hzoe data in note 19 bhe /ble t bw t sce t hd t sd t pwe t ha t aw t sce t wc t hzoe data in ce address we data i/o oe note 19 bhe /ble t bw t sa [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 8 of 12 write cycle no. 3 (we controlled, oe low) [18] write cycle no. 4 (bhe /ble controlled, oe low) [18] switching waveforms (continued) [14, 15] data in t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe ce address we data i/o note 19 t bw bhe /ble data i/o address t sd t sa t ha t aw t wc ce we data in note 19 t bw bhe /ble t sce t pwe t hzwe t hd t lzwe [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 9 of 12 truth table ce we oe bhe ble inputs/outputs mode power h x x x x high z deselect/power-down standby (i sb ) l x x h h high z output disabled active (i cc ) l h l l l data out (i/o o ?i/o 15 ) read active (i cc ) l h l h l data out (i/o o ?i/o 7 ); i/o 8 ?i/o 15 in high z read active (i cc ) l h l l h data out (i/o 8 ?i/o 15 ); i/o 0 ?i/o 7 in high z read active (i cc ) l h h l l high z output disabled active (i cc ) l h h h l high z output disabled active (i cc ) l h h l h high z output disabled active (i cc ) l l x l l data in (i/o o ?i/o 15 ) write active (i cc ) l l x h l data in (i/o o ?i/o 7 ); i/o 8 ?i/o 15 in high z write active (i cc ) l l x l h data in (i/o 8 ?i/o 15 ); i/o 0 ?i/o 7 in high z write active (i cc ) ordering information speed (ns) ordering code package diagram package type operating range 45 CY62136EV30LL-45BVXI 51-85150 48-ball very fine pitch ball grid array (pb-free) industrial cy62136ev30ll-45zsxi 51-85087 44-pin thin small outline package ii (pb-free) please contact your local cypress sales repr esentative for availability of other parts [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 10 of 12 package diagrams a 1 a1 corner 0.75 0.75 ?0.300.05(48x) ?0.25 m c a b ?0.05 m c b a 0.15(4x) 0.210.05 1.00 max c seating plane 0.55 max. 0.25 c 0.10 c a1 corner top view bottom view 2 3 4 3.75 5.25 b c d e f g h 65 46 5 23 1 d h f g e c b a 6.000.10 8.000.10 a 8.000.10 6.000.10 b 1.875 2.625 0.26 max. 48-pin vfbga (6 x 8 x 1 mm) (51-85150) 51-85150-*d [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 11 of 12 ? cypress semiconductor corporation, 2006. the information contained herein is subject to change without notice. cypress semic onductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or ot her rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agr eement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to re sult in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. mobl is a registered trademark, and more battery life is a trademark, of cypress semicond uctor. all product and company names mentioned in this document may be t he trademarks of their respective holders. package diagrams (continued) 44-pin tsop ii (51-85087) 51-85087-*a [+] feedback [+] feedback cy62136ev30 mobl ? document #: 38-05569 rev. *b page 12 of 12 document history page document title: cy62136ev30 mobl ? 2-mbit (128k x 16) static ram document number: 38-05569 rev. ecn no. issue date orig. of change description of change ** 237432 see ecn aju new data sheet *a 419988 see ecn rxu converted from advanced information to final. changed the address of cypress semiconductor corporation on page #1 from ?3901 north first street? to ?198 champion court? removed 35ns speed bin removed ?l? version of cy62136ev30 changed i cc (max) value from 2 ma to 2.5 ma and i cc (typ) value from 1.5 ma to 2 ma at f=1 mhz changed i cc (typ) value from 12 ma to 15 ma at f = f max changed i sb1 and i sb2 typ. values from 0.7 a to 1 a and max. values from 2.5 a to 7 a. changed the ac test load capacitance from 50pf to 30pf on page# 4 changed v dr from 1.5v to 1v on page# 4. changed i ccdr from 2.5 a to 3 a. added i ccdr typical value. changed t oha , t lzce and t lzwe from 6 ns to 10 ns changed t lzbe from 6 ns to 5 ns changed t lzoe from 3 ns to 5 ns changed t hzoe, t hzce, t hzbe and t hzwe from 15 ns to 18 ns changed t sce, t aw and t bw from 40 ns to 35 ns changed t pwe from 30 ns to 35 ns changed t sd from 20 ns to 25 ns corrected typo in the truth table on page# 9 updated the package diagram 48-pin vfbga from *b to *d updated the ordering information table and replaced the package name column with package diagram. *b 427817 see ecn nxr minor change: moved datasheet to external web [+] feedback [+] feedback |
Price & Availability of CY62136EV30LL-45BVXI |