Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download B1240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sb1188 / 2sb1182 / 2sB1240 transistors medium power transistor ( ? 32v, ? 2a) 2sb1188 / 2sb1182 / 2sB1240 ! ! ! ! features 1) low v ce(sat) . v ce(sat) = ? 0.5v (typ.) (i c /i b = ? 2a / ? 0.2a) 2) complements the 2sd1766 / 2sd1758 / 2sd1862 ! ! ! ! structure epitaxial planar type pnp silicon transistor ! ! ! ! external dimensions (units : mm) (1) base (2) collector (3) emitter rohm : cpt3 eiaj : sc-63 2sb1188 2sB1240 2sb1182 (1) base (2) collector (3) emitter rohm : mpt3 eiaj : sc-62 (1) emitter (2) collector (3) base rohm : atv 1.0 6.8 0.2 2.5 0.2 1.05 0.45 0.1 2.54 2.54 0.5 0.1 0.9 4.4 0.2 14.5 0.5 (1) (2) (3) 0.65max. ? 0.1 + 0.2 ? 0.05 + 0.1 ? 0.1 + 0.2 + 0.2 ? 0.1 (3) (2) (1) 1.0 0.2 0.5 0.1 4.0 0.3 2.5 3.0 0.2 1.5 0.1 1.5 0.1 0.4 0.1 0.5 0.1 0.4 0.1 0.4 1.5 4.5 1.6 0.1 ? 0.1 + 0.2 ? 0.1 + 0.2 + 0.3 ? 0.1 2.3 0.2 2.3 0.2 0.65 0.1 0.9 0.75 1.0 0.2 0.55 0.1 9.5 0.5 5.5 1.5 0.3 2.5 1.5 2.3 0.5 0.1 6.5 0.2 5.1 c0.5 (3) (2) (1) 0.9 abbreviated symbol: bc ? ? denotes h fe ! ! ! ! absolute maximum ratings (ta=25 c) ? 1 single pulse, p w = 100ms ? 2 when mounted on a 40 40 0.7 mm ceramic board. ? 3 printed circuit board, 1.7mm thick, collector copper plating 100mm 2 or larger. parameter v cbo v ceo v ebo p c tj tstg ? 40 v v v a(dc) w w w(t c = 25 c) w c c ? 32 ? 5 ? 2 i c a(pulse) ? 3 0.5 2 10 1 ? 2 ? 1 ? 3 2sb1188 2sb1182 2sB1240 150 ? 55~ + 150 symbol limits unit collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature
2sb1188 / 2sb1182 / 2sB1240 transistors ! ! ! ! electrical characteristics (ta=25 c) ? measured using pulse current. parameter symbol bv cbo bv ceo bv ebo i cbo i ebo h fe v ce(sat) f t cob min. ? 40 ? 32 ? 5 ? ? 82 ? ? ? ? ? ? ? ? 100 50 ? ? ? ? 1 ? 1 390 ? 0.8 ? ? ? ? v i c =? 50 a i c =? 1ma i e =? 50 a v cb =? 20v v eb =? 4v i c /i b =? 2a/ ? 0.2a v ce =? 5v, i e = 0.5a, f = 30mhz v cb =? 10v, i e = 0a, f = 1mhz v v a a ? ? v ce =? 3v, i c =? 0.5a v mhz pf typ. max. unit conditions ? 0.5 collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency output capacitance ! ! ! ! packaging specifications and h fe package code basic ordering unit (pieces) taping t100 tl 1000 2500 ? ? pqr h fe pqr 2sb1188 2sb1182 ?? tv2 2500 ? ? pqr 2sB1240 type h fe values are classified as follows : item p q r h fe 82~180 120~270 180~390 ! ! ! ! electrical characteristic curves fig.1 grounded emitter propagation characteristics base to emitter voltage : v be (v) collector current : i c (ma) 0 ? 0.2 ? 0.6 ? 0.8 ? 1.0 ? 1.2 ? 1.4 ? 1.6 ? 1.8 ? 2.0 ? 2.2 ? 0.4 ? 1 ? 2 ? 5 ? 10 ? 20 ? 50 ? 100 ? 200 ? 500 ? 1000 v ce =? 3v ta=100 c 25 c ? 40 c fig.2 grounded emitter output characteristics ? 0.4 0 ? 0.8 ? 1.2 ? 1.6 ? 2 0 ? 0.1 ? 0.2 ? 0.3 ? 0.4 ? 0.5 i b = 0a ? 250 a ? 500 a ? 750 a ? 1ma ? 1.25ma ? 1.5ma ? 1.75ma ? 2ma ? 2.25ma ? 2.5ma collector current : i c (a) collector to emitter voltage : v ce (v) ta = 25 c fig.3 dc current gain vs. collector current ( ) dc current gain : h fe ? 5 ? 10 ? 20 ? 50 ? 100 ? 500 ? 1000 ? 2000 ? 200 50 20 100 200 500 ta = 25 c collector current : i c (ma) v ce =? 6v ? 3v ? 1v
2sb1188 / 2sb1182 / 2sB1240 transistors fig.4 dc current gain vs. collector current ( ? ) 50 20 100 200 500 dc current gain : h fe v ce =? 3v collector current : i c (ma) ? 5 ? 10 ? 20 ? 50 ? 100 ? 500 ? 1000 ? 2000 ? 200 ta = 100 c 25 c ? 25 c fig.5 collector-emitter saturation voltage vs. collector current ( ) collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) ? 5 ? 10 ? 20 ? 50 ? 100 ? 500 ? 1000 ? 2000 ? 200 ? 50 ? 100 ? 200 ? 500 ta = 25 c i c /i b = 50 20 10 fig.6 collector-emitter saturation voltage vs. collector current ( ? ) ? 5 ? 10 ? 20 ? 50 ? 100 ? 500 ? 1000 ? 2000 ? 200 ? 20 ? 50 ? 100 ? 200 ? 500 l c /l b = 10 collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) ta = 100 c 25 c ? 40 c fig.7 base-emitter saturation voltage vs. collector current colletor current : i c (ma) base saturation voltage : v be(sat) (v) ? 5 ? 10 ? 20 ? 50 ? 100 ? 500 ? 1000 ? 2000 ? 200 ? 0.1 ? 0.05 ? 0.2 ? 0.5 ? 1 i c /i b = 10 ta = 25 c fig.8 gain bandwidth product vs. emitter current ta = 25 c v ce =? 5v emitter current : i e (ma) transition frequency : f t (mhz) 5 10 20 50 100 500 1000 2000 200 50 100 200 500 fig.9 collector output capacitance vs. collector-base voltage emitter input capacitance vs. emitter-base voltage collector to base voltage : v cb (v) emitter to base voltage : v eb (v) collector output capacitance : cob (pf) emitter input capacitance : cib (pf) ta = 25 c f = 1mhz i e = 0a i c = 0a ? 0.5 ? 1 ? 2 ? 5 ? 10 ? 20 ? 30 10 20 50 200 300 100 cib cob fig.10 safe operation area (2sb1188) ? 0.5 ? 0.2 ? 0.1 ? 1 ? 2 ? 10 ? 5 ? 20 ? 50 ? 0.01 ? 0.05 ? 0.02 ? 0.1 ? 0.5 ? 0.2 ? 1 ? 2 ? 5 collector current : i c (a) collector to emitter voltage : v ce (v) dc p w = 100ms ? p w = 10ms ? ta = 25 c ? single nonrepetitive pulse i c max. (pulse) fig.11 safe operation area (2sb1182) ? 0.5 ? 0.2 ? 0.1 ? 1 ? 2 ? 10 ? 5 ? 20 ? 50 ? 0.01 ? 0.05 ? 0.02 ? 0.1 ? 0.5 ? 0.2 ? 1 ? 2 ? 5 collector current : i c (a) collector to emitter voltage : v ce (v) ta = 25 c ? single nonrepetitive pulse i c max . (pulse) dc p w = 500 s p w = 100 ms p w = 1ms


▲Up To Search▲   

 
Price & Availability of B1240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X