Part Number Hot Search : 
D1159Q BR1001 AN79N15 M1FK60 2ASA0 BXXXX SERIE MAX3620
Product Description
Full Text Search
 

To Download 74164-0118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0741640118 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? receptacle, right angle, through hole, dual row, shrouded with pegs high-temperature, 18 circuits, tin (sn) documents: 3d model product specification ps-74164-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb receptacles series 74164 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 18 circuits (maximum) 18 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin high performance thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to mating part no polarized to pcb no robotic placement none stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 2.5a grounding to pcb no voltage - maximum 250v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74164 series
duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-70873-0019 product specification ps-74164-001 sales drawing sd-74164-001 this document was generated on 05/21/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 74164-0118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X