Part Number Hot Search : 
SR310 B0303XLS L3234 BUZ80A MC14566 DP8105 TBU3502G 02M10
Product Description
Full Text Search
 

To Download 50C02MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50C02MH no.7516-1/4 applications ? low-frequency amplifer, high-speed switching, small motor drive, muting circuit. features ? large current capacitance. ? low collector-to-emitter saturation voltage (resistance). r ce (sat) typ=175m w [i c =0.5a, i b =50ma]. ? ultrasmall package facilitates miniaturization in end products. ? small on-resistance (ron). specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit collector-to-base voltage v cbo 60 v collector-to-emitter voltage v ceo 50 v emitter-to-base voltage v ebo 5v collector current i c 500 ma collector current (pulse) i cp 1.0 a collector dissipation p c mounted on a ceramic board (600mm 2 5 0.8mm) 600 mw junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit collector cutoff current i cbo v cb =40v, i e =0 100 na emitter cutoff current i ebo v eb =4v, i c =0 100 na dc current gain h fe v ce =2v, i c =10ma 300 800 gain-bandwidth product f t v ce =10v, i c =50ma 500 mhz marking : cm continued on next page. npn epitaxial planar silicon transistor ordering number : enn7516 50C02MH 52703 ts im ta-100122 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. low-frequency general-purpose amplifier applications package dimensions unit : mm 2194a [50C02MH] sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan 1 : base 2 : emitter 3 : collector sanyo : mcph3 0.25 0.25 0.07 2.1 1.6 2.0 0.65 0.3 0.85 0.15 12 3 12 3 (bottom view) (top view) sanyo electric co.,ltd. semiconductor bussiness headquaters tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan http://semicon.sanyo.com/en/network www.datasheet.co.kr datasheet pdf - http://www..net/
50C02MH no.7516-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit output capacitance cob v cb =10v, f=1mhz 2.8 pf collector-to-emitter saturation voltage v ce (sat) i c =100ma, i b =10ma 50 100 mv base-to-emitter saturation voltage v be (sat) i c =100ma, i b =10ma 0.9 1.2 v collector-to-base breakdown voltage v (br)cbo i c =10 m a, i e =0 60 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma, r be = 50 v emitter-to-base breakdown voltage v (br)ebo i e =10 m a, i c = 0 5v turn-on time t on see specified test circuit. 30 ns storage time t stg see specified test circuit. 340 ns fall time t f see specified test circuit. 55 ns switching time test circuit h fe -- i c it05108 i c -- v ce it05106 i c -- v be it05107 collector-to-emitter voltage, v ce -- mv collector current, i c -- ma base-to-emitter voltage, v be -- v collector current, i c -- ma collector current, i c -- ma dc current gain, h fe 1.0 10 100 1000 3 257 3 257 3 257 1000 100 10 2 3 5 7 2 3 5 7 0 0 350 400 300 200 250 500 450 200 150 100 50 0 200 300 600 500 400 100 500 1000 800 900 100 300 400 600 700 0 0.2 0.4 0.6 0.8 1.2 1.0 ta=75 c --25 c 25 c v ce =2v v ce =2v i b =0 200 a 600 a 1ma 2ma 3ma 5ma 7ma 8ma 30ma 20ma 15ma 10ma ta=75 c 25 c --25 c it05411 1.0 23 5 10 100 72357 1000 23 57 2 5 7 5 7 3 2 100 3 10 --25 c 25 c ta=75 c i c / i b =10 v ce (sat) -- i c collector current, i c -- ma collector-to-emitter saturation voltage, v ce (sat) -- mv v r r b v cc =25v v be = --5v ++ 50 input output r l 220 f 470 f pw=20 s i b1 d.c. 1% i b2 i c =20i b1 = --20i b2 =200ma www.datasheet.co.kr datasheet pdf - http://www..net/
50C02MH no.7516-3/4 p c -- ta collector dissipation, p c -- mw ambient temperature, ta -- c 0 0 20 40 60 80 100 120 600 500 400 300 200 100 700 140 160 it05116 mounted on a ceramic board(600mm 2 5 0.8mm) f t -- i c it05113 cob -- v cb it05112 v ce (sat) -- i c it05110 collector-to-emitter saturation voltage, v ce (sat) -- mv collector current, i c -- ma collector current, i c -- ma output capacitance, cob -- pf collector-to-base voltage, v cb -- v gain-bandwidth product, f t -- mhz it05111 v be (sat) -- i c collector current, i c -- ma base-to-emitter saturation voltage, v be (sat) -- v 1.0 5 3 100 1000 7 5 3 2 1000 100 27 5 3 27 5 3 27 10 27 35 2 7 35 10 100 1.0 10 1.0 7 5 3 2 1.0 23 5 357 10 272357 100 1000 10 1.0 0.1 7 5 3 2 7 5 3 2 75 c ta= --25 c 25 c i c / i b =20 f=1mhz v ce =10v it05110 1000 2 3 100 7 5 2 3 7 5 10 1.0 23 5 10 100 7 23 5 7 23 5 7 1000 i c / i b =50 --25 c 25 c ta=75 c v ce (sat) -- i c it05109 collector current, i c -- ma collector-to-emitter saturation voltage, v ce (sat) -- mv 1.0 23 5 10 100 72357 1000 23 57 2 5 7 3 2 100 3 10 --25 c 25 c ta=75 c i c / i b =20 base current, i b -- ma ron -- i b on resistance, ron -- f=1mhz 0.1 0.1 it06092 7 5 3 2 10 7 5 3 2 7 5 3 2 1.0 100 3 2 57 3 2 57 1.0 10 out in 1k 1k i b www.datasheet.co.kr datasheet pdf - http://www..net/
50C02MH no.7516-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of may, 2003. specifications and information herein are subject to change without notice. ps www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of 50C02MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X