Part Number Hot Search : 
AM8080A SR1040C MC9S0 0110J503 04M050 PMP25 0B6TR 6KE16CA
Product Description
Full Text Search
 

To Download 2SC4097 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2SC4097 32v, 0.5a medium power transistor ? features . high i cmax ( = 0.5ma). . low v ce(sat) . optimal for low voltage operation. . epitaxial planar type. . npn silicon transistor. ? mechanical data . case: sot-323 , molded plastic . terminals: solderable per mil-std-202, method 208 . polarity: see diagrams below . mounting p osition: a ny ? absolute maximum ratings rating 25  ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number symbol limits unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 32 v emitter-base voltage v ebo 5 v collector current i c 0.5 a (note) collector power dissipation p c 0.2 w operating temperature t j 150 : storage temperature range t stg -55 ~ +150 : note: p c must not be exceeded. http://www.secosgmbh.com/ any changing of specification will not be informed individual r o h s c o m p l i a n t p r o d u c t 2. base 1.emitter 3. collector k j c h l a b s g v dim min max a 1.800 2.20 0 b 1.150 1.350 c 0.800 1.000 d 0.300 0.400 g 1.200 1 .400 h 0.000 0.100 j 0.100 0.250 k 0.350 0.500 l 0.590 0 .720 s 2.000 2.400 v 0.280 0.420 all dimension in mm sot-323 d top view 01 -jun-2002 rev. a page 1 of 3
elektronische bauelemente 2SC4097 32v, 0.5a medium power transistor ? electrical characteristics (ta = 25 : ) type number symbol min. typ. max. unit test conditions collector-base breakdown voltage bv cbo 40 - - v i c = 100 a collector-emitter breakdown voltage bv ceo 32 - - v i c = 1 ma emitter-base breakdown voltage bv ebo 5 - - v i e = 100 a collector cutoff current i cbo - - 1 a v cb = 20 v emitter cutoff current i ebo - - 1 a v eb = 4 v collector-emitter saturation voltage v ce (sat) - - 0.4 v i c / i b = 500 ma / 50 ma dc current transfer ratio h fe 82 - 390 - v ce = 3 v, i c = 100 ma v ce = 5 v, i e = -20 ma, transition frequency f t - 250 - mhz f = 100 mhz v cb = 10 v, i e = 0 a, output capacitance cob - 6.0 - pf f = 1 mhz ? h fe values are classified as follows: item p q r h fe 82 ~ 180 120 ~ 270 180 ~ 390 marking cp cq cr ? electrical characteristic curves http://www.secosgmbh.com/ any changing of specification will not be informed individual 0.8 0.2 0.4 0.9 0.7 0.5 1.1 0.3 1.0 0.6 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 ta 100 25 80 25 55 v ce 6v collector current : i c ( ma) base to emitter voltage : v be ( v) fig.1 grounded emitter propagation characteristics 1 0 2345 0 100 50 0.50ma 0.4 5ma 0 .40ma 0.35ma 0.30ma 0.25ma 0 .2 0 ma 0.15m a 0 .1 0 ma 0.05m a i b = 0a ta = 25 collector current : i c ( ma) collector to emitter voltage : v ce ( v) fig.2 grounded emitter output characteristics() 1 0 2345 0 500 400 300 200 100 2ma 1.8ma 1.6ma 1.4ma 1.2ma 0.2ma 0.4ma 0.6ma 0.8ma 1.0ma i b = 0a ta = 25 collector current : i c ( ma) collector to emitter voltage : v ce ( v) fig.3 grounded emitter output characteristics() : : : : : : : = = - - 01-jun-2002 rev. a page 2 of 3
elektronische bauelemente 2SC4097 32v, 0.5a medium power transistor http://www.secosgmbh.com/ any changing of specification will not be informed individual 0.5 1 2 5 10 20 50 100 1000 200 500 0.2 0.5 1 0.02 0.05 0.1 ta = 25 l c /l b = 10 collector saturation voltage : v ce(sat) ( v) collector current : i c ( ma) fig.4 collector-emitter saturation voltage vs. collector current 5001000 0.1 200 10 0.2 50 100 0.5 20 12 5 20 10 50 100 200 500 1000 dc current gain : h fe collector current : i c ( ma) ta = 100 75 50 25 -25 -50 v ce = 3v fig.5 dc current gain vs. collector current fig. 6 gain bandwidth product vs. emitter current emitter current : i e ( ma) transition frequency : f t ( mhz) ta = 25 v ce = 5v 0.5 1 2 5 10 20 50 50 100 200 500 0.5125102050 5 2 10 20 50 cib cob ta = 25 f = 1mhz i e = 0a i c = 0a collector to base voltage : v cb ( v) emitter to base voltage : v eb ( v) collector output capacitance : cob ( pf) emitter input capacitance : cib ( pf) fig.7 collector output capacitance vs. collector-base voltage emitter input capacitance vs. emitter-base voltage : : : : : 0 : : : : : 01-un-2002 rev. a page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2SC4097

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X