Part Number Hot Search : 
V2010 B380C SMS51 SL221 AM7947 TA124 TA124 C4050
Product Description
Full Text Search
 

To Download 2SA67311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente 2sa673, 2sa673a pnp general purpose transistor 21-jan-2011 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a c e k f d b g h j 3 base 1 emitter collector 2 rohs compliant product a suffix of -c specifies halogen and lead free features  low frequency amplifier  complementary pair with 2sc1213 and 2sc1213a classification of h fe(1) product-rank 2sa673-b 2sa673-c 2sa673-d product-rank 2sa673a-b 2sa673a-c 2sa673a-d range 60~120 100~200 160~320 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit 2sa673 -35 collector to base voltage 2sa673a v cbo -50 v 2sa673 -35 collector to emitter voltage 2sa673a v ceo -50 v emitter to base voltage v ebo -4 v continuous collector current i c -500 ma collector power dissipation p c 400 mw junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions 2sa673 -35 - - collector to base breakdown voltage 2sa673a v (br)cbo -50 - - v i c = -10 a, i e =0 2sa673 -35 - - collector to emitter breakdown voltage 2sa673a v (br)ceo -50 - - v i c = -1ma, i b =0 emitter to base breakdown voltage v (br)ebo -4 - - v i e = -10 a, i c =0 collector cut - off current i cbo - - -0.5 a v cb = -20v, i e =0 h fe (1) 60 - 320 v ce = -3v, i c =- 10ma dc current gain h fe (2) * 10 - - v ce = -3v, i c = -500ma collector to emitter saturation voltage v ce(sat) * - - -0.6 v i c = -150ma, i b = -15ma collector to emitter voltage v be - -0.64 - v v ce = -3v, i c = -10ma * pulse test: pulse width 300 s, duty cycle 2.0%. to-92 millimeter ref. min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g 1.27 typ. h 1.10 - j 2.42 2.66 k 0.36 0.76 1 11 1 emitter 2 22 2 collector 3 33 3 base
elektronische bauelemente 2sa673, 2sa673a pnp general purpose transistor 21-jan-2011 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SA67311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X