Part Number Hot Search : 
8H16M16 1N4758 13002 R2565 10704 MC6833 4N25TVM MAZ4051
Product Description
Full Text Search
 

To Download USH1C100MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v u 1 s 2 h 3 1 4 c 5 4 6 7 7 0 8 m 9 p 10 d 11 configuration capacitance tolerance (m : 20%, k : 10%) rated capacitance (47f) rated voltage (16v) series name type l + 1max. 15 min 4 min f d f d + 0.5 max. f d p f d 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 pressure relief vent sleeve ( p.e.t. ) f d 6.3 pb-free leadwire pb-free pet sleeve ed 810 pd 12.5 16 hd configuration (mm) p 0.5 aluminum electrolytic capacitors sh series vertical time constant circuit use designed specifically for vertical time constant circuits of tv's. adapted to the rohs directive (2002/95/ec). radial lead type dimensions type numbering system (example : 16v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low and high temperature endurance shelf life marking performance characteristics item 40 ~ +85? 16 ~ 50v 0.47 ~ 470? 20% (m) ( 10% (k) semi-standard) at 120hz, 20? after 2 minutes' application of rated voltage, leakage current is 0.01cv + 3 (?) or less. 0.07 or less at 120hz, 20? printed with white color letter on black sleeve. measurement frequency : 120hz after 1000 hours' application of rated voltage at 85?, capacitors meet the characteristics requirements listed at right. after storing the capacitors under no load at 85?c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they will meet the specified value for endurance characteristics listed above. d l (mm) temperature ?0c +85? capacitance change / 20? within 20% within +20% tan (max.) 0.21 0.07 impedance ratio zt / z+20? (max.) 2 capacitance change leakage current tan within ?0% of initial value 150% or less of initial specified value initial specified value or less 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 8 11.5 10 16 10 16 10 20 12.5 20 12.5 25 16 25 16 35.5 1c cap. (?) 16 code 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 1e 25 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 12.5 25 16 25 16 35.5 1h 50 v please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. ? please refer to page 21 about the end seal configulation.


▲Up To Search▲   

 
Price & Availability of USH1C100MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X