Part Number Hot Search : 
DG528DN SI5945DU G4RC10S XFATM BD6520F MAX3785 CNN100 MS1576
Product Description
Full Text Search
 

To Download SEMIX604GB176HDS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semix604gb176hds ? by semikron 03.04.2008 1 semix ? 4s gb trench igbt modules semix604gb176hds preliminary data features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications ? ac inverter drives ?ups ? electronic welders remarks absolute maximum ratings symbol conditions values unit igbt v ces 1700 v i c t j = 150c t c = 25c 567 a t c = 80c 402 a i crm i crm = 2xi cnom 800 a v ges -20 ... 20 v t psc v cc = 1000v v ge 20v t j = 125c v ces 1700v 10 s t j -55 ... 150 c inverse diode i f t j = 150c t c = 25c 740 a t c = 80c 496 a i frm i frm = 2xi fnom 800 a i fsm t p = 10ms, half sine wave, t j =25c 2700 a t j -40 ... 150 c module i t(rms) 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 60s 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i cnom = 400a v ge = 15v chiplevel t j = 25c 22.45v t j = 125c 2.45 2.9 v v ce0 t j = 25c 11.2v t j = 125c 0.9 1.1 v r ce v ge = 15v t j = 25c 2.5 3.1 m ? t j = 125c 3.9 4.5 m ? v ge(th) v ge =v ce , i c = 16ma 5.2 5.8 6.4 v i ces v ge =0v v ce = 1700v t j = 25c 0.12 0.36 ma t j = 125c ma c ies v ce =25v v ge =0v f=1mhz 35.3 nf c oes f=1mhz 1.46 nf c res f=1mhz 1.17 nf q g v ge =- 8 v...+ 15 v 3732 nc r gint t j = 25c 1.88 ? t d(on) v cc = 1200v i cnom = 400a t j = 125c r g on =3 ? r g off =3 ? 360 ns t r 65 ns e on 215 mj t d(off) 900 ns t f 165 ns e off 165 mj r th(j-c) per igbt 0.058 k/w
semix604gb176hds 2 03.04.2008 ? by semikron characteristics symbol conditions min. typ. max. unit inverse diode v f = v ec i fnom = 400a v ge =0v chiplevel t j = 25c 1.5 1.7 v t j = 125c 1.4 1.6 v v f0 t j = 25c 0.9 1.1 1.3 v t j = 125c 0.7 0.9 1.1 v r f t j = 25c 1.0 1.0 1.0 m ? t j = 125c 1.3 1.3 1.3 m ? i rrm i fnom = 400a di/dt off = 6600a/s v ge = -15v v cc = 1200v t j = 125c 560 a q rr t j = 125c 131 c e rr t j = 125c 95 mj r th(j-c)d per diode 0.081 k/w module l ce 22 nh r cc'+ee' res., terminal-chip t c = 25c 0.7 m ? t c = 125c 1m ? r th(c-s) per module 0.03 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm w 400 g temperature sensor r 100 t c =100c (r 25 =5 k ? ) 0,493 5% k ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k semix ? 4s gb trench igbt modules semix604gb176hds preliminary data features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? ul recognised file no. e63532 typical applications ? ac inverter drives ?ups ? electronic welders remarks
semix604gb176hds ? by semikron 03.04.2008 3 fig. 1 typ. output char acteristic, inclusive r cc'+ ee' fig. 2 rated current vs. temperature i c = f (t c ) fig. 3 typ. turn-on /-off energy = f (i c ) fig. 4 typ. turn-on /-off energy = f (r g ) fig. 5 typ. transfer characteristic fig. 6 typ. gate charge characteristic
semix604gb176hds 4 03.04.2008 ? by semikron fig. 7 typ. switching times vs. i c fig. 8 typ. switching times vs. gate resistor r g fig. 9 typ. transient thermal impedance fig. 10 typ. cal diode forward charact., incl. r cc'+ee' fig. 11 typ. cal diode peak reverse recovery current fig. 12 typ. cal diode recovery charge
semix604gb176hds ? by semikron 03.04.2008 5 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix this technical information specifies semiconductor devices but prom ises no characteristics. no warranty or gurantee expressed o r implied is made regarding delivery, performance or suitability. semix 4s gb


▲Up To Search▲   

 
Price & Availability of SEMIX604GB176HDS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X