Part Number Hot Search : 
3VD1866 UPC8233 DL5405 TK75003 KT831W11 MM1217XS RY213048 EPR1541
Product Description
Full Text Search
 

To Download RTE0200N04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rte number of positions rte02 1 rte03 1 rte04 2 rte10 3 2 rte16 3 esd protection and top plate 0 wi thout esd - standard plate 1 wi th esd - standard plate 4 b wi thout esd - black plate actuator 0 fl ush, screwdriver slot 1 ex tended shaft 2, 5 2 sh aft for button 2, 5, 6 ter minations n th ru-hole v ri ght angle 7 g su rface mount m ma nual 8 r re verse, thru-hole switch function 0 si ngle pole 3, 1 1 bc d code 2 bc d complement code 9 3 gr ey code 10 4 he xadecimal code 11 7 gr ey code 12 contact/terminal material 4 gold/matte-tin 5 silver/matte-tin 13 1 - rte02/rte03 available with single pole function 0only 2 - rte04 version only available with scr ewdriver slot acuator "0" 3 - single pole function not available for rte10/rte16 4 - esd protection available with nthr u-hole termination only 5 - not available in surface mount 6 - buttons ordered separ ately 7 - not available for rte02/rte03 8 - manual - available for rte03 and rte10/rte16 with actuator option 2only 9 - bcd complement code for rte10, not available with terminations g& 10 - grey code - for rte10 only 11 - hexidecimal code for rte16 only 12 - grey code for rte04/rte16 only 13 - silver contact option only available for rte02/rte03 dip h hC 21 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rte series low profile rotary dip switches features/benefits ? thru-hole and surface mount models ? miniature size with robust stainless steel cover ? rotar y spdt, sp3t, sp4t functions ? rotary binary-decimal and hexadecimal coding ? rohs compliant t ypical applications ? timers, automation components ? computer and peripherals ? alarms, access control ? instrumentation specifications contact rating: gold: 100 ma max. 10 a min. 30 v dc max. 20 mvdc min. silver: 100 ma max. 1 ma min. 50 v dc max. 2 vdc min. mechanical life : r te02/03: 1,500 actuations; rte04/10/16: 20,000 actuations cont act resistance: 100 m max. initial; 150 m after life insulation resistance: rte02/03: 10 13 min. rte04/10/16: 10 10 min. initial dielectric strength : r te 02/03: 500 v rms; rte 10/16; 300 vrms operating temperature: -25c to 85c. storage tempera ture : -40 to 85? packaging: n or r terminations in tube. v termination in box. g termination in r eel, 750 pieces per reel. g termination with flush actuator, 1250 pieces per reel. materials cover & base : thermoplastic pps actuator: lcp knob: thermoplastic movable contacts: brass, gold or silver plated. stationary contacts: brass, gold or silver plated. terminals: see page i-25 to i-26 o-ring: silicone note : specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center. solderability: w ave soldering 260o2s. smt are reflow compatible according to cecc 00802-norm. how to order our easy build-a switch concept allows you to mix and match options to cr eate the switch you need. below is a complete listing of options shown in catalog. to order, simply select desired option from each category and place in the appropriate box.
dip h hC 22 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com switches with standard options rte series low profile rotary dip switches .291 (7,4) .283 (7,2) .144 (3,65) .041 (1,050) .10 (2,54) .10 (2,54) .368 (9,35) .291 (7,4) .315 (8,0) .167 (4,25) .020 (0,5) p art number no. qty without esd pin with esd pin pos. function per tube RTE0200N04 rte0210n04 2 spdt 65 r te0300n04 rte0310n04 3 sp3t 65 rte0400n04 rte0410n04 4 sp4t 65 rte1000n14 rte1010n14 10 bcd 65 rte1600n44 rte1610n44 10 hexadecimal 65 pc mount-terminal option n right angle mount-terminal option v no. part number pos. function quantity r te0400v04 4 sp4t 150 per box rte1000v14 10 bcd 150 per box r te1600v44 16 hexadecimal 150 per box surface mount-terminal option g no. quantity p ar t number pos. function per reel r te0200g04 02 spdt 1250 r te0300g04 03 spdt 1250 rte0400g04 04 sp4t 1250 rte1000g14 10 bcd 1250 rte1600g44 16 hexadecimal 1250 .291 (7,4) .100 (2,54) .100 (2,54) .033 (0,85) .315 (8,0) .283 (7,2) .004 (0,10) .148 (3,75) .020 (0,50) .197 (5,0) .197 (5,0) .024 (0,6) .144 (3,65) .167 (4,25) .039 (1,0) .335 (8,5) .177 (4,5) .10 (2,54) .10 (2,54) .020 (0,5) .157 (4,0) .041 (1,050) .20 (5,08) .11 4 (2,9) 45? .314 (7,975) .218 (5,53) .25 (6,34)
dip h hC 23 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rte series low profile rotary dip switches number of positions 3 c 1 2 4 rte02* 2 position rte03 3 position rte04 4 position rte10 10 position rte16 16 position esd protection 0 without 1 with 2 8 c 4 1 .035 typ. (?0,9) 0 .295 (7,5) .157 (?4,0) actuator flush, screwdriver slot 1 extended shaft (not available in surface mount) 2 shaft for button 120? c c 21 60? 60? 3 1 c c 2 36? 4 1 c 2 8 22?0 4 1 c 2 8 .10 (2,54) .1 0 ( 2 ,5 4 ) .2 9 1 ( 7, 4) .167 (4,25) 0.368 (9,35) .144 (3,65) .291 (7,4) .30 (7,62) .10 (2,54) .10 (2,54) c 4 1 m 2 8 .035 typ. (?0,9) ? .041 (1 ,0 5) .077 (1 ,9 5) .126 (3 ,2 ) .047 (1 ,2 ) .157 (? 4 ,0) .1 08 (2, 75 ) .154 (3,9) .0 9 4 (2 , 4) .0 4 7 (1 , 2) .1 1 8 ? (3) .0 6 3 (1 , 6) .0 7 9 (2 ) 0. 020 (0 , 5)
dip h hC 24 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rte series low profile rotary dip switches terminations 4 c1 2 8 ?035 (?0,9) .315 (8) .283 (7,2) .144 (3,65 ) .291 (7,4) .283 (7,2) .368 (9,35 ) .291 (7,4) .167 (4,25 ) ?041 (1,05 ) .10 (2,54 ) .10 (2,54 ) .10 (2,54 ) .10 (2,54 ) .3 (7,62 ) n thru-hole c 8 41 2 .451 .008 (11,4 5 0 , 2) .041 (1,05 ) .291 (7,4) .020 (0.5) .126 .008 (3,2 0.2) .18 5.006 (3, 20.2) .16 7.008 (4, 250, 2) .283 (7,2) .366 (9,3) .144 (3,65 ) .020 (0,5) .309 (7.85 ) ?.035 (?9,3) ?.167 (?4,25) .4 (10 ,16) .1 0 (2 ,54 ) .1 0 (2 ,54 ) r reverse, thru-hole 0.2 (5 ,0 8) 0.1 (2 ,5 4) 0.03 5 (0 ,9 ) c c 1 2 0.1 (2 ,5 4) c c 1 2 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) c c 1 2 c c 1 2 ?3 ,5 m in. ?( 0.13 8 mi n) ?i n p c b oa r d f or sc r ew dr iver o p er a ti o n must b e 3.5 mm ` m m rte 02 wit h groun d t e rm inal rte 02 wit ho ut groun d t e rm inal rte 03 wit h groun d t e rm inal rte 03 wit ho ut groun d t e rm inal 2 2 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0, 9) 0.3 (7 ,6 2) m c 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0 ,9 ) 0.3 (7 ,6 2) c rte 10 , r te 04 or rte 16 wit h gr oun d te rm inal rte 10 , r te 04 or rte 16 wit hou t g rou nd ter m inal 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.2 (5 ,0 8) 0.1 (2 ,5 4) 0.03 5 (0 ,9 ) c c 1 2 0.1 (2 ,5 4) c c 1 2 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) c c 1 2 c c 1 2 ?3 ,5 m in. ?( 0.13 8 mi n) ?i n p c b oa r d f or sc r ew dr iver o p er a ti o n must b e 3.5 mm ` m m rte 02 wit h groun d t e rm inal rte 02 wit ho ut groun d t e rm inal rte 03 wit h groun d t e rm inal rte 03 wit ho ut groun d t e rm inal 2 2 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0, 9) 0.3 (7 ,6 2) m c 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0 ,9 ) 0.3 (7 ,6 2) c rte 10 , r te 04 or rte 16 wit h gr oun d te rm inal rte 10 , r te 04 or rte 16 wit hou t g rou nd ter m inal 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.3 (7 ,6 2) 0.2 (5 ,0 8) 0.1 (2 ,5 4) 0.03 5 (0 ,9 ) c c 1 2 0.1 (2 ,5 4) c c 1 2 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) c c 1 2 c c 1 2 ?3 ,5 m in. ?( 0.13 8 mi n) ?i n p c b oa r d f or sc r ew dr iver o p er a ti o n must b e 3.5 mm ` reverse ve rsi on = r operation f r om bottom si d e m m rte 02 wit h groun d t e rm inal rte 02 wit ho ut groun d t e rm inal rte 03 wit h groun d t e rm inal rte 03 wit ho ut groun d t e rm inal 2 2 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0, 9) 0.3 (7 ,6 2) m c 0.4 (1 0, 16) 0.4 (1 0, 16) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0 ,9 ) 0.3 (7 ,6 2) c rte 10 , r te 04 or rte 16 wit h gr oun d te rm inal rte 10 , r te 04 or rte 16 wit hou t g rou nd ter m inal 0.4 (1 0, 16) 0.4 (1 0, 16) 0.2 (5 ,0 8) 0.1 (2 ,5 4) 0.03 5 (0 ,9 ) c c 1 2 0.1 (2 ,5 4) c c 1 2 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.03 5 (0 ,9 ) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 0.1 (2 ,5 4) c c 1 2 c c 1 2 ?3 ,5 m in. ?( 0.13 8 mi n) ?i n p c b oa r d f or sc r ew dr iver o p er a ti o n must b e 3.5 mm ` reverse ve rsi on = r operation f r om bottom si d e m m rte 02 wit h groun d t e rm inal rte 02 wit ho ut groun d t e rm inal rte 03 wit h groun d t e rm inal rte 03 wit ho ut groun d t e rm inal 2 2 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0, 9) 0.3 (7 ,6 2) m c 0.4 (1 0, 16) 0.4 (1 0, 16) 0.1 (2 ,5 4) 0.1 (2 ,5 4) 4 1 8 2 0.03 5 (0 ,9 ) 0.3 (7 ,6 2) c rte 10 , r te 04 or rte 16 wit h gr oun d te rm inal rte 10 , r te 04 or rte 16 wit hou t g rou nd ter m inal 0.4 (1 0, 16) 0.4 (1 0, 16)
dip h hC 25 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com 45o 0' .393 (1) ?0,9 (?035) (5,08 ) .335 (8,5) .144 (3,65 ) .20 (5,08 ) .25 (6,34 ) .1 1 4 (2 ,9) .288 (7,3) .314 (7,97 5) .157 (4) .218 (5,53 ) .177 (4,5) .0 20 (0 ,5) .1 0 (2 ,54) .1 0 (2 ,54) .1 0 (2 ,54) .1 0 (2 ,54) .20 terminations v right angle, thru-hole g surface mount .100 (2,54) .100 (2,54) .033 (0,85) .004 (0,10) .148 (3,75) .197 (5,0) .197 (5,0) .024 (0,6) .11 0 (2,8) .100 (2,54) .11 0 (2,8) .100 (2,54) .063 4x (1,6) .106 4x (2,7) (rte02 only) .11 0 (2,8) .100 (2,54) .11 0 (2,8) .100 (2,54) .063 5x (1,6) .106 5x (2,7) rte 03, 04, 10 and 16 pcb layout seen component side 0.1 (2, 56 ) 4 c 1 28 .3 (7, 6 2) .035 (0, 9) .071 (1, 8 ) 0.1 (2, 56 ) ho les .041 (1, 05 ) .291 (7, 4) .167 (4, 25 ) .144 (3, 6 5) .154 (3, 9 ) .291 (7, 4 ) .315 (8, 0) .28 (7, 2) .300 (7, 62 0 , 2) .358 (9, 1) rte series low profile rotary dip switches m option
dip h hC 26 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rte series low profile rotary dip switches cont act ma terial switch function 1 bcd code 0 single pole 2 bcd complement code 4 hexadecimal code pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 c&k crd10r 0 5 3 2 pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 c&k crd10r 0 5 3 2 pos. c 1 2 4 8 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 pos. c 1 2 34 1 2 3 4 c&k crd10r 0 5 3 2 other codes available by request. ** when selecting contact material option 4 and 5 with rte02, rte03 and or ?erminations, these combinations are rohs compliant but not currently compatible (i.e. they do not sustain the high temperatur es of the leadfr ee soldering pr ocess). all other options and terminations ar e rohs compatible. please contact customer service for rohs compatible versions of the rte02 and rte03. rohs compliant * rohs comp atible * contact ma terial terminal pla ting ra tings option code *4 *5 * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications. gold silver yes yes yes * * yes * * matte tin matte tin 100 ma max. 10 a min. 30 v dc max. 100 ma max. 1 ma min. 50 v dc max. pos. c 1 2 48 0 1 2 3 4 5 6 7 8 9 c&k crd10r 0 5 3 2 3 grey code ( for rte10 only ) pos. c 1 2 48 1 2 3 4 c&k crd10r 0 5 3 2 7 grey code ( for rte04 and rte16 only ) pos. c 1 2 4 8 0 1 2 3 4 5 6 7 8 9 a b c d e f
d d (0,3 ) .012 .069 (1,75) .303 (7,7) .059 (1,5) .472 (12,0) .079 (2,0) .079 (2,0) .157 (4,0) .295 (7,5) .179 (4,5) .629 (16, 0) .157 (4,0) .472 (12,0) feed direction dip h hC 27 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com rte series low profile rotary dip switches e e .409 (10,4) .303 (7,7) .465 (12,1) .078 (2,0) .155 (4,0) .012 (0,3) .069 (1,75) .453.004 (11 ,50,1) .945 (24,0) .059 (1,6) .307 (7,8) .155 (4,0) .079 (20,0) .465 (12,1) feed direction tape and reel tape and reel for rtexx02gxx 750 pieces per reel. tape and reel for rtexx00gxx 1,250 pieces per reel. 3? .11 8 (3,0) .028 (0,7) ?.283 (7,2) .059 (1,5) .11 8 (3,0) .185 (4,7) .11 (3) .06 (1,6) .23 (6) .15 (4) buttons are ordered separately, shipped in bulk. btn rte 40 red btn rte 50 gr een btn rte 90 black part number color buttons available


▲Up To Search▲   

 
Price & Availability of RTE0200N04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X