Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download OC-48STM-16SM1300NM2KM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary product information 1 2003-08-13 isfp - intelligent small form-factor pluggable single mode 1300 nm 12 km oc-48 transceiver multirate applications up to 2.67 gbit/s with lc? connector v23848-n15-c56 v23848-n15-c456 preliminary data sheet file: 1132 file: 1133 fiber optics for ordering information see next page. lc? is a trademark of lucent. features  small form-factor pluggable (sfp) msa compliant transceiver 1)  fully sff-8472 msa compliant 1)  incorporating intelligent ? digital diagnostic monitoring interface ? internal calibration implementation  advanced release mechanism ? easy access, even in belly to belly applications ? wire handle release for simplicity  color coded blue tab (single mode)  pci height compliant  excellent emi performance ? common ground concept  rj-45 style lc? connector system  single power supply (3.3 v)  low power consumption  small size for high channel density  ul-94 v-0 certified  esd class 1c per jesd22-a114-b (mil-std 883d method 3015.7)  compliant with fcc (class b) and en 55022  for distances of up to 12 km (see supported link lengths )  fabry perot laser, pin photo diode  class 1 fda and iec laser safety compliant  ac/ac coupling according to msa  suitable for multirate applications up to 2.67 gbit/s  extended operating temperature range of ?40c to 85c  sfp evaluation kit v23848-s5-v4 available upon request  recommendation: infineon cage one-piece design v23838-s5-n1 for press fit and/or solderable or v23838-s5-n1-bb for belly to belly applications 1) msa documentation can be found at www.infineon.com/fiberoptics under transceivers, sfp transceivers.
v23848-n15-c56 v23848-n15-c456 pin configuration preliminary product information 2 2003-08-13 pin configuration figure 1 isfp transceiver electrical pad layout ordering information part number extraction method outputs if sd is low v23848-n15-c56 wire handle switched to low v23848-n15-c456 wire handle active v ee t td ? td+ v ee t v cc t v cc r v ee r rd+ rd ? v ee r 20 19 18 17 16 15 14 13 12 11 v ee t tx fault tx disable mod-def(2) mod-def(1) mod-def(0) rate select los v ee r v ee r 1 2 3 4 5 6 7 8 9 10 top of transceiver bottom of transceiver (as viewed through top of transceiver) file: 1306
v23848-n15-c56 v23848-n15-c456 pin configuration preliminary product information 3 2003-08-13 pin description pin no. name logic level function 1 v ee t n/a transmitter ground 1) 2 tx fault lvttl transmitter fault indication 2) 8) 3 tx disable lvttl transmitter disable 3) 4 mod-def(2) lvttl module definition 2 4) 8) 5 mod-def(1) lvttl module definition 1 5) 8) 6 mod-def(0) n/a module definition 0 6) 8) 7 rate select n/a not connected 8 los lvttl loss of signal 7) 8) 9 v ee r n/a receiver ground 1) 10 v ee r n/a receiver ground 1) 11 v ee r n/a receiver ground 1) 12 rd? lvpecl inv. received data out 9) 13 rd+ lvpecl received data out 9) 14 v ee r n/a receiver ground 1) 15 v cc r n/a receiver power 16 v cc t n/a transmitter power 17 v ee t n/a transmitter ground 1) 18 td+ lvpecl transmit data in 10) 19 td? lvpecl inv. transmit data in 10) 20 v ee t n/a transmitter ground 1) 1) common transmitter and receiver ground within the module. 2) a high signal indicates a laser fault of some kind and that laser is switched off. 3) a low signal switches the transmitter on. a high signal or when not connected switches the transmitter off. 4) mod-def(2) is the data line of two wire serial interface for serial id. 5) mod-def(1) is the clock line of two wire serial interface for serial id. 6) mod-def(0) is grounded by the module to indicate that the module is present. 7) a low signal indicates normal operation, light is present at receiver input. a high signal indicates the received optical power is below the worst case receiver sensitivity. 8) should be pulled up on host board to v cc by 4.7 - 10 k ? . 9) ac coupled inside the transceiver. must be terminated with 100 ? differential at the user serdes. 10) ac coupled and 100 ? differential termination inside the transceiver.
v23848-n15-c56 v23848-n15-c456 description preliminary product information 4 2003-08-13 description the infineon oc-48 sfp transceiver ? part of infineon isfp family ? is based on the physical medium depend (pmd) sublayer and baseband medium compliant to sonet oc-48 sr-1 (telcordia gr-253-core) and sdh stm i-16 (itu-t g.957). the appropriate fiber optic cable is 9 m single mode fiber with lc? connector. the infineon isfp single mode transceiver is a single unit comprised of a transmitter, a receiver, and an lc? receptacle. this transceiver supports the lc? connectorization concept. it is compatible with rj-45 style backpanels for high end datacom and telecom applications while providing the advantages of fiber optic technology. the infineon single mode oc-48 transceiver is a single unit comprised of a transmitter, a receiver, and an lc receptacle. this design frees the customer from many alignment and pc board layout concerns. the module is designed for low cost lan and applications with datarates from 155 mbit/s to 2.67 gbit/s. it can be used as the network end device interface in workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, and intelligent hubs, as well as local and wide area atm switches. this transceiver operates at oc-48 speed from a single power supply (+3.3 v). the 100 ? differential data inputs and outputs are lvpecl and cml compatible. supported link lengths category within standard reach unit min. max. 1) 1) maximum reach over fiber type sm-g.652 as defined by itu-t g.957 and telcordia gr-253-core standards. longer reach possible depending upon link implementation. sdh stm i-16 0 2,000 meters sonet oc-48 sr-1 0 12,000
v23848-n15-c56 v23848-n15-c456 description preliminary product information 5 2003-08-13 functional description of isfp transceiver this transceiver is designed to transmit serial data via single mode cable. figure 2 functional diagram the receiver component converts the optical serial data into lvpecl compatible electrical data (rd+ and rd?). the loss of signal (los) shows whether an optical signal is present. the transmitter converts lvpecl compatible electrical serial data (td+ and td?) into optical serial data. data lines are differentially 100 ? terminated. the transmitter contains a laser driver circui t that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects laser fault to guarantee the laser eye safety. laser driver power control limiting amp tia o/e o/e laser e/o rx coupling unit td + td ? tx disable tx fault rd ? los rd + tx coupling unit single mode fiber monitor automatic shut-down eeprom digital diagnostic monitoring interface alarm and warning flags mod-def(2) mod-def(1) file: 1354
v23848-n15-c56 v23848-n15-c456 description preliminary product information 6 2003-08-13 the transceiver contains a supervisory circuit to control the power supply. this circuit makes an internal reset signal whenever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. a low signal on txdis enables transmitter. if txdis is high or not connected the transmitter is disabled. an enhanced digital diagnostic monitoring interface (intelligent) has been incorporated into the infineon small form-factor pluggable (sfp) transceiver. this allows real time access to transceiver operating parameters, based on the sff-8472. this transceiver features internal cali bration. measurements are calibrated over operating temperature and voltage and must be interpreted as defined in sff-8472. the transceiver generates this diagnostic data by digitization of internal analog signals monitored by a new diagnostic integrated circuit (ic). this diagnostic ic has inbuilt sensors to include alarm and warning thresholds. these threshold values are set during device manufacture and therefore allow the user to determine when a particular value is outside of its operating range. alarm and warning flags are given. alarm flags indicate conditions likely to be associated with an inoperational link and cause for immediate action. warning flags indicate conditions outside the normally guaranteed bounds but not necessarily causes of immediate link failures. these enhanced features are in addition to the existing sfp features provided by the manufacturer i.e. serial number and other vendor specific data. the serial id interface defines a 256 byte memory map in eeprom, accessible over a 2 wire, serial interface at the 8 bit address 1010000x (a0h). the digital diagnostic monitoring interface makes use of the 8 bit address 1010001x (a2h), so the originally defined serial id memory map remains unchanged and is therefore backward compatible. digital diagnostic monitoring parameters parameter accuracy sff-8472 accuracy actual tx optical power 3 db 2 db rx optical power 3 db 2 db bias current 10% 10% power supply voltage 3% 3% transceiver temperature 3c 3c
v23848-n15-c56 v23848-n15-c456 description preliminary product information 7 2003-08-13 regulatory compliance feature standard comments esd: electrostatic discharge to the electrical pins eia/jesd22-a114-b (mil-std 883d method 3015.7) class 1c immunity: against electrostatic discharge (esd) to the duplex lc receptacle en 61000-4-2 iec 61000-4-2 discharges ranging from 2kv to 15 kv on the receptacle cause no damage to transceiver (under recommended conditions). immunity: against radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 10 v/m, noise frequency ranges from 10 mhz to 2 ghz. no effect on transceiver performance between the specification limits. emission: electromagnetic interference (emi) fcc 47 cfr part 15, class b en 55022 class b cispr 22 noise frequency range: 30 mhz to 18 ghz
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 8 2003-08-13 technical data exceeding any one of these values may permanently destroy the device. absolute maximum ratings parameter symbol limit values unit min. max. data input voltage v id max v cc +0.5 v differential data input voltage swing v id pk-pk 5 v storage ambient temperature t s ?40 85 c operating case temperature 1) 1) operating case temperature measured at transceiver reference point (in cage through 2nd centre hole from rear, see figure 9 ). t c ?40 85 c storage relative humidity rh s 595% operating relative humidity rh o 585% supply voltage v cc max 4v data output current i data 50 ma receiver optical input power rx p max 3dbm
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 9 2003-08-13 electrical characteristics parameter symbol limit values unit min. typ. max. common supply voltage v cc ? v ee 2.97 3.3 3.63 v in-rush current 1) i ir max 30 ma power dissipation p 1w transmitter differential data input voltage swing 2) v id pk-pk 500 3200 mv tx disable voltage tx dis 2 v cc v tx enable voltage tx en v ee 0.8 v tx fault high voltage tx fh 2.4 v cc v tx fault low voltage tx fl v ee 0.5 v reset threshold 3) v th 2.5 2.75 2.85 v reset time out 3) t res 140 240 300 ms supply current 4) i tx 150 ma receiver differential data output voltage swing 5) v od pk-pk 370 1000 mv los active los a 2.4 v cc v los normal los n v ee 0.5 v jitter generation (pk-pk) j pk-pk rx 0.07 ui jitter generation (rms) j rms rx 0.007 ui rise time 6) t r-rx 175 ps fall time 6) t f-rx 175 ps power supply noise rejection 7) psnr 100 mv pp supply current 4) 8) i rx 130 ma 1) measured with msa recommended supply filter network ( figure 6 ). maximum value above that of the steady state value. 2) internally ac coupled. typical 100 ? differential input impedance. 3) laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . 4) msa defines maximum current at 300 ma. 5) internally ac coupled. load 50 ? to gnd or 100 ? differential. for dynamic measurement a tolerance of 50 mv should be added. 6) measured values are 20% - 80%.
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 10 2003-08-13 7) measured using a 20 hz to 1 mhz sinusoidal modulation with the msa recommended power supply filter network ( figure 6 ) in place. a change in sensitivity of less than 1 db can be typically expected. 8) supply current excluding rx output load.
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 11 2003-08-13 optical characteristics parameter symbol limit values unit min. typ. max. transmitter launched power (average) 1) p o ?10 ?6 ?3 dbm launched power (average) bol 1) p o bol ?9 dbm extinction ratio (dynamic) er 8.2 db extinction ratio (dynamic) bol er bol 9.2 db center wavelength c 1270 1360 nm spectral width (rms) i 2.5 nm relative intensity noise rin ?120 db/hz tx disable laser output power p o-txdis ?45 dbm optical eye mask 2) compliant to standards jitter generation (pk-pk) 3) j pk-pk tx 0.04 0.05 ui jitter generation (rms) 3) j rms tx 0.002 0.005 ui rise time 4) t r-tx 150 ps fall time 4) t f-tx 190 ps receiver 5) saturation (average power) 6) p sat 0dbm sensitivity (average power) 6) 7) @ 2.67 gbit/s @ 2.488 gbit/s @ 1.25 gbit/s @ 622 mbit/s @ 155 mbit/s p in ?22 ?22 ?23 ?24 ?25 ?20 ?20 ?20 ?20 ?20 dbm los assert level 8) p losa ?37 dbm los deassert level 9) p losd ?21 dbm los hysteresis p losa ? p losd 0.5 2.5 db input center wavelength c 1260 1570 nm reflectance 10) rx ref ?33 ?27 db path penalty 10) rx pen 1db
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 12 2003-08-13 1) into single mode fiber, 9 m diameter. 2) transmitter eye is compliant to itu-t g.957 i-16 and sonet oc-48 sr. measured with 10% eye mask margin. 3) the transceiver is specified to meet the sonet/sdh jitter performance as outlined in itu-t g.958 and telcordia gr-253. jitter generation is defined as the amount of jitter that is generated by the transceiver. the jitter generation specifications are referenced to the optical oc-48 signals. if no or minimum jitter is applied to the electrical inputs of the transmitter, then jitter generation can simply be defined as the amount of jitter on the tx optical output. the sonet specifications for jitter generation are 0.01 ui rms, maximum and 0.1 ui pk-pk, maximum. both are measured with a 12 khz - 20 mhz filter in line. a ui is a unit interval, which is equivalent to one bit slot. at oc-48, the bit slot is 400 ps, so the jitter generation specification translates to 4 ps rms, max. and 40 ps pk-pk, max. 4) values are 20% - 80%, filtered and measured at nominal data rate. 5) receiver characteristics are measured with a worst case reference laser. 6) measured with 8.2 db extinction ratio and a 2 23 ?1 nrz prbs as recommended by ansi t1e1.2, sonet oc-48, and itu-t g.957 i-16. 7) minimum average optical power at which the ber is less than 1x10 ?10 as defined by sonet and itu-t standards. for 1.25 gbit/s (gigabit ethernet) a ber of less than 1x10 ?12 is given. 8) an increase in optical power above the specified level will cause the los output to switch from a high state to a low state. 9) a decrease in optical power below the specified level will cause the los to change from a low state to a high state. 10) sonet oc-48 and itu-t g.957 i-16 standards.
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 13 2003-08-13 timing of control and status i/o parameter symbol limit values unit condition min. max. tx disable assert time t_off 10 s time from rising edge of tx disable to when the optical output falls below 10% of nominal tx disable negate time t_on 1 ms time from falling edge of tx disable to when the modulated optical output rises above 90% of nominal time to initialize, including reset of tx fault t_init 300 ms from power on or negation of tx fault using tx disable tx fault assert time t_fault 100 s time from fault to tx fault on tx disable to reset t_reset 10 s time tx disable must be held high to reset tx fault los assert time t_loss_on 100 s time from los state to rx los assert los deassert time t_loss_off 100 s time from non-los state to rx los deassert
v23848-n15-c56 v23848-n15-c456 technical data preliminary product information 14 2003-08-13 i/o timing of soft control and status functions parameter symbol max. value unit condition tx disable assert time t_off 100 ms time from tx disable bit set 1) until optical output falls below 10% of nominal tx disable deassert time t_on 100 ms time from tx disable bit cleared until optical output rises above 90% of nominal time to initialize, including reset of tx fault t_init 300 ms time from power on or negation of tx fault using tx disable until transmitter output is stable 2) tx fault assert time t_fault 100 ms time from fault to tx fault bit set los assert time t_loss_on 100 ms time from los state to rx los bit set los deassert time t_loss_off 100 ms time from non-los state to rx los bit cleared rate select change time t_rate_sel 100 ms time from change of state of rate select bit 1) until receiver bandwidth is in conformance with appropriate specification serial id clock rate 3) f_serial_clock 400 khz n/a analog parameter data ready t_data 1000 ms from power on to data ready, bit 0 of byte 110 set serial bus hardware ready t_serial 300 ms time from power on until module is ready for data transmission 1) measured from falling clock edge after stop bit of write transaction. 2) see gigabit interface converter (gbic). sff-0053, rev. 5.5, september 27, 2000. 3) the maximum clock rate of the serial interface is defined by the i 2 c bus interface standard.
v23848-n15-c56 v23848-n15-c456 eye safety preliminary product information 15 2003-08-13 eye safety this laser based multimode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11 except for deviations pursuant to laser notice 50, dated july 26, 2001. to meet laser safety requirements the transceiver shall be operated within the absolute maximum ratings. attention: all adjustments have been made at the factory prior to shipment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. note: failure to adhere to the above restrictions could result in a modification that is considered an act of ?manufacturing?, and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). figure 3 required labels figure 4 laser emission laser data wavelength 1310 nm accessible emission limit (as defined by iec: 7 mm aperture at 14 mm distance) 15.6 mw class 1 laser product iec complies with 21 cfr 1040.10 and 1040.11 fda file: 1401 tx rx indication of laser aperture and beam 20 11 file: 1333 top view
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 16 2003-08-13 application notes emi recommendations to avoid electromagnetic radiation exceeding the required limits set by the standards, please take note of the following recommendations. when gigabit switching components are found on a pcb (e.g. multiplexer, serializer-deserializer, clock data recovery, etc.), any opening of the chassis may leak radiation; this may also occur at chassis slots other than that of the device itself. thus every mechanical opening or aperture should be as small as feasible and its length carefully considered. on the board itself, every data connection should be an impedance matched line (e.g. strip line or coplanar strip line). data (d) and data-not (dn) should be routed symmetrically. vias should be avoided. where internal termination inside an ic or a transceiver is not present, a line terminating resistor must be provided. the decision of how best to establish a ground depends on many boundary conditions. this decision may turn out to be critical for achieving lowest emi performance. at rf frequencies the ground plane will always carry some amount of rf noise. thus the ground and v cc planes are often major radiators inside an enclosure. as a general rule, for small systems such as pci cards placed inside poorly shielded enclosures, the common ground scheme has often proven to be most effective in reducing rf emissions. in a common ground scheme, the pci card becomes more equipotential with the chassis ground. as a result, the overall radiation will decrease. in a common ground scheme, it is strongly recommended to provide a proper contact between signal ground and chassis ground at every location where possible. this concept is designed to avoid hotspots which are places of highest radiation, caused when only a few connections between chassis and signal grounds exist. compensation currents would concentrate at these connections, causing radiation. however, as signal ground may be the main cause for parasitic radiation, connecting chassis ground and signal ground at the wrong place may result in enhanced rf emissions. for example, connecting chassis ground and signal ground at a front panel/bezel/chassis by means of a fiber optic transceiver/cage may result in a large amount of radiation especially where combined with an inadequate number of grounding points between signal ground and chassis ground. thus the transceiver becomes a single contact point increasing radiation emissions. even a capacitive coupling between signal ground and chassis ground may be harmful if it is too close to an opening or an aperture. for a number of systems, enforcing a strict separation of signal ground from chassis ground may be advantageous, providing the housing does not present any slots or other discontinuities. this separate ground concept seems to be more suitable in large systems where appropriate shielding measures have also been implemented. the return path of rf current must also be considered. thus a split ground plane between tx and rx paths may result in severe emi problems.
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 17 2003-08-13 the bezel opening for a transceiver should be sized so that all contact springs of the transceiver cage make good electrical contact with the face plate. please consider that the pcb may behave like a dielectric waveguide. with a dielectric constant of 4, the wavelength of the harmonics inside the pcb will be half of that in free space. thus even the smallest pcbs may have unexpected resonances. large systems can have many openings in the front panel for sfp transceivers. in typical applications, not all of these ports will hold transceivers; some may be intentionally left empty. these empty slots can emit significant amounts of radiation. thus it is strongly recommended that empty ports be plugged with an emi plug as shown in figure 5 . infineon offers an emi/dust plug, p/n v23818-s5-b1. infineon proposes figure 5 cage: infineon technologies part number: v23838-s5-n1 cage emi/dust plug: infineon technologies part number: v23818-s5-b1 host board connector: tyco electronics part number: 1367073-1 file: 1521 cage isfp host board connector host board dust plug cage emi/dust plug
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 18 2003-08-13 eeprom serial id memory contents (a0h) addr. hex ascii name/description addr. hex ascii name/description 0 03 identifier 32 20 vendor name 104 extended identifier 33 20 207 connector 34 20 300 transceiver optical compatibility 35 20 401 3600 reserved 500 3700 vendor oui 600 3803 700 3919 8 00 40 56 v vendor part number 900 41322 10 00 42 33 3 11 05 encoding 43 38 8 12 19 br, nominal 44 34 4 13 00 reserved 45 38 8 14 02 length (9 m) - km 46 2d - 15 14 length (9 m) 47 4e n 16 00 length (50 m) 48 31 1 17 00 length (62.5 m) 49 35 5 18 00 length (copper) 50 2d - 19 00 reserved 51 43 c 20 49 i vendor name 52 1) 1) 21 6e n 53 2) 2) 22 66 f 54 3) 3) 23 69 i 55 20 24 6e n 56 30 0 vendor revision, product status dependent 25 65 e 57 31 1 26 6f o 58 2e . 27 6e n 59 30 0 28 20 60 05 wavelength 29 41 a 61 1e 30 47 g 62 00 reserved 31 20 63 check sum of bytes 0 - 62
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 19 2003-08-13 64 00 transceiver signal options 96 20 vendor specific eeprom 65 1a 97 20 66 07 br, maximum 98 20 67 5e br, minimum 99 20 68 vendor serial number 100 20 69 101 20 70 102 20 71 103 20 72 104 20 73 105 20 74 106 20 75 107 20 76 108 20 77 109 20 78 110 20 79 111 20 80 112 20 81 113 20 82 114 20 83 115 20 84 vendor manufacturing date code 116 20 85 117 20 86 118 20 87 119 20 88 120 20 89 121 20 90 122 20 91 123 20 92 68 diagnostic monitoring type 124 20 93 b0 enhanced options 125 20 94 01 sff-8472 compliance 126 20 95 check sum of bytes 64 - 94 127 20 128 - 255 vendor specific. reserved for future use. addr. hex ascii name/description addr. hex ascii name/description
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 20 2003-08-13 digital diagnostic monitoring interface ? intelligent 1) for v23848-n15-c56 address = 52, hex = 35, ascii = 5, for v23848-n15-c456 address = 52, hex = 34, ascii = 4. 2) for v23848-n15-c56 address = 53, hex = 36, ascii = 6, for v23848-n15-c456 address = 53, hex = 35, ascii = 5. 3) for v23848-n15-c56 address = 54, hex = 20, for v23848-n15-c456 address = 54, hex = 36, ascii = 6. alarm and warning thresholds (2-wire address a2h) address # bytes name description value 00 - 01 2 temp high alarm msb at low address 95c 1) 1) measurement is taken internal to an ic located on the underside of the isfp pcb. 02 - 03 2 temp low alarm msb at low address ?40c 1) 04 - 05 2 temp high warning msb at low address 90c 1) 06 - 07 2 temp low warning msb at low address ?35c 1) 08 - 09 2 voltage high alarm msb at low address 3.7 v 2) 2) transceiver voltage measured after input filter with typical 0.1 v voltage drop. 10 - 11 2 voltage low alarm msb at low address 2.85 v 2) 12 - 13 2 voltage high warning msb at low address 3.63 v 2) 14 - 15 2 voltage low warning msb at low address 2.97 v 2) 16 - 17 2 bias high alarm msb at low address 90.1 ma 18 - 19 2 bias low alarm msb at low address 4.1 ma 20 - 21 2 bias high warning msb at low address 79.9 ma 22 - 23 2 bias low warning msb at low address 5.1 ma 24 - 25 2 tx power high alarm msb at low address ?2 dbm 26 - 27 2 tx power low alarm msb at low address ?10.5 dbm 28 - 29 2 tx power high warning msb at low address ?3 dbm 30 - 31 2 tx power low warning msb at low address ?9.5 dbm 32 - 33 2 rx power high alarm msb at low address ?2 dbm 34 - 35 2 rx power low alarm msb at low address ?21 dbm 36 - 37 2 rx power high warning msb at low address ?3 dbm 38 - 39 2 rx power low warning msb at low address ?20 dbm 40 - 55 16 reserved reserved for future monitored quantities
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 21 2003-08-13 calibration constants for external calibration option (2-wire address a2h) address # bytes name description value 56 - 59 4 rx_pwr (4) single precision floating point calibration data, rx optical power. 0 60 - 63 4 rx_pwr (3) 0 64 - 67 4 rx_pwr (2) 0 68 - 71 4 rx_pwr (1) 1 72 - 75 4 rx_pwr (0) 0 76 - 77 2 tx_i (slope) fixed decimal (unsigned) calibration data, laser bias current. 1 78 - 79 2 tx_i (offset) fixed decimal (signed two?s complement) calibration data, laser bias current. 0 80 - 81 2 tx_pwr (slope) fixed decimal (unsigned) calibration data, transmitter coupled output power. 1 82 - 83 2 tx_pwr (offset) fixed decimal (signed two?s complement) calibration data, transmitter coupled output power. 0 84 - 85 2 t (slope) fixed decimal (unsigned) calibration data, internal module temperature. 1 86 - 87 2 t (offset) fixed decimal (signed two?s complement) calibration data, internal module temperature. 0 88 - 89 2 v (slope) fixed decimal (unsigned) calibration data, internal module supply voltage. 1 90 - 91 2 v (offset) fixed decimal (signed two?s complement) calibration data, internal module supply voltage. 0 92 - 94 3 reserved reserved 95 1 check sum byte 95 contains the low order 8 bits of the sum of bytes 0 - 94.
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 22 2003-08-13 a/d values and status bits (2-wire address a2h) byte bit name description converted analog values. calibrated 16 bit data. 96 all temperature msb internally measured module temperature 1) 97 all temperature lsb 98 all v cc msb internally measured supply voltage in transceiver 2) 99 all v cc lsb 100 all tx bias msb internally measured tx bias current 3) 101 all tx bias lsb 102 all tx power msb measured tx output power 4) 103 all tx power lsb 104 all rx power msb measured rx input power 5) 105 all rx power lsb 106 all reserved msb reserved for 1st future definition of digitized analog input 107 all reserved lsb reserved for 1st future definition of digitized analog input 108 all reserved msb reserved for 2nd future definition of digitized analog input 109 all reserved lsb reserved for 2nd future definition of digitized analog input optional status/control bits 110 7 tx disable state digital state of the tx disable input pin 110 6 soft tx disable read/write bit that allows software disable of laser. writing 1 disables laser. not implemented. 110 5 reserved 110 4 rx rate select state digital state of the sfp rx rate select input pin
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 23 2003-08-13 110 3 soft rx rate select read/write bit that allows software rx rate select. writing 1 selects full bandwidth operation. not implemented. 110 2 tx fault digital state of the tx fault output pin 110 1 los digital state of the los output pin 110 0 data_ready_bar indicates transceiver has achieved power up and data is ready 111 7 - 0 reserved reserved 1) temperature measurement is performed on an ic located on the underside of the isfp pcb. the accuracy is 3c. 2) the tx voltage v cc t is monitored, with accuracy of 3%. 3) the accuracy of bias current measurement is 10%. 4) the accuracy of the tx optical power measurement is 2 db. 5) the accuracy of the rx optical power measurement is 2 db. a/d values and status bits (2-wire address a2h) (cont?d) byte bit name description
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 24 2003-08-13 alarm and warning flags (2-wire address a2h) byte bit name description 112 7 temp high alarm set when internal temperature exceeds high alarm level 112 6 temp low alarm set when internal temperature is below low alarm level 112 5 v cc high alarm set when internal supply voltage exceeds high alarm level 112 4 v cc low alarm set when internal supply voltage is below low alarm level 112 3 tx bias high alarm set when tx bias current exceeds high alarm level 112 2 tx bias low alarm set when tx bias current is below low alarm level 112 1 tx power high alarm set when tx output power exceeds high alarm level 112 0 tx power low alarm set when tx output power is below low alarm level 113 7 rx power high alarm set when received power exceeds high alarm level 113 6 rx power low alarm set when received power is below low alarm level 113 5 reserved alarm 113 4 reserved alarm 113 3 reserved alarm 113 2 reserved alarm 113 1 reserved alarm 113 0 reserved alarm 114 all reserved 115 all reserved 116 7 temp high warning set when internal temperature exceeds high warning level 116 6 temp low warning set when internal temperature is below low warning level 116 5 v cc high warning set when internal supply voltage exceeds high warning level
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 25 2003-08-13 116 4 v cc low warning set when internal supply voltage is below low warning level 116 3 tx bias high warning set when tx bias current exceeds high warning level 116 2 tx bias low warning set when tx bias current is below low warning level 116 1 tx power high warning set when tx output power exceeds high warning level 116 0 tx power low warning set when tx output power is below low warning level 117 7 rx power high warning set when received power exceeds high warning level 117 6 rx power low warning set when received power is below low warning level 117 5 reserved warning 117 4 reserved warning 117 3 reserved warning 117 2 reserved warning 117 1 reserved warning 117 0 reserved warning 118 all reserved 119 all reserved vendor specific memory addresses (2-wire address a2h) address # bytes name description 120 -127 8 vendor specific vendor specific user eeprom (2-wire address a2h) address # bytes name description 128 - 247 120 user eeprom user writable eeprom 248 - 255 8 vendor specific vendor specific control functions alarm and warning flags (2-wire address a2h) (cont?d) byte bit name description
v23848-n15-c56 v23848-n15-c456 application notes preliminary product information 26 2003-08-13 single mode 1300 nm isfp transceiver, ac/ac ttl figure 6 recommended host board supply filtering network figure 7 example isfp host board schematic host board isfp module 3.3 v v cc r v cc t v ee r v ee t file: 1304 1 h 10 f 0.1 f 0.1 f 10 f 0.1 f 1 h xx nf 1) xx nf 1) 1) design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. short trace lengths are mandatory. pld / pal 1) design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. short trace lengths are mandatory. serdes ic tx disable protocol v cc protocol v cc 3.3 v 16 17 14 v cc t 15 v cc r 3.3 v 0.1 f 0.1 f 0.01 f 0.01 f 10 f mod-def(0) file: 1303 mod-def(1) mod-def(2) 4.7 to 10 k ? 4.7 to 10 k ? 4.7 to 10 k ? preamp & quantizer laser driver 1 h 1 h tx fault protocol ic los tx disable tx fault td? td+ rd+ rd? v ee t v ee r los infineon isfp transceiver 0.01 f 0.01 f 10 f 0.1 f xx nf 1) xx nf 1) 100 ? 4.7 to 10 k ? 4.7 to 10 k ? 4.7 to 10 k ? 100 ?
v23848-n15-c56 v23848-n15-c456 package outlines preliminary product information 27 2003-08-13 package outlines figure 8 figure 9 dimensions in mm file: 1215 47.5 56.5 10.3 11.6 1.34 8.5 13.7 13.4 13.7 6.25 dimensions in mm file: 1224 29.80 transceiver temperature reference point
edition 2003-08-13 published by infineon technologies ag, st.-martin-strasse 53, d-81541 mnchen, germany ? infineon technologies ag 2003. all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies representatives worldwide. warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life-support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. for questions on technology, delivery and prices please contact the infineon technologies offices in germany or the infineon technologies companies and representatives worldwide: see our webpage at http://www.infineon.com. v23848-n15-c56 v23848-n15-c456 revision history: 2003-08-13 ds4 previous version: 2003-07-24 page subjects (major changes since last revision) 19 table ? eeprom serial id memory contents (a0h) ? changed


▲Up To Search▲   

 
Price & Availability of OC-48STM-16SM1300NM2KM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X