Part Number Hot Search : 
CV311 RCA34R 2SD880O 2SK1315L 5553CRM W91430N MNR4G FSDM0565
Product Description
Full Text Search
 

To Download LB1205M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. o0808 ms / 71598rm(ki) no.5916-1/3 LB1205M overview the LB1205M is a 4-unit, high withstand voltage (65v), large- current (1.5a) darlington driver array with input low active configuration and sync output. features ? 4-unit, high withstand voltage design (65v), large-current (1.5a) darlington driver. ? pnp input type (low active). ? on-chip spark killer diodes. ? on-chip input protection diodes. ? capable of being driven directly from 5v operated cmos, ttl. specifications absolute maximum ratings at ta = 25 c parameter symbol conditions ratings unit v dd max 7.0 v maximum supply voltage v cc max 62 v output supply voltage v o max 65 v input supply voltage v in max v in gnd v dd -7.0 to v dd -10.0 v output current i o max 1.5 a spark killer diode forward current i fs 1.5 a independent ic 0.65 w allowable power dissipation pd max mounted on the recommended pcb 1.7 w operating temperature topr -20 to +75 c storage temperature tstg -55 to +150 c monolithic digital ic high-voltage, large-current darlington driver orderin g numbe r : en5916a www.datasheet.co.kr datasheet pdf - http://www..net/
LB1205M no.5916-2/3 allowable operating conditions at ta = 25 c parameter symbol conditions ratings unit supply voltage range v dd 3.5 to 7.0 v input ?on? level voltage v in on v in gnd, i o = 1.0a v dd -7.0 to v dd -2.6 v input ?off? level voltage v in off i o 30 a v dd -0.3 to v dd +10.0 v electrical characteristics at ta = 25 c, v dd = 5v ratings parameter symbol conditions min typ max unit v o sat1 v in = v dd -5.0v, i o = 0.5a 1.2 v v o sat2 v in = v dd -5.0v, i o = 1.0a 1.5 v output saturation voltage v o sat3 v in = v dd -5.0v, i o = 1.5a 2.0 v output sustain voltage v o sus i o = 100ma 65 v input current i in v dd = 7.0v, v in = v dd -7.0v 1.0 ma spark killer diode forward voltage v fs i fs = 1.5a 3.0 v spark killer diode reverse current i rs v cc = 62v, v o = 0v 30 a package dimensions unit : mm (typ) 3097b sanyo : mfp16fs(300mil) 18 9 16 12.5 7.6 5.4 1.35 0.35 1.0 1.5 (2.7) 1.7max 0.1 (1.5) 0.63 0.15 pin assignment 1 2 3 4 5 6 7 8 v cc out1 in1 gnd in2 nc gnd out2 16 15 14 13 12 11 10 9 out4 in4 v dd gnd gnd in3 out3 v cc top view -20 0 20 40 60 80 100 pd max -- ta 75 ambient temperature, ta -- c allowable power dissipation, pd max -- w 0 2.0 1.0 0.5 pd max -- ta 1.5 1.7 0.65 mounted on the recommended pcb independent ic www.datasheet.co.kr datasheet pdf - http://www..net/
LB1205M ps no.5916-3/3 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. equivalent circuit v cc out1 in1 gnd in2 out2 out4 in4 v dd in3 out3 8k ? 13k ? 1.25k ? 20k ? 2k ? this catalog provides information as of october, 2008. specifications and information herein are subject to change without notice. v o sat -- i o 7235723 0.1 1.0 1.0 10 7 5 3 2 7 5 output current, i o -- a output saturation voltage, v o sat -- v www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of LB1205M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X