Part Number Hot Search : 
PN2906 SC250B 5SF125 G240C 8833S HTP6A60 5SF125 30M25
Product Description
Full Text Search
 

To Download CIM-SDA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cim-8 cs-2026 09/01/06 page 1 of 2 description available in eight-zone increments, the conventional input module (cim) monitors conventional type devices such as smoke detectors, heat detectors, manual stations, and other contact type devices connected to gamewell?s if632 and if650 fire alarm control panels (facps). the cim can be programmed to provide remote signal silence, acknowledge, reset, and drill service. each module has a display module providing led annunciation of alarms and troubles. the display module allows custom labeling of each circuit. each zone has a switch on the display module for programming of zone functions, zone bypass, and walk test. standard applications the cim monitors nonaddressable inputs to the if632 and if650 fire alarm panels. each circuit can be individually programmed for fire alarm, security alarm, supervisory alarm, remote reset, acknowledge, signal silence, or drill. zones can also distinguish between contact type devices and a smoke detector in alarm, enhancing the alarm verification capabili- ties on each circuit. operation the cim monitors each circuit?s current; the main cpu then interrogates the cim for the data returned from each circuit. if the cpu detects an off- normal reading, the system executes its programmed response. if the cpu receives a trouble response back from the module, the system will initiate the appropriate trouble sequence. if the response from the module indicates a device in alarm, the cpu will identify the type of device and will initiate the pre-programmed alarm sequence. features ? eight circuit modules. ? compatible with if632 and if650 systems. ? module removal without disturbing field wiring. ? led annunciation of alarm and trouble per zone. ? tactile switch per zone for programming and bypass. ? style b, c, d, and e wiring. ? requires one bus position in the if632 or if650. ? alarm verification per zone. ? supervisory service. ? compatible with two- or four-wire devices. ? distinguishes between contact devices and conventional smoke detectors. specifications refer to installation instructions for maximum allowable two-wire detectors per zone. standby current 100 ma (8-circuit cim). alarm current 86 ma per active circuit. listings listings and approvals below apply to the conventional input module. in some cases, certain modules may not be listed by certain approval agencies, or listing may be in process. consult factory for latest listing status. ? ul listed: file s521. ? csfm approved: files 7165-1288:144, 7165-1288:146. ? mea approved: file 132-95-e. ? fm approved. cim-8 conventional input module g2026ph1.jpg
cim-8 cs-2026 09/01/06 page 2 of 2 specifications and wiring information are provided for information only and are believed to be accurate. gamewell-fci assumes no responsibility for their use. data and design are subject to change without notice. installation and wiring instructions shipped with the product shall always be used for actual installation. for more information, contact gamewell-fci. gamewell-fci 12 clintonville road northford, ct 06472-1610 phone: 203-484-7161 fax: 203-484-7118 www.gamewell-fci.com a honeywell company ? 2006 gamewell-fci engineer?s specifications conventional input modules shall be provided for the monitoring of conventional style input devices such as smoke detectors, thermal detectors, manual stations, etc., as required. the conventional input modules shall be gamewell 600 series conventional input modules gamewell model number cim-8. this module is capable of being wired for style b (class b), c, d (class a), and e circuits. beyond normal alarm and supervisory functions, the zone circuits are programmable for remote acknowledge, reset, and signal silence. ordering information cim-8 eight-circuit, xp95 protocol, conventional input module with standard display, mount- ing hardware, terminal strip, and ribbon cable. CIM-SDA eight-circuit, xp95 protocol, style d (class a) adapter module.


▲Up To Search▲   

 
Price & Availability of CIM-SDA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X