Part Number Hot Search : 
TM162W MS24660 MRF6P 40C100A BP60270 NCP5220 Y7C63 PZU22BL
Product Description
Full Text Search
 

To Download BYG20J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byg20d - BYG20J ultrafast avalanche rectifiers prv : 200 - 600 volts io : 1.5 amperes features : * glass passivated junction * low profile package * ideal for automated placement * low reverse current * soft recovery characteristics * ultrafast reverse recovery time * pb / rohs free mechanical data : * case : sma molded plastic * epoxy : ul94v-o rate flame retardant * polarity : color band denotes cathode end * mounting position : any * weight : 0.060 gram (approximately) maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise noted. symbol byg20d byg20g BYG20J unit maximum repetitive peak reverse voltage v rrm 200 400 600 v maximum average forward current i f(av) 1.5 a peak forward surge current 10 ms single half sine wave superimposed on rated load maximum instantaneous at i f = 1 a, tj = 25 c 1.3 forward voltage (1) at i f = 1.5 a, tj = 25 c 1.4 maximum dc reverse current at v r = v rrm , tj = 25 c i r 1.0 at v r = v rrm , tj = 100 c i r(h) 10 maximum reverse recovery time ( i f = 0.5 a, i r = 1.0 a, irr = 0.25 a) typical thermal resistance, junction to lead r ?jl 25 c/w typical thermal resistance, junction to ambient (2) r ?ja 150 c/w pulse energy in avalanche mode, non repetitive (inductive load switch off) i (br)r = 1a, tj = 25 c operating junction and storage temperature range t j , t stg - 55 to + 150 c notes : (1) pulse tes t : 300 s pulse width , 1 % dut y cycle (2) mounted on epoxy-glass hard tissue page 1 of 2 rev. 0 3 : september 18, 2008 e r 20 mj a trr ns 75 v f v rating a i fsm 30 2.3 0.2 sma 1.6 0.25 5.3 0.35 4.2 0.25 2.6 0.15 dimensions in millimeters 1.3 0.2 1.6 0.25 iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
rating and characteristic curves ( byg20d - BYG20J ) fig.1 - max. average forward current fig.2 - diode capacitance vs. vs. ambient temperature reverse voltage 0 25 50 75 100 125 150 0.1 1.0 10 ambient temperature, ( c) reverse voltage, (v) fig.3 - forward current vs. fig.4 - reverse current vs. forward voltage junction temperature 0 0.5 1.0 1.5 2.0 2.5 3.0 25 50 75 100 125 150 page 2 of 2 rev. 03 : september 18, 2008 1.2 0.9 0.6 0.3 1.5 100 20 0 25 0 15 10 5 1.0 0.1 1.0 10 junction temperature, (c) diode capacitance, (pf) average forward current, (a) forward current, (a) reverse current, ( a) 0.01 f = 1 mhz t j = 25 c v r = v rrm half sine wave r ? ja 25 k / w 10 0.001 forward voltage, (v) t j = 150 c v r = v rrm iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm


▲Up To Search▲   

 
Price & Availability of BYG20J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X