Part Number Hot Search : 
93LC66CE 1SS141 1C1XX AN131 1SMB6 99002 S15VTA80 DS2164Q
Product Description
Full Text Search
 

To Download APM2801BC-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p - c h a n n e l e n h a n c e m e n t m o d e m o s f e t w i t h s c h o t t k y d i o d e c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 2 8 0 1 b f e a t u r e s a p p l i c a t i o n s p o w e r m a n a g e m e n t i n n o t e b o o k c o m p u t e r , p o r t a b l e e q u i p m e n t a n d b a t t e r y p o w e r e d s y s t e m s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n apm2801 handling code temp. range package code package code b : sot-25 operating junction temp. range c : -55 to 150 c handling code tu : tube tr : tape & reel lead free code l : lead free device blank : original device apm2801b : m81x xxxxx - date code lead free code t o p v i e w o f s o t - 2 5 m o s f e t - 2 0 v / - 1 . 5 a , r d s ( o n ) = 1 4 5 m w ( t y p . ) @ v g s = - 4 . 5 v r d s ( o n ) = 1 8 0 m w ( t y p . ) @ v g s = - 2 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a v a i l a b l e ( r o h s c o m p l i a n t ) s b d l o w f o r w a r d v o l t a g e p - c h a n n e l m o s f e t s b d (3)a (4)c (1)g (5)d (2)s n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s a n d c o m p a t i b l e w i t h b o t h s n p b a n d l e a d - f r e e s o l d i e r i n g o p e r a t i o n s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j s t d - 0 2 0 c f o r m s l c l a s s i f i c a - t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 2 a p m 2 8 0 1 b a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit [mosfet] v dss drain - source voltage - 20 v gss gate - source voltage 10 v i d continuous drain current - 1.5 i dm 300 m s pulsed drain current v gs = - 4.5v - 6 a i s diode continuous forward current - 1 a t j maximum junction tempera ture 150 t stg storage temperature range - 55 to 150 c t a =25 c 0.83 p d maximum power dissipation t a =100 c 0.3 w r q ja * thermal resistance - junction to ambient 150 c / w [sbd] v rrm repetitive peak reverse voltage 20 v i fsm maximum peak forward surge current 5.5 a note : *surface mounted on 1in2 pad area, t 10sec. apm 2801b symbol parameter test condition min. typ. max. unit [mosfet] static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds = - 250 m a - 20 v v ds = - 16 v, v gs =0v - 1 i dss zero gate voltage drain current t j =85 c - 30 m a v gs(th) gate threshold voltage v ds =v gs , i ds = - 250 m a - 0.45 - 0.6 - 1 v i gss gate leakage current v gs = 10 v, v ds =0v 100 na v gs = - 4.5v, i ds = - 1.5 a 145 190 r ds(on) a drain - source on - state resistance v gs = - 2. 5v, i ds = - 1 a 180 235 m w v sd a diode forward voltage i sd = - 0 .5 a , v gs =0v - 0.7 - 1.3 v
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 3 a p m 2 8 0 1 b e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm 2801b symbol parameter test condition min. typ. max. unit [mosfet] dynamic characteristics b c iss input capacitance 255 c oss output capacitance 70 c rss reverse transfer capacitance v gs =0v, v ds = - 20v, f requency =1.0mhz 45 pf t d(on) tur n - on delay time 6 10 t r turn - on rise time 8 12 t d(off) turn - off delay time 9.8 15 t f turn - off fall time v dd = - 10 v, r l =10 w , i d s = - 1 a, v gen = - 4.5v , r g =6 w 5 10 ns gate charge characteristics b q g total gate charge 4 6 q gs gate - source charge 0.6 q gd gate - drain charge v ds = - 10 v, v gs = - 4.5 v, i d s = - 1.5 a 0.7 nc [sbd] v r reverse voltage i r =0.5ma 20 v v f1 i f =10ma 0.4 v v f2 forward voltage i f =500ma 0.5 v i r reverse current v r =15v 200 m a c b junction capacitance v r =10v, f requency =1.0mh z 45 pf notes : a : pulse test ; pulse width 3 00 m s, duty cycle 2%. b : guaranteed by design, not subject to production testing.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 4 a p m 2 8 0 1 b 1e-4 1e-3 0.01 0.1 1 10 30 0.01 0.1 1 2 mounted on 1in 2 pad r q ja : 150 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5 t y p i c a l c h a r a c t e r i s t i c s -i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a - v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) -i d - drain current (a) 0 20 40 60 80 100 120 140 160 0.0 0.2 0.4 0.6 0.8 1.0 0 20 40 60 80 100 120 140 160 0.0 0.4 0.8 1.2 1.6 2.0 0.01 0.1 1 10 100 0.01 0.1 1 10 20 rds(on) limit 1s t a =25 o c 10ms 300 m s 1ms 100ms dc p - c h a n n e l m o s f e t normalized transient thermal resistance
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 5 a p m 2 8 0 1 b r ds(on) - on - resistance ( w ) d r a i n - s o u r c e o n r e s i s t a n c e - i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e - v d s - d r a i n - s o u r c e v o l t a g e ( v ) -i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s t r a n s f e r c h a r a c t e r i s t i c s - v g s - g a t e - s o u r c e v o l t a g e ( v ) -i d - drain current (a) normalized threshold voltage t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) 0 1 2 3 4 0 2 4 6 8 10 -2.5v -2v v gs = -3 thru -10v 0 2 4 6 8 10 0.04 0.08 0.12 0.16 0.20 0.24 0.28 v gs = -2.5v v gs = -4.5v 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 0 1 2 3 4 5 6 t j =125 o c t j =25 o c t j =-55 o c -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i ds = -250 m a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 6 a p m 2 8 0 1 b - v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) - v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d -i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) -v gs - gate - source voltage (v) t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 r on @t j =25 o c: 145m w v gs = -4.5v i ds = -1.5a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 1 6 t j =150 o c t j =25 o c 0 4 8 12 16 20 0 100 200 300 400 500 frequency=1mhz crss coss ciss 0 1 2 3 4 5 0 1 2 3 4 5 v ds =-10 v i ds =-1.5 a
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 7 a p m 2 8 0 1 b 0.0 0.2 0.4 0.6 0.8 1.0 0.01 0.1 1 6 t a =125 o c 50 o c 100 o c 75 o c t a =25 o c t y p i c a l c h a r a c t e r i s t i c s ( c o n t . ) s b d 0 3 6 9 12 15 1e-7 1e-6 1e-5 1e-4 1e-3 0.01 0.1 150 o c 100 o c 75 o c 50 o c t a =25 o c 0 5 10 15 20 25 0 50 100 150 200 frequency=1mhz v f - f o r w a r d v o l t a g e ( v ) i f - forward current (a) i f - v f i r - v r v r - r e v e r s e v o l t a g e ( v ) i r - reverse current (a) c - v r v r - r e v e r s e v o l t a g e ( v ) c - capacitance (pf)
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 8 a p m 2 8 0 1 b p a c k a g i n g i n f o r m a t i o n s o t - 2 3 - 5 e1 e1 e b 1 2 3 4 5 e d a2 a a1 l 2 l l 1 a millimeters inches dim min. max. min. max. a 0.95 1.45 0.037 0.057 a1 0.05 0.15 0.002 0.006 a2 0.90 1.30 0.035 0.051 b 0.30 0.50 0.011 0.019 d 2.8 3.00 0.110 0.118 e 2.6 3.00 0.102 0.118 e1 1.5 1.70 0.059 0.067 e 0.95bsc 0.037bsc e1 1.90bsc 0.07 4bsc l 0.35 0.55 0.014 0.022 l1 0.20 bsc 0.008 bsc l2 0.5 0.7 0.020 0.028 n 5 5 a 0 10 0 10
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 9 a p m 2 8 0 1 b terminal material solder - plated copper (solder material : 90/10 or 63/37 snpb) , 100%sn lead solderability meets eia specification rsi86 - 91, ansi/j - std - 002 category 3. t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p r e f l o w c o n d i t i o n ( i r / c o n v e c t i o n o r v p r r e f l o w ) c l a s s i f i c a t i n r e f l o w p r o f i l e s p h y s i c a l s p e c i f i c a t i o n s profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat - temperature min (tsmin) - temperature max (tsmax) - time (min to max) (ts) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 180 seconds time maintained above: - temperature (t l ) - time (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak /classificatioon temperature (tp) see table 1 see table 2 time within 5 c of actual peak temperature (tp) 10 - 30 seconds 20 - 40 seconds ramp - down rate 6 c/se cond max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. notes: all temperatures refer to topside of the package .measured on the body surface.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 1 0 a p m 2 8 0 1 b c a r r i e r t a p e & r e e l d i m e n s i o n s t ao e w po p ko bo d1 d f p1 test item method description solderability mil-std-883d-2003 245c,5 sec holt mil-std 883d-1005.7 1000 hrs bias @ 125c pct jesd-22-b, a102 168 hrs, 100% rh, 121c tst mil-std 883d-1011.9 -65c ~ 150c, 200 cycles r e l i a b i l i t y t e s t p r o g r a m table 1. snpb entectic process ? package peak reflow temperature s package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 240 +0/ - 5 c 225 +0/ - 5 c 3 2.5 mm 225 +0/ - 5 c 225 +0/ - 5 c table 2. pb - free process ? package classification reflow temperatures package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 +0 c* 260 +0 c* 260 +0 c* 1.6 mm ? 2.5 mm 260 +0 c* 250 +0 c* 245 +0 c* 3 2.5 mm 250 +0 c* 245 +0 c* 245 +0 c* *tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means peak reflow temperature +0 c. for example 260 c+0 c) at the rated msl level. c l a s s i f i c a t i n r e f l o w p r o f i l e s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . b . 4 - j u n . , 2 0 0 5 w w w . a n p e c . c o m . t w 1 1 a p m 2 8 0 1 b application a b c j t1 t2 w p e 178 1 72 1.0 13.0 + 0.2 2.5 0.15 8.4 2 1.5 0.3 8.0+ 0.3 - 0.3 4 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sot-23-5 3.5 0.05 1.5 +0.1 1.5 +0.1 4.0 0.1 2.0 0.1 3.15 0.1 3.2 0.1 1.4 0.1 0.2 0.03 a n p e c e l e c t r o n i c s c o r p . h e a d o f f i c e : 5 f , n o . 2 l i - h s i n r o a d , s b i p , h s i n - c h u , t a i w a n , r . o . c . t e l : 8 8 6 - 3 - 5 6 4 2 0 0 0 f a x : 8 8 6 - 3 - 5 6 4 2 0 5 0 t a i p e i b r a n c h : 7 f , n o . 1 3 7 , l a n e 2 3 5 , p a c c h i a o r d . , h s i n t i e n c i t y , t a i p e i h s i e n , t a i w a n , r . o . c . t e l : 8 8 6 - 2 - 8 9 1 9 1 3 6 8 f a x : 8 8 6 - 2 - 8 9 1 9 1 3 6 9 application carrier width cover tape width devices per reel sot-23-5 8 5.3 3000 c u s t o m e r s e r v i c e c o v e r t a p e d i m e n s i o n s c a r r i e r t a p e & r e e l d i m e n s i o n s ( c o n t . ) a j b t2 t1 c ( m m )


▲Up To Search▲   

 
Price & Availability of APM2801BC-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X