Part Number Hot Search : 
CHN217 2SD386A F186M C244D L2500 B7758 LT1P53A 56F80
Product Description
Full Text Search
 

To Download 2SB1184-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SB1184-P pnp silicon epitaxial transistors features maximum ratings symbol rating rating unit v ceo collector-emitter v oltage -50 v v cb o col lector- b ase voltage -6 0 v v eb o e m itter -b ase voltage -5 .0 v i c col lector cur r ent -3.0 a p c co l lector p ower dissipation 1 .0 w t j junction temperature 150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 : unless otherwise specified symbol parameter min typ max units v (br)cbo collector-base breakdown voltage (i c =-50uadc, i e =0) -60 --- --- vdc i cb o col lector- b a se cutoff current (v cb =-40vdc,i e =0) --- --- -1 .0 ua d c i ebo emitter-base cutoff current (v eb =-4vdc, i c =0) -- - --- -1.0 u adc h fe(1) dc current gain (i c =-0.5adc, v ce =-3.0vdc) 82 --- 390 --- v ce(sat) collector-emitter saturation voltage (i c =-2adc, i b =-200madc) -- - --- - 1.0 v dc f t transition frequency (v ce =-5vdc, i c =-500madc,f=30mhz) 70 --- mhz c ob collector output capacitance (v cb =-10vdc, i e =0,f=1.0mhz) -- - 5 0 --- pf revision: a 2011/01/01   
 omponents 20736 marilla street chatsworth       
     mcc tm micro commercial components classification of h fe (1) rank p q r range 82 -18 0 120-270 180-390 www. mccsemi .com 1 of 4 2sb 1184-q 2sb11 84-r v (br)ceo collector-emitter breakdown voltage (i c =-1madc, i b =0) -50 --- --- vdc v (br)ebo emitter-base breakdown voltage (i e =-50uadc, i c =0) -5 --- --- vdc lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) low collector saturation voltage execllent current-to-gain characteristics maximum thermal resistance: 125 o c/w junction to ambient dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 pin 1. base pin 2. collector pin 3. emitter inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 1 2 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 l 0.055 0.067 1.40 1.70 m 0.063 1.60 q 0.000 0.012 0.00 0.30 v 0.211 5.35 dpak e epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
revision: a 2011/01/01 mcc tm micro commercial components www. mccsemi .com 2 of 4 2sb1184
revision: a 2011/01/01 mcc tm micro commercial components www. mccsemi .com 3 of 4 2s b 11 84
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 2 . 5 k p c s / r e e l ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 2SB1184-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X