Part Number Hot Search : 
221NA 1N6286CA ADT7483A ZMY36 GRM155R7 F1205 SDT1627 32M16
Product Description
Full Text Search
 

To Download 2SA1064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2SA1064 description ? with to-3 package ? low collector saturation voltage ? complement to type 2sc2488 ? high transition frequency applications ? for audio frequency amplifier and high power amplifier applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -150 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -5 v i c collector current -8 a i cm collector current-peak -12 a p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -65~150 ?? fig.1 simplified outline (to-3) and symbol
jmnic product specification 2 silicon pnp power transistors 2SA1064 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-0.1a ;i b =0 -150 v v cesat collector-emitter saturation voltage i c =-8a ;i b =-0.8a -2.0 v v be base-emitter on voltage i c =-8a;v ce =-5v -2.5 v i cbo collector cut-off current v cb =-70v; i e =0 -1 ma i ebo emitter cut-off current v eb =-5v; i c =0 -2 ma h fe-1 dc current gain i c =-1a ; v ce =-5v 40 280 h fe-2 dc current gain i c =-8a ; v ce =-5v 20 f t transition frequency i c =-0.5a ; v ce =-5v 50 mhz ? h fe-1 classifications r q p o 40-80 60-120 90-180 140-280
jmnic product specification 3 silicon pnp power transistors 2SA1064 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SA1064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X